Part Number Hot Search : 
AD558S MTRPB TOLD9231 C1206 L8022 PB0126SS 9516L25 612NGME
Product Description
Full Text Search
 

To Download BL431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification programmable shunt regulator BL431 document number: bl/sssr171 www.galaxycn.com rev.a 1 features z programmable output voltage to 36 volts. z low dynamic output impedance 0.20 typical z sink current capability of 1.0 to 100ma z equivalent full-range tem perature coefficient of 50ppm/ typical z temperature compensated for operation over full rated operating temperature range z low output noise voltage sot-23 z fast turn-on response ordering information type no. marking package code BL431 431 sot-23 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit cathode voltage v ka 37 v cathode current range(continuous) i ka -100~+150 ma reference input current range i ref 0.05~-10 ma power dissipation d,z suffix package n suffix package p d 770 1000 mw operating temperature range t opr -25~+85 storage temperature range t stg -65to+150 recommended operating conditions parameter symbol min typ max unit cathode voltage v ka v ref - 36 v cathode current i ka 1.0 - 100 ma pb lead-free
bl galaxy electrical production specification programmable shunt regulator BL431 document number: bl/sssr171 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol conditions min. typ. max. unit reference input voltage v ref v ka =v ref ,i ka =10ma 2.44 2.495 2.55 v deviation of reference input voltage over-temperature (note1) ? v ref / ? t v ka =v ref ,i ka =10ma, t min t a t max 4.5 17 mv ? v ka =10v-v ref -10 -2.7 ratio of change in reference input voltage to the change in cathode voltage ? v ref / ? v ka i ka = 10ma ? v ka =36v-10v -0.5 -2.0 mv/v reverse input current i ref i ka =10ma, r 1 =10k ? ,r 2 = 1.5 4 a deviation of reference input currrent over full temperature range ? i ref / ? t i ka =10ma, r 1 =10k ? ,r 2 = t a =full range 0.4 1.2 a minimun cathode current for regulation i ka(min v ka = v ref 0.45 1.0 ma off-stage cathode current i ka(off) v ka =36v, v ref =0 0.05 1.0 a dynamic impedance(note2) z za v ka = v ref , i ka =1 to 100ma f 1.0khz 0.15 0.5 ? ?t min =-25 ,t max =+85 typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification programmable shunt regulator BL431 document number: bl/sssr171 www.galaxycn.com rev.a 3
bl galaxy electrical production specification programmable shunt regulator BL431 document number: bl/sssr171 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm device package shipping BL431 sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of BL431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X