|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BB409 series 0.4mm pitch mated height=0.9mm p.c board conn. , smt, dual row, straight _ ? ?
e e x x t t r r e e m m e e l l y y s s m m a a l l l l s s i i z z e e 40 p ositions shown low profile ? fpc Y?g 0.9mm K@M?g??B? the 0.9mm board-to-board distance makes these co nnectors ideal for limited space applications. ?R???c large variety of number of contacts ? 10 12 14 ? 80 cx??O?r?????M available with 10 12 14 ? 80 contacts. ^??M| click sensation c?Y?rl@??X?e???o?Y? positive click sensation when completely mated confir ms correct insertion and connection of all contacts. 0.25mm YL mating length 0.25mm ?Y???S 0.25mm ?x the effective mating length has been extended to ensur e that there is some latitude in the mating. ???Y? high contact reliability ? 0.9mm ?Y?gY??????oo?????S ?B? while achieving a low profile of 0.9mm between pcbs, th e female contacts maintain reliable spring force assuring secure electrical contact. ? features - 0.9 mmx low profile - 0.9mm board-to-board distance ?M?D board-to-board application fpc ?M?D board-to-fpc application board ? board female 0.9 board male 0.9 ? female fpc male 0.25mm YL mating length 0.25mm 0.25 ???Y? high contact reliability ??? female contact male contact ?? ?CXP?XC ??a??B?C mobile phones, pda?s, notebook pc?s , digital cameras and othe r miniature devices. bb 409 - xxx x - xx xxx 1 2 3 4 5 6 1 ?Q series name bb 2 ?? series number 409 3 c number of contacts 010 - 080 4 M?? assembly style m - male f - ? female 5 b? packaging ta - ?b embossed tape tu - b tube 6 p? plating 05g - 5? 5? gold over nickel 10g - 10? 10? gold over nickel male ^zw housing : l.c.p ? color : ? white ?? (ul94v-0) flammability rating (ul94v-0) ? contacts : S~ brass plating : ?? see ordering information ? female ^zw housing : l.c.p ? color : ? white ?? (ul94v-0) flammability rating (ul94v-0) ? contacts : ~ phosphor bronze plating : ?? see ordering information S? operating voltage 50v ac/dc S current rating 0.3a ac/dc ??? operating temperature -25c ~ +85c (?^a?N?) (including terminal temperature rise) m??a? applications a?a ordering information | material ? rating ? item y ? l test condition ? requirement electrical performance contact resistance mate connectors , measure by dry circuit, 20mv max., 10ma. 90 m max. insulation resistance mate connectors; apply 125v dc between adjacent terminal and ground. (mil-std-202 method 302) 100 m min. dielectric strength mate connectors; apply 125v ac (rms) for 1 minute between adjacent terminal and ground. (mil-std-202 method 301) no breakdown C mechanical performance insertion force pos. 100gf (0.981n) max. insertion and withdrawal force insert and withdraw connectors at the speed rate of 25 3 mm/minute. withdrawal force pos. 6gf (0.0588n) min. terminal / housing retention force apply axial pull out force at the speed rate of 25 3 mm/minute on the terminal assembled in the housing. 50gf (0.4905n) min. h environmental performance and others repeated insertion/ withdrawal when mated up to 10 cycles repeatedly by the rate of 10 cycles per minute. contact resistance 100 m max. temperature rise carrying rated current load. (ul 498) temperature rise 30 c max. amplitude: sweep time: 1.5mm p-p 10 55 10 hz in 1 minute appearance no damage duration: 2 hours in each x.y.z. axes contact resistance 100 m max. vibration (mil-std-202 method 201) discontinuity 1 sec. max. appearance no damage contact resistance 100 m max. shock 490m/s 2 (50g), 3 strokes in each x.y.z. axes. (mil-std-202 method 213) discontinuity 1 sec. max. appearance no damage heat resistance 85 2c, 96hours (mil-std-202 method 108) contact resistance 100 m max. appearance no damage cold resistance -40 3c, 96hours contact resistance 100 m max. temperature: relative humidity: 60 2c 90 95% appearance no damage duration: 96 hours contact resistance 100 m max. dielectric strength no breakdown humidity (mil-std-202 method 103) insulation resistance 50 m min. performance ? item y ? l test condition ? requirement 5 cycles of: a) -55c 30minutes b) +85c 30minutes appearance no damage temperature cycling contact resistance 100 m max. 48 4 hours exposure to a salt spray from the 51% solution at 35 2 c appearance no damage salt spray contact resistance 100 m max. 24 hours exposure to 50 5ppm. so 2 gas at 40 2 c appearance no damage so 2 gas contact resistance 100 m max. solderability soldering time: 3 0.5 sec. solder temperature: 230 5 c solder wetting 95% of immersed area must show no voids, pinholes. resistance to soldering heat refer to infrared reflow condition appearance no damage 250c max.(peak temp.) 3sec. or less (c) 230c min. / 20 40 sec. 250 230 200 150 100 50 25c (60 sec.) (60 90 sec.) (30 sec.) 0 start (pre-heat 150c max.) time(seconds) t??? infrared reflow condition performance pcb layout no. of contacts part no. dim. a dim. b dim. c no. of contacts part no. dim. a dim. b dim. c 10 BB409-010f-xxxxx 1.6 2.4 4.4 46 BB409-046f-xxxxx 8.8 9.6 11.6 12 BB409-012f-xxxxx 2.0 2.8 4.8 48 BB409-048f-xxxxx 9.2 10.0 12.0 14 BB409-014f-xxxxx 2.4 3.2 5.2 50 BB409-050f-xxxxx 9.6 10.4 12.4 16 BB409-016f-xxxxx 2.8 3.6 5.6 52 BB409-052f-xxxxx 10.0 10.8 12.8 18 BB409-018f-xxxxx 3.2 4.0 6.0 54 BB409-054f-xxxxx 10.4 11.2 13.2 20 BB409-020f-xxxxx 3.6 4.4 6.4 56 BB409-056f-xxxxx 10.8 11.6 13.6 22 BB409-022f-xxxxx 4.0 4.8 6.8 58 BB409-058f-xxxxx 11.2 12.0 14.0 24 BB409-024f-xxxxx 4.4 5.2 7.2 60 BB409-060f-xxxxx 11.6 12.4 14.4 26 BB409-026f-xxxxx 4.8 5.6 7.6 62 BB409-062f-xxxxx 12.0 12.8 14.8 28 BB409-028f-xxxxx 5.2 6.0 8.0 64 BB409-064f-xxxxx 12.4 13.2 15.2 30 BB409-030f-xxxxx 5.6 6.4 8.4 66 BB409-066f-xxxxx 12.8 13.6 15.6 32 BB409-032f-xxxxx 6.0 6.8 8.8 68 BB409-068f-xxxxx 13.2 14.0 16.0 34 BB409-034f-xxxxx 6.4 7.2 9.2 70 BB409-070f-xxxxx 13.6 14.4 16.4 36 BB409-036f-xxxxx 6.8 7.6 9.6 72 BB409-072f-xxxxx 14.0 14.8 16.8 38 BB409-038f-xxxxx 7.2 8.0 10.0 74 BB409-074f-xxxxx 14.4 15.2 17.2 40 BB409-040f-xxxxx 7.6 8.4 10.4 76 BB409-076f-xxxxx 14.8 15.6 17.6 42 BB409-042f-xxxxx 8.0 8.8 10.8 78 BB409-078f-xxxxx 15.2 16.0 18.0 44 BB409-044f-xxxxx 8.4 9.2 11.2 80 BB409-080f-xxxxx 15.6 16.4 18.4 ? dimensions / female housing contact 0.15 (1) (0.4) c (b) a 0.05 pitch=0.4 0.035 3.65 0.3 0.1 0.675 0.6 3.5 0.23 a (c) (3.65) + 0.15 + + 0.1 + 0.03 pitch=0.4 + 0.05 0.05 + 0.05 + + 0.1 0.1 + 0.6 + 0.1 0.15 + + 0.1 0.15 + 0.15 + 0.05 0.1 + 0.3 pcb layout no. of contacts part no. dim. a dim. b dim. c no. of contacts part no. dim. a dim. b dim. c 10 BB409-010m-xxxxx 1.6 2.43 3.23 46 BB409-046m-xxxxx 8.8 9.63 10.43 12 BB409-012m-xxxxx 2.0 2.83 3.63 48 BB409-048m-xxxxx 9.2 10.03 10.83 14 BB409-014m-xxxxx 2.4 3.23 4.03 50 BB409-050m-xxxxx 9.6 10.43 11.23 16 BB409-016m-xxxxx 2.8 3.63 4.43 52 BB409-052m-xxxxx 10.0 10.83 11.63 18 BB409-018m-xxxxx 3.2 4.03 4.83 54 BB409-054m-xxxxx 10.4 11.23 12.03 20 BB409-020m-xxxxx 3.6 4.43 5.23 56 BB409-056m-xxxxx 10.8 11.63 12.43 22 BB409-022m-xxxxx 4.0 4.83 5.63 58 BB409-058m-xxxxx 11.2 12.03 12.83 24 BB409-024m-xxxxx 4.4 5.23 6.03 60 BB409-060m-xxxxx 11.6 12.43 13.23 26 BB409-026m-xxxxx 4.8 5.63 6.43 62 BB409-062m-xxxxx 12.0 12.83 13.63 28 BB409-028m-xxxxx 5.2 6.03 6.83 64 BB409-064m-xxxxx 12.4 13.23 14.03 30 BB409-030m-xxxxx 5.6 6.43 7.23 66 BB409-066m-xxxxx 12.8 13.63 14.43 32 BB409-032m-xxxxx 6.0 6.83 7.63 68 BB409-068m-xxxxx 13.2 14.03 14.83 34 BB409-034m-xxxxx 6.4 7.23 8.03 70 BB409-070m-xxxxx 13.6 14.43 15.23 36 BB409-036m-xxxxx 6.8 7.63 8.43 72 BB409-072m-xxxxx 14.0 14.83 15.63 38 BB409-038m-xxxxx 7.2 8.03 8.83 74 BB409-074m-xxxxx 14.4 15.23 16.03 40 BB409-040m-xxxxx 7.6 8.43 9.23 76 BB409-076m-xxxxx 14.8 15.63 16.43 42 BB409-042m-xxxxx 8.0 8.83 9.63 78 BB409-078m-xxxxx 15.2 16.03 16.83 44 BB409-044m-xxxxx 8.4 9.23 10.03 80 BB409-080m-xxxxx 15.6 16.43 17.23 dimensions / male housing contact pitch=0.4 (0.415) (0.4) 0.17 2.265 0.4 0.1 2.35 (2.265) 0.25 (c) + 0.15 0.675 0.05 + 0.15 0.035 c 0.15 + (b) a + 0.1 0.05 + + 0.03 pitch=0.4 + 0.05 a 0.05 + 0.05 + 0.6 + 0.1 0.1 + 0.6 0.1 + + 0.1 0.1 + 0.4 0.15 + no. of contacts part no. dim.a dim.b dim.c 10 12 BB409-010f-taxxx BB409-012f-taxxx 12 5.5 ----- 14 32 BB409-014f-taxxx BB409-032f-taxxx 16 7.5 ----- 34 68 BB409-034f-taxxx BB409-068f-taxxx 24 11.5 ----- 70 80 BB409-070f-taxxx BB409-080f-taxxx 32 14.2 28.4 ? tape & reel tape & reel dimensions / female 330 a 2 100 13 pull out direction 0.05mm. 0.3 + _ _ + 0.2. note: 5.thickness : are provided on both sides. for tape width (dimension a) 32mm pilot holes 6.component load per 13'' reel : 5000pcs. 4.all dimensions meet eia-481-b requirements. 2.carrier camber is within 1 mm in 250mm. a pilot hole is provided on one side. 7.for tape width (dimension a) 12/16 and 24mm 3.material : black conduc tive polystyrene alloy 1.10 sprocket hole pitch cumulative tolerance 1.7 1.4 1.1 pull out direction 4 pitch 1.5 2 8.0 1.75 n o t e 7 a b b c 0.05 + 0.1 + 0 + 0.1 0.1 + + 0.1 + 0 . 0 5 0 . 3 + pull out direction 1.7 1.4 1.1 0 . 3 a n o t e 7 0 . 1 + + 0 . 0 5 + 0 + 0.1 1.5 0.1 + + 0.1 1.75 8.0 0.1 + + 0.05 2 pitch 4 no. of contacts part no. dim.a dim.b dim.c 10 12 BB409-010m-taxxx BB409-012m-taxxx 12 5.5 ----- 14 32 BB409-014m-taxxx BB409-032m-taxxx 16 7.5 ----- 34 68 BB409-034m-taxxx BB409-068m-taxxx 24 11.5 ----- 70 80 BB409-070m-taxxx BB409-080m-taxxx 32 14.2 28.4 tape & reel tape & reel dimensions / male 1.10 sprocket hole pitch cumulative tolerance 3.material : black conductive polystyrene alloy 7.for tape width (dimension a) 12/16 and 24mm a pilot hole is provided on one side. 2.carrier camber is within 1 mm in 250mm. 4.all dimensions meet eia-481-b requirements. 6.component load per 13'' reel : 5000pcs. for tape width (dimension a) 32mm pilot holes are provided on both sides. 5.thickness : note: 0.2. + _ _ + 0.3 0.05mm. pull out direction 13 100 2 a pull out direction pull out direction 1.7 1.4 1.1 0.1 + + 0.1 0.1 + 0 + 0.1 + 0.05 1.75 8.0 2 1.5 pitch 4 + 0 . 3 0 . 0 5 + b a n o t e 7 4 pitch 2 0.05 + + 0.1 8.0 1.75 0.1 + + 0.1 1.5 0.1 + 0 + 0 . 0 5 + + 0 . 1 n o t e 7 a 0 . 3 c b 1.7 1.4 1.1 330 ? instruction upon usage Y E? B???, S?0.3mm?. Y E ?,?X. Y E ?m???^, K""X???Y. ???. !! ?Y?rA??^, p??. 0.3mm 0.3mm 3 max. c l i c k c l i c k c l i c k c l i c k joining step 1 to place the parts in parallel position, the tolerance is within 0.3mm. pullout the pullout force should react highly balance. warning!! in case the inclined angle between two parts exceeds 3 , the components could be damaged. joining step 2 to press the overlying part balanced into the underlined, then it resists. joining step 3 to continuing the press movement tills the resistance overcome, a prominent sound of interlock indicates the joining is complete. 3 max. Y D mated drawing female BB409-xxxf-xxxxx male BB409-xxxm-xxxxx 2.265 0.4 0.4 3.065 1.095 3.65 0.3 0.3 4.25 0.035 0.9 0.035 0.25 |
Price & Availability of BB409 |