Part Number Hot Search : 
95CW06C2 Q68000 74HC14DB MSC8004 15005 P7350H3 B90N6T 90583C
Product Description
Full Text Search
 

To Download B65525J0000R049 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet data sheet date: september 2006 ? epcos ag 2006. reproduction, publication and dissemination of this data sheet and the information contained therein without epcos? prior express consent is prohibited. ferrites and accessories er 11/5 planar core and accessories series/type: b65525, b65526
2 09/06 please read cautions and warnings and important notes at the end of this document. to iec 62317-9 for transformers featuring high inductance and low overall height delivery mode: sets magnetic characteristics (per set) l / a= 1.1 mm ?1 l e = 14.1 mm a e = 12.4 mm 2 v e = 174 mm 3 approx. weight 0.85 g/set ungapped gapped material a l value nh e ordering code n49 800 +30/?20% 715 B65525J0000R049 n87 1200 +30/?20% 1050 b65525j0000r087 t38 6400 +40/?30% 5600 b65525j0000y038 material a l value nh s approx. mm e ordering code n87 160 3% 0.08 140 b65525j0160a087 fek0222-q 0.35 11 6 0.2 0.2 5 3+0.3 ?4.25 0.2 ?8.7+0.3 s _ _ _ _ b65525 planar core er 11/5
3 09/06 please read cautions and warnings and important notes at the end of this document. smd coil former with gullwing terminals material: gfr liquid crystal polymer (ul 94 v-0, insulation class to iec 60085: f max. operating temperature 155 c), color code black zenite 7130 ? [ e41938 (m) ] , e i dupont de nemours & co inc solderability: to iec 60068-2-58, te st td, method 6 (group 3): 245 c, 3 s resistance to solder ing heat: to iec 60068-2-58, test td, method 6 (group 3): 255 c, 10 s permissible soldering temperature for wire-wrap connection on coil former: 400 c, 1 s winding: see ?processing notes? , page 10 yoke material: stainless spring steel (0.15 mm) coil former ordering code sections a n mm 2 l n mm a r value ? terminals 1 3.3 21.6 225 10 b65526b1010t001 yoke b65526a2000x000 8,6 0,3 4,3+0,1 2 4 x 2 = 8 1 2 3 4 5 6 7 8 9 10 1,5 2 1,2 4 x 2 = 8 empfehlung fr das leiterplattenlayout 1,7 markierung fr stift 1 0,8 b a 7,4 0,1 ?5,2 _ 6,2 _ 9,3 0,2 _ 0,4 0,05 2,9 0,1 _ 0,55 0,1 _ _ 1,3 0,1 _ 4,7 0,1 10,50,2 _ 0,7 0,05 _ 7,7 0,3 8,55 _ 0,1 0,3 12,3 _ recommended pcb layout marking of pin 1 coil former yoke fek0414-c 5,70,1 section a-b 11,2 5,1+0,2 1,40,1 2,5 5 b a 2,50,1 fek0285-n 8,6 4,3+0,1 2 4 x 2 = 8 1 2 3 4 5 6 7 8 9 10 13,2 1,5 2 1,2 4 x 2 = 8 empfehlung fr das leiterplattenlayout 1,7 fr stift 1 0,8 b a 7,4 10,50,2 _ 0,7 0,05 _ 7,7 0,3 8,55 _ 0,1 0,3 12,3 _ recommended pcb layout marking of pin 1 b65526 accessories er 11/5
4 09/06 ferrites and accessories cautions and warnings mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembling and for a growing number of applications. since ferrites are ceramic materials one has to be aware of the special behavior under mechanical load. as valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially high cooling rates under ultrasonic cleaning and high static or cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see data book 2007, chapter ?general ? definitions, 8.1?. effects of core combination on a l value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is dependent on the stress state of the core. the higher the stresses are in the core, the lower is the value for the initia l permeability. thus the embedding medium should have the greatest possible elasticity. for detailed information see data book 2007, chapter ?general ? definitions, 8.2?. heating up ferrites can run hot during operation at hi gher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can change irreversible in high magnetic fields. processing notes ? the start of the winding process should be soft. else the flanges may be destroid. ? to strong winding forces may blast the flanges or squeeze the tube that the cores can no more be mount. ? to long soldering time at high temperature (>300 c) may effect coplanarity or pin arrangement. ? not following the processing notes for soldering of the j-leg terminals may cause solderability problems at the transformer because of pollution with sn oxyd of the tin bath or burned insulation of the wire. for detailed information see data book 2007, chapter ?processing notes, 2.2?. ? the dimensions of the hole arrangement have fixed values and should be understood as a recommendation for drilling the printed circuit bo ard. for dimensioning the pins, the group of holes can only be seen under certain conditions, as they fit into the given hole arrangement. to avoid problems when mounting the transformer, the manufacturing tolerances for positioning the customers? drilling process mu st be considered by incr easing the hole diameter.
5 09/06 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our produc ts in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our produc ts for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for us e in a particular customer application. 2. we also point out that in individual cases, a malfuncti on of passive electronic components or failure before the end of their usual servic e life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must th erefore be ensure d by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. the warnings, cautions and product- specific notes must be observed . 4. in order to satisfy cert ain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as ?hazardous?) . useful information on th is will be found in our material data sheets on the internet (www.epcos.com/material ). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical a nd electronics industry association (zvei) . 7. the trade names epcos, epcos-jones, baoke, alu-x, ceradiode, cssp, mlsc, phasecap, phasemod, sifi, siferrit, sikorel, silvercap, simid, siov, sip5d, sip5k, ultracap, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B65525J0000R049

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X