Part Number Hot Search : 
BD952F 3640MD 4096XEDD TFS462 45M30A AKD4125 PE44630 GBL06
Product Description
Full Text Search
 

To Download APTGL180A120T3AG11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aptgl180a120t3ag aptgl180a120t3ag ? rev 2 march, 2011 www.microsemi.com 1-5 absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 230 i c continuous collector current t c = 100c 180 i cm pulsed collector current t c = 25c 300 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 940 w rbsoa reverse bias safe operating area t j = 125c 300a @ 1100v these devices are sensitiv e to electrostatic discharge. proper handling procedures should be followe d. see application note apt0502 on www.microsemi.com 29 13 30 31 32 r1 23 22 28 25 27 26 7 8 3 4 18 16 20 19 14 16 15 18 20 23 22 13 11 12 14 8 7 29 30 28 27 26 3 32 31 10 19 2 25 4 pins 29/30/31/32 must be shorted together pins 26/27/28/22/23/25 must be shorted together to achieve a phase leg pins 16/18/19/20 must be shorted together v ces = 1200v i c = 180a @ tc = 100c application ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? trench + field stop igbt 4 technology - low voltage drop - low leakage current - low switching losses - soft recovery parallel diodes - low diode vf - rbsoa and scsoa rated ? very low stray inductance ? kelvin emitter for easy drive ? internal thermistor for temperature monitoring ? high level of integration ? aln substrate for improved thermal performance benefits ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? solderable terminals both for power and signal for easy pcb mounting ? low profile ? easy paralleling due to positive t c of v cesat ? rohs compliant phase leg trench + field stop igbt4 power module
aptgl180a120t3ag aptgl180a120t3ag ? rev 2 march, 2011 www.microsemi.com 2-5 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 300 a t j = 25c 1.8 2.2 v ce(sat) collector emitter saturation voltage v ge = 15v i c = 150a t j = 150c 2.2 v v ge(th) gate threshold voltage v ge = v ce , i c = 5.5 ma 5.0 5.8 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 200 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 9.3 c oes output capacitance 0.58 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 0.5 nf q g gate charge v ge = -8v / 15v ; v ce =600v i c =150a 0.85 c t d(on) turn-on delay time 130 t r rise time 20 t d(off) turn-off delay time 300 t f fall time inductive switching (25c) v ge = 15v v ce = 600v i c = 150a r g = 3 45 ns t d(on) turn-on delay time 150 t r rise time 35 t d(off) turn-off delay time 350 t f fall time inductive switching (150c) v ge = 15v v ce = 600v i c = 150a r g = 3 80 ns e on turn-on switching energy t j = 150c 13.5 mj e off turn-off switching energy v ge = 15v v ce = 600v i c = 150a r g = 3 t j = 150c 14.5 mj i sc short circuit data v ge 15v ; v bus = 900v t p 10s ; t j = 150c 600 a reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v t j = 25c 150 i rm maximum reverse leakage current v r =1200v t j = 125c 600 a i f dc forward current tc = 100c 120 a i f = 120a 2.5 3 i f = 240a 3 v f diode forward voltage i f = 120a t j = 125c 1.8 v t j = 25c 265 t rr reverse recovery time t j = 125c 350 ns t j = 25c 1120 q rr reverse recovery charge i f = 120a v r = 800v di/dt =400a/s t j = 125c 5780 nc
aptgl180a120t3ag aptgl180a120t3ag ? rev 2 march, 2011 www.microsemi.com 3-5 thermal and package characteristics symbol characteristic min typ max unit igbt 0.16 r thjc junction to case thermal resistance diode 0.37 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 4000 v t j operating junction temperature range -40 175 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m4 2.5 4.7 n.m wt package weight 110 g temperature sensor ntc (see application note apt0406 on www.microsemi.com for more information). symbol characteristic min typ max unit r 25 resistance @ 25c 50 k ? r 25 /r 25 5 % b 25/85 t 25 = 298.15 k 3952 k ? b/b t c =100c 4 % ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = t t b r r t 1 1 exp 25 85 / 25 25 sp3 package outline (dimensions in mm) 17 12 28 1 see application note 1901 - mounting instructions for sp3 power modules on www.microsemi.com t: thermistor temperature r t : thermistor value at t
aptgl180a120t3ag aptgl180a120t3ag ? rev 2 march, 2011 www.microsemi.com 4-5 typical performance curve output characteristics (v ge =15v) t j =25c t j =150c 0 50 100 150 200 250 300 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =19v v ge =9v 0 50 100 150 200 250 300 01234 v ce (v) i c (a) t j = 150c transfert characteristics t j =25c t j =150c 0 50 100 150 200 250 300 5 6 7 8 9 10111213 v ge (v) i c (a) energy losses vs collector current eon eoff 0 10 20 30 40 0 50 100 150 200 250 300 i c (a) e (mj) v ce = 600v v ge = 15v r g = 3. ? t j = 150c eon eoff 0 7.5 15 22.5 30 37.5 45 0 5 10 15 20 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 150a t j = 150c switching energy losses vs gate resistance reverse bias safe operating area 0 50 100 150 200 250 300 350 0 300 600 900 1200 v ce (v) i c (a) v ge =15v t j =150c r g =3 ? maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt
aptgl180a120t3ag aptgl180a120t3ag ? rev 2 march, 2011 www.microsemi.com 5-5 hard switching zcs zvs 0 30 60 90 120 150 180 0 40 80 120 160 200 240 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =3 ? t j =150c tc=75c operating frequency vs collector current maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) diode forward characteristic of diode t j =25c t j =125c 0 50 100 150 200 250 300 00.511.522.533.5 v f (v) i f (a) microsemi reserves the right to change, without notice, the specifications and info rmation contained herein


▲Up To Search▲   

 
Price & Availability of APTGL180A120T3AG11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X