Part Number Hot Search : 
NE5750 RPML0524 1025844 MZP4739 621220A SK4104L 107NN5AA ON0527
Product Description
Full Text Search
 

To Download 93070-1501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0930701501 status: active overview: rast_25_connector_system description: 2.50mm (.098") pitch appli-mate rast 2.5 header, vertical, 6 circuits, glow wire compatible, with latch, positioning keys none documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e29179 general product family pcb headers series 93070 application wire-to-board overview rast_25_connector_system product name rast 2.5 physical breakaway no circuits (loaded) 6 circuits detail 6 color - resin natural durability (mating cycles max) 10 first mate / last break no flammability 94v-0 glow-wire compliant yes guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator yes pcb retention none pcb thickness recommended (in) 0.059 in pcb thickness recommended (mm) 1.50 mm packaging type carton pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -20c to +120c termination interface: style through hole electrical current - maximum per contact 6a voltage - maximum 32v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 93070 series
material info reference - drawing numbers packaging specification pk-93070-001 sales drawing sd-93070-001 this document was generated on 06/08/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 93070-1501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X