Part Number Hot Search : 
MBR4045 MCX480D5 980PG0C 50120 2SB1085 2SK31 MMBD1501 BUZ345
Product Description
Full Text Search
 

To Download 74VHCT541AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 june 2001 n high speed: t pd = 4.1 ns (typ.) at v cc = 5v n low power dissipation: i cc = 4 m a (max.) at t a =25c n compatible with ttl outputs: v ih = 2v (min.), v il = 0.8v (max) n power down protection on inputs & outputs n symmetrical output impedance: |i oh | = i ol = 8 ma (min) n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 4.5v to 5.5v n pin and function compatible with 74 series 541 n improved latch-up immunity n low noise: v olp = 0.9v (max.) description the 74vhct541a is an advanced high-speed cmos octal bus buffer (3-state) fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. the 3 state control gate operates as two input and such that if either g1 and g2 are high, all eight outputs are in the high impedance state. in order to enhance pc board layout, the 74vhct541 offers a pinout having inputs and outputs on opposite sides of the package. power down protection is provided on all inputs and outputs and 0 to 7v can be accepted on inputs with no regard to the supply voltage. this device can be used to interface 5v to 3v since all inputs are equipped with ttl threshold. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74vhct541a octal bus buffer with 3 state outputs (non inverted) pin connection and iec logic symbols order codes package tube t & r sop 74VHCT541AM 74VHCT541AMtr tssop 74vhct541attr tssop sop
74vhct541a 2/9 input equivalent circuit pin description truth table x : dont care z : high impedance absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied 1) output in off state 2) high or low state pin no symbol name and function 1, 19 g1 , g2 output enable inputs 2, 3, 4, 5, 6, 7, 8, 9 a1 to a8 data inputs 18, 17, 16, 15, 14, 13, 12, 11 y1 to y8 data outputs 10 gnd ground (0v) 20 v cc positive supply voltage input output g1 g2 an yn hxxz xhxz llhh llll symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage (see note 1) -0.5 to +7.0 v v o dc output voltage (see note 2) -0.5 to v cc + 0.5 v i ik dc input diode current - 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c
74vhct541a 3/9 recommended operating conditions 1) output in off state 2) high or low state 3) vin from 0.8v to 2v dc specifications ac electrical characteristics (input t r = t f = 3ns) (*) voltage range is 5.0v 0.5v symbol parameter value unit v cc supply voltage 4.5 to 5.5 v v i input voltage 0 to 5.5 v v o output voltage (see note 1) 0 to 5.5 v v o output voltage (see note 2) 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time (see note 3) (v cc = 5.0 0.5v) 0 to 20 ns/v symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 4.5 to 5.5 222v v il low level input voltage 4.5 to 5.5 0.8 0.8 0.8 v v oh high level output voltage 4.5 i o =-50 m a 4.4 4.5 4.4 4.4 v 4.5 i o =-8 ma 3.94 3.8 3.7 v ol low level output voltage 4.5 i o =50 m a 0.0 0.1 0.1 0.1 v 4.5 i o =8 ma 0.36 0.44 0.55 ioz high impedance output leakege current 4.5 to 5.5 v i = v ih or v il v o = 0v to 5.5v 0.25 2.5 2.5 m a i i input leakage current 0 to 5.5 v i = 5.5v or gnd 0.1 1.0 1.0 m a i cc quiescent supply current 5.5 v i = v cc or gnd 44040 m a  i cc additional worst case supply current 5.5 one input at 3.4v, other input at v cc or gnd 1.35 1.5 1.5 ma i opd output leakage current 0 v out = 5.5v 0.5 5.0 5.0 m a symbol parameter test condition value unit v cc (*) (v) c l (pf) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t plh t phl propagation delay time 5.0 15 4.1 6.0 1.0 6.5 1.0 6.5 ns 5.0 50 6.2 8.5 1.0 9.5 1.0 9.5 t pzl t pzh output disable time 5.0 15 rl = 1k w 5.0 7.0 1.0 8.0 1.0 8.0 ns 5.0 50 7.5 10.0 1.0 12.0 1.0 12.0 t plz t phz output enable time 5.0 50 rl = 1k w 7.0 10.0 1.0 12.0 1.0 12.0 ns
74vhct541a 4/9 capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /8 (per circuit) dynamic switching characteristics 1) worst case package. 2) max number of outputs defined as (n). data inputs are driven 0v to 3.0v, (n-1) outputs switching and one output at gnd. 3) max number of data inputs (n) switching. (n-1) switching 0v to 3.0v. inputs under test switching: 3.0v to threshold (v ild ), 0v to threshold (v ihd ), f=1mhz. symbol parameter test condition value unit t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 6101010pf c out output capacitance 8pf c pd power dissipation capacitance (note 1) 16 pf symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v olp dynamic low voltage quiet output (note 1, 2) 5.0 c l = 50 pf 0.9 1.1 v v olv -1.1 -0.9 v ihd dynamic high voltage input (note 1, 3) 5.0 2.0 v ild dynamic low voltage input (note 1, 3) 5.0 0.8
74vhct541a 5/9 test circuit c l =15/50pf or equivalent (includes jig and probe capacitance) r l = r1 = 1k w or equivalent r t = z out of pulse generator (typically 50 w ) waveform 1: propagation delays (f=1mhz; 50% duty cycle) test switch t plh , t phl open t pzl , t plz v cc t pzh , t phz gnd
74vhct541a 6/9 waveform 2: output enable and disable time (f=1mhz; 50% duty cycle)
74vhct541a 7/9 dim. mm. inch min. typ max. min. typ. max. a 2.65 0.104 a1 0.1 0.2 0.004 0.008 a2 2.45 0.096 b 0.35 0.49 0.014 0.019 b1 0.23 0.32 0.009 0.012 c 0.5 0.020 c1 45 (typ.) d 12.60 13.00 0.496 0.512 e 10.00 10.65 0.393 0.419 e 1.27 0.050 e3 11.43 0.450 f 7.40 7.60 0.291 0.300 l 0.50 1.27 0.020 0.050 m 0.75 0.029 s8 (max.) so-20 mechanical data po13l
74vhct541a 8/9 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 6.4 6.5 6.6 0.252 0.256 0.260 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop20 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0087225c
74vhct541a information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com 9/9


▲Up To Search▲   

 
Price & Availability of 74VHCT541AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X