Part Number Hot Search : 
DA7375 N111253 1A313 PC810 IRF840 20TTS KSH350 Z5224
Product Description
Full Text Search
 

To Download 6AM14NCHPCH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6am14 silicon n-channel/p-channel power mos fet array application high speed power switching features low on-resistance low drive current high speed switching high density mounting outline sp-12ta 1. 2, 8, 9 3, 7, 10. 4, 6, 11. 5, 12. 1 2 3 4 5 6 7 8 9 11 10 12 5 s 12 s 11 g 6 g 9 g 8 g s 1 4 g pch nch 2 g d 10 d 7 d 3 n-ch source n-ch gate n-ch drain p-ch drain p-ch gate p-ch source
6am14 2 absolute maximum ratings (ta = 25?) ratings item symbol nch pch unit drain to source voltage v dss 60 ?0 v gate to source voltage v gss 20 20 v drain current i d 77 a drain peak current i d(pulse) * 1 28 ?8 a reverse drain current i dr 77 a channel dissipation pch* 2 42 w channel dissipation pch* 2 4.8 w channel temperature tch 150 c storage temperature tstg ?5 to +150 c notes: 1. pw 10 m s, duty cycle 1% 2. value at 6 drive operation
6am14 3 electrical characteristics n channel (ta = 25?) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 60 v i d = 10 ma, v gs = 0 gate to source breakdown voltage v (br)gss 20 v i g = 100 m a, v ds = 0 gate to source leak current i gss 10 m av gs = 16 v, v ds = 0 zero gate voltage drain current i dss 250 m av ds = 50 v, v gs = 0 gate to source cutoff voltage v gs(off) 0.5 1.5 v v ds = 10 v, i d = 1 ma static drain to source on state resistance r ds(on) 0.14 0.2 w i d = 4 a v gs = 4 v* 1 0.22 0.5 w i d = 2 a v gs = 2.5 v* 1 forward transfer admittance |y fs | 4.0 6.5 s i d = 4 a v ds = 10 v* 1 input capacitance ciss 500 pf v ds = 10 v output capacitance coss 240 pf v gs = 0 reverse transfer capacitance crss 30 pf f = 1 mhz turn-on delay time t d(on) 15 ns v gs = 10 v, i d = 4 a rise time t r 90 ns r l = 7.5 w turn-off delay time t d(off) 110 ns fall time t f 250 ns body to drain diode forward voltage v df 1.0 v i f = 7 a, v gs = 0 body to drain diode reverse recovery time t rr 170 ns i f = 7 a, v gs = 0 dif/dt = 50 a/ m s note: 1. pulse test
6am14 4 electrical characteristics p channel (ta = 25?) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss ?0 v i d = ?0 ma, v gs = 0 gate to source breakdown voltage v (br)gss 20 v i g = 100 m a, v ds = 0 gate to source leak current i gss 10 m av gs = 16 v, v ds = 0 zero gate voltage drain current i dss ?50 m av ds = ?0 v, v gs = 0 gate to source cutoff voltage v gs(off) ?.5 ?.5 v v ds = ?0 v, i d = ? ma static drain to source on state resistance r ds(on) 0.12 0.16 w i d = ? a v gs = ? v* 1 0.16 0.3 w i d = ? a v gs = ?.5 v* 1 forward transfer admittance |y fs | 5.0 8.0 s i d = ? a v ds = ?0 v* 1 input capacitance ciss 1450 pf v ds = ?0 v output capacitance coss 590 pf v gs = 0 reverse transfer capacitance crss 120 pf f = 1 mhz turn-on delay time t d(on) 15 ns v gs = ?0 v, i d = ? a rise time t r 75 ns r l = 7.5 w turn-off delay time t d(off) 240 ns fall time t f 180 ns body to drain diode forward voltage v df ?.0 v i f = ? a, v gs = 0 body to drain diode reverse recovery time t rr 210 ns i f = ? a, v gs = 0 dif/dt = 50 a/ m s note: 1. pulse test
6am14 5 6 5 4 3 2 1 0 50 100 150 125 75 25 6 drive operation 4 drive operation 2 drive operation 1 drive operation channel power dissipation pch (mw) ambient temperature ta (?) maximum channel power dissipation curve 60 40 20 0 50 100 150 125 75 25 6 drive operation 4 drive operation 2 drive operation 1 drive operation channel power dissipation pch (mw) case temperature tc (?) maximum channel power dissipation curve
hitachi code jedec eiaj weight (reference value) sp-12ta 6.1 g unit: mm 31.3 24.4 0.1 16.4 0.3 +0.2 ?.3 3.8 3.2 f 2.54 1.4 0.85 0.1 2.2 0.2 0.55 +0.1 ?.06 5.0 0.2 2.0 0.1 10.0 0.3 2.7 3.2 3.0 16.0 0.3 10.5 0.5 123456789101112
cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 1999. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher strae 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to:


▲Up To Search▲   

 
Price & Availability of 6AM14NCHPCH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X