Part Number Hot Search : 
HDC10C MPS412 120A0 AD421BN CS161 MAX8796G SSW7N60 LTC69
Product Description
Full Text Search
 

To Download 40N60SCD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved 1 - 2 335 ixkf 40N60SCD1 coolmos power mosfet with series schottky diode and ultra fast antiparallel diode in high voltage isoplus i4-pac tm features ? fast coolmos power mosfet- 3 rd generation - high blocking voltage - low on resistance - low thermal resistance due to reduced chip thickness  series schottky diode prevents current flow through mosfet?s body diode - very low forward voltage - fast switching  ultra fast hiperfred tm anti parallel diode - low operating forward voltage - fast and soft reverse recovery - low switching losses  isoplus i4-pac tm high voltage package - isolated back surface - low coupling capacity between pins and heatsink - enlarged creepage towards heatsink - enlarged creepage between high voltage pins - application friendly pinout - high reliability - industry standard outline - ul registered e 72873 applications converters with  circuit operation leading to current flow through switches in reverse direction - e. g. - phaseleg with inductive load - resonant circuits  high switching frequency examples  switched mode power supplies (smps)  uninterruptable power supplies (ups)  dc-dc converters  welding converters  converters for inductive heating  drive converters coolmos is a trademark of infineon technologies ag. ixys reserves the right to change limits, test conditions and dimensions. i d25 = 38 a v dss = 600 v r dson = 60 m ? ? ? ? ? t rr = 70 ns mosfet t symbol conditions maximum ratings v dss t vj = 25c to 150c 600 v v gs 20 v i d25 t c = 25c 38 a i d90 t c = 90c 25 a symbol conditions characteristic values (t vj = 25 c, unless otherwise specified) min. typ. max. r dson v gs = 10 v; i d = i d90 60 70 m ? v gsth v ds = 20 v; i d = 3 ma; 2.1 3.9 v i dss v ds = v dss ; v gs = 0 v; t vj = 25c 0.3 ma t vj = 125c 0.5 ma i gss v gs = 20 v; v ds = 0 v 100 na q g 250 nc q gs 25 nc q gd 120 nc t d(on) 20 ns t r 30 ns t d(off) 110 ns t f 10 ns r thjc 0.45 k/w r thjh with heat transfer paste 0.9 k/w v gs = 10 v; v ds = 350 v; i d = 50 a v gs = 10 v; v ds = 380 v; i d = 50 a; r g = 1.8 ? preliminary data e 72873
? 2003 ixys all rights reserved 2 - 2 335 ixkf 40N60SCD1 dimensions in mm (1 mm = 0.0394") component symbol conditions maximum ratings v isol i isol 1 ma; 50/60 hz 2500 v~ t vj -40...+150 c t stg -40...+125 c f c mounting force with clip 20 ... 120 n symbol conditions characteristic values min. typ. max. c p coupling capacity between shorted pins and mounting tab in the case 40 pf d s , d a d pin - s pin 7 mm d s , d a pin - backside metal 5.5 mm weight 9g series schottky diode d s symbol conditions maximum ratings i f25 t c = 25c 60 a i f90 t c = 90c 40 a symbol conditions characteristic values (t vj = 25 c, unless otherwise specified) min. typ. max. v f i f = 20 a; t vj = 25c 0.9 v t vj = 125c 0.7 v r thjc 2 k/w r thjh with heat transfer paste 2.9 k/w anti parallel diode d f symbol conditions maximum ratings i f25 t c = 25c 32 a i f90 t c = 90c 16 a symbol conditions characteristic values (t vj = 25 c, unless otherwise specified) min. typ. max. v f i f = 20 a; t vj = 25c 2.1 2.5 v t vj = 125c 1.4 v i rm i f = 30 a; di f /dt = -500 a/s; t vj = 125c 15 a t rr v r = 600 v; v ge = 0 v 70 ns r thjc 1.3 k/w r thjh with heat transfer paste 2.6 k/w


▲Up To Search▲   

 
Price & Availability of 40N60SCD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X