Part Number Hot Search : 
TFS456 DTA113ED 1PP75 TLP641J BC860CL BSV27 80001 LM134
Product Description
Full Text Search
 

To Download 30453-0400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0304530400 status: active description: 2.00mm (.079") pitch cable holder, vertical, for ribbon cable, with polarization, 4 circuits documents: 3d model product specification ps-30453-0000 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family ribbon cable / wire trap connectors series 30453 component type one piece glow-wire compliant no product name board-in, cable holder physical circuits (loaded) 4 color - resin natural entry angle vertical lock to mating part none material - resin polyester number of rows 1 pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm polarized to mating part n/a polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c wire insulation diameter 1.20mm (.047") max. wire size awg 26 wire/cable type ribbon cable electrical current - maximum per contact 2.25a voltage - maximum 250v material info reference - drawing numbers product specification ps-30453-0000 sales drawing sd-30453-**** series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 30453 series mates with n/a use with topcoated or solid wire ribbon cable this document was generated on 06/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 30453-0400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X