2 sa733 pnp epitaxial planar transistor description t h e 2 s a 733 i s des i g n e d f or use i n d r i v er sta g e o f af a m p l i f i er applications.. absolute maximum ratings ? maximum temperatures storage temperature ............................................................................................... -55~+150 c junction temperature ..................................................................................... +150 c maximum ? maximum power dissipation total power dissipation (ta=25 c) ................................................................................ 250 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ......................................................................................... 60 v vceo collector to emitter voltage ...................................................................................... 50 v vebo emitter to base voltage .............................................................................................. 5 v ic collector current ....................................................................................................... 100 ma ib base current ............................................................................................................... 20 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 60 - - v ic=100ua, ie=0 bvceo 50 - - v ic=1ma, ib=0 bvebo 5 - - v ie=10ua, ic=0 icbo - - 0.1 ua vcb=60v, ie=0 iebo - - 0.1 ua veb=5v, ic=0 vce(sat) - 0.18 0.3 v ic=100ma, ib=10ma vbe(on) 0.55 0.62 0.7 v vce=6v, ic=1ma hfe 90 200 600 vce=6v, ic=1ma ft 100 180 - mhz vce=6v, ic=10ma cob - 4.5 6 pf vcb=10v, f=1mhz, ie=0 classification of hfe1 rank r q p k range 90-180 135-270 200-400 300-600 tiger electronic co.,ltd tiger electronic co.,ltd
characteristics curve current gain & collector current 1 10 100 1000 0.01 0.1 1 10 100 collector current (ma) hfe v ce =6v saturation voltage & collector current 0.01 0.1 1 0.1 1 10 100 collector current (ma) saturation voltage (mv) v ce(sat) @ i c =100i b on voltage & collector current 0.1 1 0.01 0.1 1 10 100 collector current (ma) on voltage (mv) v be(on) @ v ce =6v cutoff frequancy & collector current 1 10 100 1000 1 10 100 collector current (ma) cutoff frequance (mhz) v ce =6v capacitance & reverse-biased voltage 1 10 0.1 1 10 100 reverse-biased voltage (v) capacitance (pf) cob safe operating area 1 10 100 1000 10000 1 10 100 forward voltage-v ce (v) collector current-i c (ma) p t =1ms p t =100ms p t =1s tiger electronic co.,ltd tiger electronic co.,ltd
to-92 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1704 0.1902 4.33 4.83 g 0.0142 0.0220 0.36 0.56 b 0.1704 0.1902 4.33 4.83 h - * 0.1000 - * 2.54 c 0.5000 - 12.70 - i - * 0.0500 - * 1.27 d 0.0142 0.0220 0.36 0.56 1 - * 5 - * 5 e- * 0.0500 - * 1.27 2 - * 2 - * 2 f 0.1323 0.1480 3.36 3.76 3 - * 2 - * 2 31 a d b c i 1 e f 2 3 g h 2 3-lead to-92 plastic package tgs package code : a tiger electronic co.,ltd tiger electronic co.,ltd
|