Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download 1N4152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N4152 high speed switching diode features : ? high switching speed: max. 4 ns ? peak reverse voltage:max. 40 v ? pb / rohs free mechanical data : case: do-35 glass case weight: approx. 0.13g maximum ratin g s and thermal characteristics (ta = 25 c unless otherwise noted) symbol value unit v rm 75 v maximum average forward current i f(av) ma maximum non-repetitive peak forward surge current at tp = 1s 1.0 at tp =1 s 4.0 thermal resistance junction to ambient r ? ja 300 c/w maximum power dissipation p d 500 mw operating junction temperature t j 175 c storage temperature range t stg -65 to + 200 c electrical characteristics (ta = 25 c unless otherwise noted) parameter symbol min typ max unit i r v r = 30 v - - 50 na v r = 30 v , ta = 150 c - - 50 a i f = 0.1 ma 0.49 - 0.55 i f = 0.25 ma 0.53 - 0.59 i f = 1.0 ma 0.59 - 0.67 i f = 2.0 ma 0.62 - 0.70 i f = 10 ma 0.70 - 0.81 i f = 20 ma 0.74 - 0.88 reverse breakdown voltage v (br)r i r = 5 a 40 - - v diode capacitance cd - - 2.0 pf i f = i r = 10 ma, r l = 100 ? , irr = 1ma i f = 10 ma , v r = 6 v, r l = 100 ? , irr = 1 ma page 1 of 1 rev. 01 : may 9, 2006 ns reverse recovery time trr2 - --4ns trr1 150 test condition -2 parameter maximum peak reverse voltage f = 1mhz ; v r = 0 forward voltage reverse current a i fsm v f v do - 35 glass (do-204ah) 0.079(2.0 )max. 0.150 (3.8) max. 0.020 (0.52)max. dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. cathode mark


▲Up To Search▲   

 
Price & Availability of 1N4152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X