Part Number Hot Search : 
BAW56 V800B STF3060C UPC2910T 3QL60AQ 2A222 MC74F157 1N961C
Product Description
Full Text Search
 

To Download 0366330024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0366330024 status: active overview: minifit_jr description: 4.20mm (.165") mini-fit jr.? header, right angle, nylon, without mounting flange, 20 circuits, tin (sn) over nickel (ni) plating, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-87427-0001 (pdf) general product family pcb headers series 87427 application wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit plus hcs? crimp terminal crimpted to to 16 awg wire. . see molex product specification ps-45750-001 for additional current de-rating information. overview minifit_jr product name mini-fit jr.? physical breakaway no circuits (loaded) 20 color - resin beige durability (mating cycles max) 30 first mate / last break no glow-wire compliant no lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation right angle pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm plating min: mating (in) 100 plating min: mating (m) 2.54 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb no shrouded fully stackable no temperature range - operating -40c to +105c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87427 series mates with 5557 mini-fit jr.? receptacle housing
termination interface: style through hole electrical current - maximum per contact 13a voltage - maximum 600v material info reference - drawing numbers packaging specification pk-87427-001 product specification ps-87427-0001 sales drawing sd-87427-**0* this document was generated on 05/24/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0366330024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X