Part Number Hot Search : 
TL7700 29LV04 T6250930 YC36SGD SMBJ17CA 65016G M3494EZ C1200
Product Description
Full Text Search
 

To Download 0330012022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0330012022 status: active overview: mx150_sealed_connector_system description: mx150? female terminal, select gold (au) plating, 18-20 awg, right reel payoff, large polarization rib, contact material thickness 0.30mm (.012") documents: drawing (pdf) rohs certificate of compliance (pdf) general product family crimp terminals series 33001 comments right reel payoff, large polarization rib crimp quality equipment yes overview mx150_sealed_connector_system product name mx150? physical gender female material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin packaging type reel plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.5 termination interface: style crimp or compression wire insulation diameter 2.60mm (.102") max. wire size awg 18, 20 wire size mm2 0.75, 1.00 electrical current - maximum per contact 22a voltage - maximum 250v material info reference - drawing numbers sales drawing sd-33012-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 33001 series use with 33472 dual row housing. 33476 hybrid housing. 33471 single row housing application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # manual extraction tool 0638131500 hand crimp tool, 18-22awg 0638116000 hand crimp tool, metric 1.00 and 1.50 0638116100 hand crimp tool, metric 0.05 and 0.75 0638116200
this document was generated on 05/27/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 0330012022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X