Part Number Hot Search : 
CS915 2SA185 1N749A 1N4749AP BZX85C68 ASJ152 E106K MAX871D
Product Description
Full Text Search
 

To Download WLS1271L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  WLS1271L wireless module product brief rf monolithics, inc., 4441 sigma road, dallas, tx 75244 phone: +1.972.233.2903, e-mail: info@rfm.com , web: www.rfm.com         
                               
!    " # $ % &    " # '
( &  ) (    $ (   # # * &  ' * ( +  ,  
( -  ' &  '        the WLS1271L provides 2.4 ghz wlan plus bluetooth functionality in an ultra-sm all module. the WLS1271L is based on ti?s wl1271l soc. the module features op- timized rf performance including a high-efficiency rf front end circuit. an integrated dc-dc converter allows the module to operate from a single input voltage. the module is designed to fit into small spaces, and requires a minimum of external com ponents to operate. software drivers are available for linux, android and wince oper- ating systems. features ? ieee 802.11b/g + ieee 802.11n wlan mac base- band processor ? ieee 802.11n single stream data rates (mcso-7) and sgi support ? single-ended digital radio processor (drp) rf implementation with internal lna ? sdio wlan host interface ? cisco client extension (ccx) support ? bluetooth version 4.0 including 2 and 3 mbps en- hanced data rates ? high rate 4-wire uart hci (h4) and 3-wire uart hci (h5) ? lower bluetooth layers up to hci included ? optimized for low current consumption in all operat- ing modes ? extremely low current sleep mode ? flexible reference clock input - 19.2, 26, 38.4 or 52 mhz reference clock ? integrated dc-to-dc converter provides single supply operation ? package dimensions: 9 x 11 x 1.4 mm maximum bluetooth specifications ? v4.0 + rdr, power class 1.5 + ble ? operating frequency range: 2.4000 to 2.4835 ghz ? data rates: 1, 2, 3 mbps ? transmit power: +8 dbm ? receive sensitivity, 1 mbps: -90 dbm ? transmit/receive supply current: 35 ma (dh1) security ? hardware-based encryption/decryption for 64-, 128- and 256-bit wep, tkip and aes keys ? ieee 802.11 d/e/h/i/k/ r/s pics compliant ? wep, tkip, wpa & wpa2, aes/ccmp per 802.11i standard host processors/operating systems with driver support ? omap 3, omap 4, am 18x, am 37x ? linux 2.6 ? android ? wince environmental ? supply voltage: 3.0 to 4.2 vdc ? operating temperature range: -40 to +85 ? c ? rh: 5 to 95% non-condensing ? rohs compliant interfaces ? wlan: sdio ? bt: uart wlan specifications ? ieee 802.11a/b/g/n compliant ? operating frequency range: 2.412 to 2.472 ghz ? data rates 802.11b: 11, 5.5, 2, 1 mbps 802.11g: 54, 48, 36, 24, 18, 12, 9, 6 mbps 802.11n: 65, 58. 5, 52, 39, 26, 19.5, 13, 6.5 mbps ? transmit power: +18 dbm ? receive sensitivity 802.11b, 11 mbps: -87 dbm 802.11g, 54 mbps: -74 dbm 802.11n, 65 mbps: -70 dbm ? supply current transmit: 250 ma receive: 100 ma
WLS1271L wireless module product brief rf monolithics, inc., 4441 sigma road, dallas, tx 75244 phone: +1.972.233.2903, e-mail: info@rfm.com , web: www.rfm.com ordering information ? evaluation kit: dr-WLS1271L-ev ? module: WLS1271L evaluation kit


▲Up To Search▲   

 
Price & Availability of WLS1271L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X