Part Number Hot Search : 
S803K TC7SZ0 AL4CX283 1N5251B UMA10 UD6008 RH1086K L6100261
Product Description
Full Text Search
 

To Download TSML100011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 1 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high power infrared emitting diode, rohs compliant, 940 nm, gaalas/gaas description tsml1000 is an infrared, 940 nm emitting diode in gaalas/gaas with high radiant power molded in a clear, untinted plastic package (with lens) for surface mounting (smd). features ? package type: surface mount ? package form: gw, rgw, yoke, axial ? dimensions (l x w x h in mm): 2.5 x 2 x 2.7 ? peak wavelength: ? p = 940 nm ? high radiant power ? high radiant intensity ? angle of half intensity: ? = 12 ? low forward voltage ? suitable for high pulse current operation ? good spectral matching with si photodetectors ? versatile terminal configurations ? package matches with detector temt1000 ? floor life: 168 h, msl 3, acc. j-std-020 ? compliant to rohs directive 2002/95/ec and in accordance with weee 2002/96/ec applications ? for remote control ? punched tape readers ?encoder ? photointerrupters note ? test conditions see table basic characteristics note ? moq: minimum order quantity 16852 tsml1000 tsml1030 tsml1040 tsml1020 product summary component i e (mw/sr) ? (deg) ? p (nm) t r (ns) tsml1000 7 12 940 800 tsml1020 7 12 940 800 tsml1030 7 12 940 800 tsml1040 7 12 940 800 ordering information ordering code packaging remarks package form tsml1000 tape and reel moq: 1000 pcs, 1000 pcs/reel re verse gullwing tsml1020 tape and reel moq: 1000 pcs, 1000 pcs/reel gullwing tsml1030 tape and reel moq: 1000 pcs, 1000 pcs/reel yoke tsml1040 bulk moq: 1000 pcs, 1000 pcs/bulk axial leads
tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 2 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - power dissipation limit vs . ambient temperature fig. 2 - forward current vs. ambient temperature absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma peak forward current t p /t = 0.5, t p ? 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1.0 a power dissipation p v 190 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature t ? 5 s t sd < 260 c thermal resistance junction/ambient soldered on pcb, pad dimensions: 4 mm x 4 mm r thja 400 c p - power dissipation (mw) v 0 20 40 60 80 100 120 140 160 180 200 t amb - ambient temperature (c) 16187 100 90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 16188 i f - forward current (ma) 0 t amb - ambient temperature (c) 90 80 70 60 50 40 30 20 10 100 basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit for w ard voltage i f = 20 ma, t p = 20 ms v f 1.2 1.5 v i f = 1 a, t p = 100 s v f 2.6 v temperature coefficient of v f i f = 1 ma tk vf - 1.8 mv/k reverse c u rrent v r = 5 v i r 10 a j u nction capacitance v r = 0 v, f = 1 mhz, e = 0 c j 25 pf radiant intensity i f = 20 ma, t p = 20 ms i e 3715mw/sr radiant po w er i f = 100 ma, t p = 20 ms ? e 35 mw temperature coefficient of ? e i f = 20 ma tk ? e - 0.6 %/k angle of half intensity ? 12 deg peak w avelength i f = 100 ma ? p 940 nm spectral b and w idth i f = 100 ma ?? 50 nm temperature coefficient of ? p i f = 100 ma tk ? p 0.2 nm/k rise time i f = 100 ma t r 800 ns fall time i f = 100 ma t f 800 ns v irt u al so u rce diameter d1.2mm
tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 3 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - pulse forward current vs. pulse duration fig. 4 - forward current vs. forward voltage fig. 5 - radiant intensity vs. forward current fig. 6 - radiant power vs. forward current fig. 7 - relative radiant intens ity/power vs. ambient temperature fig. 8 - relative radi ant power vs. wavelength 10 100 1000 10 000 0.01 0.10 1.00 10.00 100.00 t p - pulse duration (ms) 14335 i - forward current (ma) f t p / t = 0.01 0.05 0.2 0.5 1.0 0.1 0.02 v f - forward voltage (v) 13600 10 1 10 0 10 2 10 3 10 4 t p = 100 s t p /t = 0.001 0 i f - forward current (ma) 4 3 2 1 16189 10 3 10 1 10 2 10 4 10 0 0.1 1 10 1000 100 i f - forward current (ma) i e - radiant intensity (mw/sr) - radiant power (mw) e i f - forward current (ma) 13602 10 3 10 1 10 2 10 4 10 0 0.1 1 10 1000 100 - 10 10 50 0 100 0 0.4 0.8 1.2 1.6 i e rel ; 140 94 7993 i f = 20 ma e rel t amb - ambient temperature (c) 890 0 0.25 0.5 0.75 1.0 1.25 - wa v elength (nm) 14291 - relati v e radiant power e rel i f = 100 ma 990 940
tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 4 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 9 - relative radiant in tensity vs. angular displacement precautions for use 1. over-current-proof customer must apply resistor s for protection, otherwise slight voltage shift will cause big current change (burn out will happen). 2. storage 2.1 storage temperat u re and rel. h u midity conditions are: 5 c to 35 c, r.h. 60 %. 2.2 floor life m u st not exceed 16 8 h, acc. to jedec level 3, j-std-020. once the package is opened, the prod u cts sho u ld b e u sed w ithin a w eek. other w ise, they sho u ld b e kept in a damp proof b ox w ith desiccant. considering tape life, w e s u ggest to u se prod u cts w ithin one year from prod u ction date. 2.3 if opened more than one w eek in an atmosphere 5 c to 35 c, r.h. 60 %, devices sho u ld b e treated at 60 c 5 c for 15 h. 2.4 if h u midity indicator in the package sho w s pink color (normal b l u e), then devices sho u ld b e treated w ith the same conditions as 2.3. reflow solder profile fig. 10 - lead tin (snpb) reflow solder profile fig. 11 - lead (pb)-free reflow solder profile acc. j-std-020 i e rel - relati v e intensity 18234 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 0.6 0.4 0.2 0 0.2 0.4 60 80 100 120 140 160 180 200 220 240 260 0 20 40 60 80 100 120 140 160 180 200 220 time (s) temperature (c) 17172 + 5 c/s 5 s 60 s to 120 s - 5 c/s 22566 120 s max. 60 s max. abo v e 220 c 260 c max. 10 s max. pre-heating 180 c to 200 c 1 c/s to 5 c/s 1 c/s to 5 c/s
tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 5 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters: tsml1000 package dimensions in millimeters: tsml1020 16159 16160 3.8 0.2 ? 1.9 0.2 0.3 0.15 0.05 0.75 1.4 2.7 0.2 0.85 2.5 0.2 1.1 2 0.2 0.5 0.4 ca 4.5 0.1 2.3 0.1 1 0.1
tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 6 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters: tsml1030 package dimensions in millimeters: tsml1040 16228 16760
tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 7 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel dimensions in millimeters taping dimensions in millimeters: tsml1000 issue: 3; 11.06.08 drawing-no.: 9.800-5080.01-4 leader and trailer tape: parts mounted empty trailer (200 mm, min.) empty leader (400 mm, min.) direction of pulling out unreel direction 60.2 0.5 178 1 2 . 5 0.5 label posted here coming out from reel tape position x x 13 0.5 13.2 1.5 16 0.2 18033 18030 3.05 0.1 0.3 ? 1.55 0.05 4 0.1 2 0.05 4 0.1 1.75 0.1 5.5 0.05 12 0.3 top tape push pin through hole quantity per reel: 1000 pcs or 5000 pcs feed direction anode
tsml1000, tsml1020, tsml1030, tsml1040 www.vishay.com vishay semiconductors rev. 2.0, 30-jun-11 8 document number: 81033 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping dimensions in millimeters: tsml1020 taping dimensions in millimeters: tsml1030 18031 3.05 0.1 0.3 ? 1.55 0.05 4 0.1 2 0.05 4 0.1 1.75 0.1 5.5 0.05 12 0.3 top tape push pin through hole quantity per reel: 1000 pcs or 5000 pcs feed direction anode 18032 3.05 0.1 0.3 ? 1.55 0.05 4 0.1 2 0.05 4 0.1 1.75 0.1 5.5 0.05 12 0.3 top tape push pin through hole quantity per reel: 1000 pcs or 5000 pcs feed direction anode
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TSML100011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X