Part Number Hot Search : 
BT878 T2202 TRONIC 128128 D4SBL40 BZT52C15 Y2MPE MS101
Product Description
Full Text Search
 

To Download TDA9812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet preliminary speci?cation file under integrated circuits, ic02 1995 mar 21 integrated circuits philips semiconductors TDA9812 multistandard vif-pll and fm-pll/am demodulator
1995 mar 21 2 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 features 5 v positive supply voltage gain controlled wide band vif-amplifier (ac-coupled) true synchronous demodulation with active carrier regeneration (very linear demodulation, good intermodulation figures, reduced harmonics, excellent pulse response) gated phase detector for l/l accent standard vco frequency switchable between l and l accent (alignment external) picture carrier frequency separate video amplifier for sound trap buffering with high video bandwidth vif agc detector for gain control, operating as peak sync detector for b/g (optional external agc) and peak white detector for l; signal controlled reaction time for l tuner agc with adjustable take over point (top) afc detector without extra reference circuit ac-coupled limiter amplifier for sound intercarrier signal alignment-free fm-pll demodulator with high linearity, switchable de-emphasis for fm am-sif agc detector for gain controlled sif amplifier am demodulator without extra reference circuit stabilizer circuit for ripple rejection and to achieve constant output signals. general description the TDA9812/t is an integrated circuit for multistandard vision if signal processing and am and fm sound demodulation in tv and vtr sets. ordering information type number package name description version TDA9812 sdip32 plastic shrink dual in-line package; 32 leads (400 mil) sot232-1 TDA9812t so28 plastic small outline package; 28 leads body width 7.5 mm sot136-1
1995 mar 21 3 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 quick reference data symbol parameter conditions min. typ. max. unit v p supply voltage 4.5 5 5.5 v i p supply current 82 96 110 ma v i vif(rms) vision if input signal voltage sensitivity (rms value) - 1 db video at output - 60 100 m v v o cvbs(p-p) cvbs output signal voltage (peak-to-peak value) 1.7 2.0 2.3 v b - 3 - 3 db video bandwidth on pin cvbs b/g and l standard; c l < 20 pf; r l > 1k w ; ac load 78 - mhz s/n(w) weighted signal-to-noise ratio for video 56 60 - db im a 1.1 intermodulation attenuation at blue f = 1.1 mhz 58 64 - db im a 3.3 intermodulation attenuation at blue f = 3.3 mhz 58 64 - db a h(sup) suppression of harmonics in video signal 35 40 - db v i sif(rms) sound if input signal voltage sensitivity (rms value) - 3 db video at af output - 70 100 m v v o(rms) audio output signal voltage for fm (rms value) b/g standard; 54% modulation - 0.5 - v audio output signal voltage for am (rms value) l standard; 54% modulation - 0.5 - v thd total harmonic distortion 54% modulation fm - 0.15 0.5 % am - 0.5 1.0 % s/n (w) weighted signal-to-noise ratio 54% modulation fm - 60 - db am 47 53 - db
1995 mar 21 4 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 block diagram handbook, full pagewidth intercarrier mixer and am demodulator vco twd afc detector tuner and vif-agc fpll video demodulator and amplifier sif amplifier sif-agc internal voltage stabilizer fm detector (pll) af amplifier vif amplifier sif vif 5.5 TDA9812 (26) 29 (24) 27 (23) 26 (7) 9 (6) 8 (9) 11 (17) 20 (15) 17 (14) 16 (12) 14 (11) 13 12 (10) 15 (13) 22 (19) 10 (8) 21 (18) 23 (20) 24 (21) 25 (22) 7 (5) 19 (16) 28 (25) 2 (2) 1 (1) 32 (28) 31 (27) 6 (4) 3 (3) 30 18 5 4 v i vif2 v i vif1 v i sif2 v i sif1 5 v v gnd p v p 1/2 c ref c sagc standard switch std l/l switch sif v o(int) deem n.c. i v ifm af/am v o af deem o de-emphasis video buffer vi (vid) v o (vid) cvbs 2 v (p-p) video 1 v (p-p) n.c. n.c. n.c. n.c. afc vco1 vco2 2 x f pc tuner agc loop filter t pll top c agc c bl tadj tagc mbe452 fig.1 block diagram (TDA9812t pinning in parenthesis).
1995 mar 21 5 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 pinning symbol pin sdip32 pin so28 description v i vif1 1 1 vif differential input signal voltage 1 v i vif2 2 2 vif differential input signal voltage 2 c bl 3 3 black level detector n.c. 4 - not connected n.c. 5 - not connected tadj 6 4 tuner agc take-over adjust (top) t pll 7 5 pll loop ?lter c sagc 8 6 sif agc capacitor std 9 7 standard switch v o cvbs 10 8 cvbs output signal voltage lswi 11 9 l/l accent switch v oaf 12 10 audio voltage frequency output deem i 13 11 de-emphasis input deem o 14 12 de-emphasis output c dec 15 13 decoupling capacitor n.c. 16 14 not connected v ifm 17 15 sound intercarrier input voltage n.c. 18 - not connected tagc 19 16 tuner agc output v o(int) 20 17 sound intercarrier output voltage v o(vid) 21 18 composite video output voltage v i(vid) 22 19 video buffer input voltage afc 23 20 afc output vco1 24 21 vco1 reference circuit for 2f pc vco2 25 22 vco2 reference circuit for 2f pc c ref 26 23 1 2 v p reference capacitor gnd 27 24 ground c vagc 28 25 vif agc capacitor v p 29 26 supply voltage n.c. 30 - not connected v i sif1 31 27 sif differential input signal voltage 1 v i sif2 32 28 sif differential input signal voltage 2
1995 mar 21 6 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 fig.2 pin configuration (sdip32). handbook, halfpage TDA9812 mbe436 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 v v c tadj n.c. n.c. t c std v lswi v deem deem c n.c. v v v c gnd n.c. c vco2 vco1 afc v v v tagc n.c. v dec o i o af o cvbs sagc pll bl i vif2 i vif1 p i sif1 i sif2 vagc ref i fm o(int) o(vid) i(vid) fig.3 pin configuration (so28). handbook, halfpage TDA9812t mbe435 1 2 3 4 5 6 7 8 9 10 11 12 13 14 v v c tadj t c std v lswi v deem deem c n.c. 28 27 26 25 24 23 22 21 20 19 18 17 16 15 v v v c gnd c vco2 vco1 afc v v v tagc v dec o i o af o cvbs sagc pll bl i vif2 i vif1 p i sif1 i sif2 vagc ref i fm o(int) o(vid) i(vid)
1995 mar 21 7 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 functional description vision if ampli?er the vision if amplifier consists of three ac-coupled differential amplifier stages. each differential stage comprises a feedback network controlled by emitter degeneration. tuner and vif agc the agc capacitor voltage is transferred to an internal if control signal, and is fed to the tuner agc to generate the tuner agc output current (open-collector output). the tuner agc take-over point can be adjusted. this allows the tuner and the swif filter to be matched to achieve the optimum if input level. the agc detector charges/discharges the agc capacitor to the required voltage for setting of vif and tuner gain in order to keep the video signal at a constant level. therefore for negative video modulation the sync level and for positive video modulation the peak white level of the video signal is detected. in order to reduce the reaction time for positive modulation, where a very large time constant is needed, an additional level detector increases the discharging current of the agc capacitor (fast mode) in the event of a decreasing vif amplitude step. the additional level information is given by the black-level detector voltage. frequency-phase detector (fpll) the vif-amplifier output signal is fed into a frequency detector and into a phase detector via a limiting amplifier. during acquisition the frequency detector produces a dc current proportional to the frequency difference between the input and the vco signal. after frequency lock-in the phase detector produces a dc current proportional to the phase difference between the vco and the input signal. the dc current of either frequency detector or phase detector is converted into a dc voltage via the loop filter, which controls the vco frequency. in the event of positive modulated signals the phase detector is gated by composite sync in order to avoid signal distortion for overmodulated vif signals. vco, travelling wave divider and afc the vco operates with a resonance circuit (with l and c in parallel) at double the pc frequency. the vco is controlled by two integrated variable capacitors. the control voltage required to tune the vco from its free- running frequency to actually double the pc frequency is generated by the frequency-phase detector and fed via the loop filter to the first variable capacitor (fpll). this control voltage is amplified and additionally converted into a current which represents the afc output signal. the vco centre frequency can be decreased (required for l/l accent standard) by activating an additional internal capacitor. this is achieved by using the l/l accent switch. in this event the second variable capacitor can be controlled by a variable resistor at the l/l accent switch for setting the vco centre frequency to the required l/l accent value. at centre frequency the afc output current is equal to zero. the oscillator signal is divided-by-two with a travelling wave divider (twd) which generates two differential output signals with a 90 degree phase difference independent of the frequency. video demodulator and ampli?er the video demodulator is realized by a multiplier which is designed for low distortion and large bandwidth. the vision if input signal is multiplied with the in phase signal of the travelling wave divider output. in the demodulator stage the video signal polarity can be switched in accordance with the tv standard. the demodulator output signal is fed via an integrated low-pass filter for attenuation of the carrier harmonics to the video amplifier. the video amplifier is realized by an operational amplifier with internal feedback and high bandwidth. a low-pass filter is integrated to achieve an attenuation of the carrier harmonics for b/g and l standard. the standard dependent level shift in this stage delivers the same sync level for positive and negative modulation. the video output signal is 1 v (p-p) for nominal vision if modulation.
1995 mar 21 8 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 video buffer for an easy adaption of the sound traps an operational amplifier with internal feedback is used in the event of b/g and l standard. this amplifier is featured with a high bandwidth and 7 db gain. the input impedance is adapted for operating in combination with ceramic sound traps. the output stage delivers a nominal 2 v (p-p) positive video signal. noise clipping is provided. sif ampli?er and agc for am sound the sound if amplifier consists of two ac-coupled differential amplifier stages. each differential stage comprises a controlled feedback network provided by emitter degeneration. the sif agc detector is related to the sif input signals (average level of am carrier) and controls the sif amplifier to provide a constant sif signal to the am demodulator. the sif agc reaction time is set to slow for nominal video conditions. but with a decreasing vif amplitude step the sif agc is set to fast mode controlled by the vif agc detector. intercarrier mixer the intercarrier mixer is realized by a multiplier. the vif amplifier output signal is fed to the intercarrier mixer and converted to intercarrier frequency by the regenerated picture carrier (vco). the mixer output signal is fed via a high-pass for attenuation of the video signal components. am demodulator the am demodulator is realized by a multiplier. the modulated sif amplifier output signal is multiplied in phase with the limited (am is removed) sif amplifier output signal. the demodulator output signal is fed via an integrated low-pass filter for attenuation of the carrier harmonics to the af amplifier. fm detector the fm detector consists of a limiter, an fm-pll and an af amplifier. the limiter provides the amplification and limitation of the fm sound intercarrier signal before demodulation. the result is high sensitivity and am suppression. the amplifier consists of 7 stages which are internally ac-coupled in order to minimize the dc offset and to save pins for dc decoupling. the fm-pll consists of an integrated relaxation oscillator, an integrated loop filter and a phase detector. the oscillator is locked to the fm intercarrier signal, output from the limiter. as a result of locking, the oscillator frequency tracks with the modulation of the input signal and the oscillator control voltage is superimposed by the af voltage. the fm-pll operates as an fm-demodulator the af amplifier consists of two parts: the af preamplifier for fm sound is an operational amplifier with internal feedback, high gain and high common mode rejection. the af voltage from the pll demodulator, by principle a small output signal, is amplified by approximately 33 db. the low-pass characteristic of the amplifier reduces the harmonics of the intercarrier signal at the sound output terminal, at which the de-emphasis network for fm sound is applied. an additional dc control circuit is implemented to keep the dc level constant, independent of process spread. the af output amplifier (10 db) provides the required output level by a rail-to-rail output stage. this amplifier makes use of an input selector for switching to am, fm de-emphasis or mute state, controlled by the standard switching voltage and the mute switching voltage. internal voltage stabilizer and 1 2 v p -reference the bandgap circuit internally generates a voltage of approximately 1.25 v, independent of supply voltage and temperature. a voltage regulator circuit, connected to this voltage, produces a constant voltage of 3.6 v which is used as an internal reference voltage. for all audio output signals the constant reference voltage cannot be used because large output signals are required. therefore these signals refer to half the supply voltage to achieve a symmetrical headroom, especially for the rail-to-rail output stage. for ripple and noise attenuation the 1 2 v p voltage has to be filtered via a low-pass filter by using an external capacitor together with an integrated resistor (f g = 5 hz). for a fast setting to 1 2 v p an internal start-up circuit is added.
1995 mar 21 9 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 limiting values sdip32 in accordance with the absolute maximum rating system (iec 134). notes 1. i p = 110 ma; t amb = +70 c; r th j-a = 60 k/w for sdip32 and r th j-a = 80 k/w for so28. 2. charge device model class b: equivalent to discharging a 200 pf capacitor via a 0 w series resistor. thermal characteristics symbol parameter conditions min. max. unit v p supply voltage (pin 29) maximum chip temperature of +120 c; note 1 0 5.5 v v i voltage at pins 1 to 9, 11 to 19, 22, 23 and 28 to 32 0v p v t s(max) maximum short-circuit time - 10 s v 19 tuner agc output voltage 0 13.2 v t stg storage temperature - 25 +150 c t amb operating ambient temperature - 20 +70 c v esd electrostatic handling voltage note 2 - 300 +300 v symbol parameter value unit r th j-a thermal resistance from junction to ambient in free air sdip32 60 k/w so28 80 k/w
1995 mar 21 10 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 characteristics sdip32 pinning; v p =5v; t amb = +25 c; see table 1 for input frequencies and level; input level v iif1,2 =10mv rms value (sync-level for b/g, peak white level for l); video modulation dsb; residual carrier b/g: 10%; l = 3%; video signal in accordance with ccir, line 17 ; measurements taken in fig.17 unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit supply (pin 29) v p supply voltage note 1 4.5 5 5.5 v i p supply current 82 96 110 ma vision if ampli?er (pins 1 and 2) v i(vif)(rms) input signal voltage sensitivity (rms value) b/g standard; - 1 db video at output - 60 100 m v v i(max)(rms) maximum input signal voltage (rms value) b/g standard; +1 db video at output 120 200 - mv d v o(int) internal if amplitude difference between picture and sound carrier within agc range; b/g standard; d f = 5.5 mhz - 0.7 1 db g if if gain control range see figs 5 and 6 65 70 - db r i(diff) differential input resistance note 2 1.7 2.2 2.7 k w c i(diff) differential input capacitance note 2 1.2 1.7 2.5 pf v 1/2 dc input voltage - 3.4 - v true synchronous video demodulator; see note 3 f vco(max) maximum oscillator frequency for carrier regeneration f=2f pc 125 130 - mhz d f vco oscillator drift (free-running) as a function of temperature i afc = 0; note 4 - 20 - +20 ppm/k v 0 ref(rms) oscillator voltage swing at pins 24 and 25 (rms value) b/g and l standard 70 100 130 mv l/l accent standard 45 65 85 mv d f pc(capt) vision carrier capture frequency range b/g and l standard 1.5 2.0 - mhz l/l accent standard; f pc = 33.9 mhz; r 11 = 5.6 k w 1.0 1.3 - mhz d f pc(ff) vision carrier frequency (free-running) accuracy l/l accent standard; f pc = 33.9 mhz; r 11 = 5.6 k w - 200 400 khz d f pc(alg) l/l accent alignment frequency range i afc =0 400 600 - khz t acqu acquisition time bl = 60 khz; note 5 -- 30 ms v i (vif)(rms) vif input signal voltage sensitivity for pll to be locked (rms value; pins 1 and 2) maximum if gain; note 6 - 30 70 m v i pll(os) fpll offset current at pin 7 note 7 -- 4.5 m a
1995 mar 21 11 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 composite video ampli?er (pin 21; sound carrier off) v o video(p-p) output signal voltage (peak-to-peak value) see fig.13 0.88 1.0 1.12 v v 21(sync) sync voltage level b/g and l standard - 1.5 - v v 21(clu) upper video clipping voltage level v p - 1.1 v p - 1 - v v 21(cll) lower video clipping voltage level - 0.3 0.4 v r 21 output resistance note 2 -- 10 w i int 21 internal dc bias current for emitter-follower 1.6 2.0 - ma i 21(max)(sink) maximum ac and dc output sink current 1.0 -- ma i 21(max)(source) maximum ac and dc output source current 2.0 -- ma b - 1 - 1 db video bandwidth b/g and l standard; c l < 50 pf; r l > 1k w; ac load 56 - mhz b - 3 - 3 db video bandwidth b/g and l standard; c l < 50 pf; r l > 1k w; ac load 78 - mhz a h suppression of video signal harmonics c l < 50 pf; r l > 1k w; ac load; note 8a 35 40 - db psrr power supply ripple rejection at pin 21 video signal; grey level; see fig.16 b/g standard 32 35 - db l standard 26 30 - db cvbs buffer ampli?er (only) and noise clipper (pins 10 and 22) r 22 input resistance note 2 2.6 3.3 4.0 k w c 22 input capacitance note 2 1.4 2 3.0 pf v 22 dc input voltage 1.5 1.8 2.1 v g v voltage gain b/g and l standard; note 9 6.5 7 7.5 db v 10(clu) upper video clipping voltage level 3.9 4.0 - v v 10(cll) lower video clipping voltage level - 1.0 1.1 v r 10 output resistance note 2 -- 10 w i int 10 dc internal bias current for emitter-follower 2.0 2.5 - ma i 10(max)(sink) maximum ac and dc output sink current 1.4 -- ma i 10(max)(source) maximum ac and dc output source current 2.4 -- ma symbol parameter conditions min. typ. max. unit
1995 mar 21 12 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 b - 1 - 1 db video bandwidth b/g and l standard; c l < 20 pf; r l > 1k w; ac load 8.4 11 - mhz b - 3 - 3 db video bandwidth b/g and l standard; c l < 20 pf; r l > 1k w; ac load 11 14 - mhz measurements from if input to cvbs output (pin 10; 330 w between pins 21 and 22, sound carrier off) v o cvbs(p-p) cvbs output signal voltage on pin 10 (peak-to-peak value) note 9 1.7 2.0 2.3 v v o cvbs(sync) sync voltage level b/g standard - 1.35 - v l standard - 1.35 - v d v o deviation of cvbs output signal voltage at b/g 50 db gain control -- 0.5 db 30 db gain control -- 0.1 db d v o(blbg) black level tilt in b/g standard gain variation; note 10 -- 1% d v o(bll) black level tilt for worst case in l standard vision carrier modulated by test line (vits) only; gain variation; note 10 -- 1.9 % d g diff differential gain ccir, line 330 - 25% dj diff differential phase ccir, line 330 - 1 2 deg b - 1 - 1 db video bandwidth b/g and l standard; c l < 20 pf; r l > 1k w; ac load 56 - mhz b - 3 - 3 db video bandwidth b/g and l standard; c l < 20 pf; r l > 1k w; ac load 78 - mhz s/n (w) weighted signal-to-noise ratio see figs 9 and 10; note 11 56 60 - db s/n unweighted signal-to-noise ratio see figs 9 and 10; note 11 49 53 - db im a 1.1 intermodulation attenuation at blue f = 1.1 mhz; see fig.11; note 12 58 64 - db intermodulation attenuation at yellow f = 1.1 mhz; see fig.11; note 12 60 66 - db im a 3.3 intermodulation attenuation at blue f = 3.3 mhz; see fig.11; note 12 58 64 - db intermodulation attenuation at yellow f = 3.3 mhz; see fig.11; note 12 59 65 - db a c(rms) residual vision carrier (rms value) b/g and l standard; fundamental wave and harmonics - 25mv a h(sup) suppression of video signal harmonics note 8a 35 40 - db a h(spur) spurious elements note 8b 40 -- db symbol parameter conditions min. typ. max. unit
1995 mar 21 13 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 psrr power supply ripple rejection at pin 10 video signal; grey level; see fig.16 b/g standard 25 28 - db l standard 20 23 - db vif-afc detector (pin 28) i 28 charging current b/g and l standard; note 10 0.75 1 1.25 ma additional charging current l standard in event of missing vits pulses and no white video content 1.9 2.5 3.1 m a discharging current b/g standard 15 20 25 m a normal mode l 225 300 375 na fast mode l 30 40 50 m a t resp agc response to an increasing vif step b/g and l standard; note 13 - 0.05 0.1 ms/db agc response to a decreasing vif step b/g standard - 2.2 3.5 ms/db fast mode l - 1.1 1.8 ms/db normal mode l; note 13 - 150 240 ms/db d if vif amplitude step for activating fast agc mode l standard - 2 - 6 - 10 db v 3 threshold voltage level additional charging current see fig.13 l standard - 1.95 - v l standard; fast mode l - 1.65 - v tuner agc (pin 19) v i(rms) if input signal voltage for minimum starting point of tuner take-over (rms value) input at pins 1 and 2; r top =22k w; i 19 = 0.4 ma - 25mv if input signal voltage for maximum starting point of tuner take-over (rms value) input at pins 1 and 2; r top =0 w; i 19 = 0.4 ma 50 100 5 mv v 19 permissible output voltage from external source; note 2 -- 13.2 v saturation voltage i 19 = 1.5 ma -- 0.2 v d v 19 variation of take-over point by temperature i 19 = 0.4 ma - 0.03 0.07 db/k i 19(sink) sink current no tuner gain reduction; see figs 5 and 6 v 19 =12v -- 2.5 m a v 19 = 13.2 v -- 5 m a maximum tuner gain reduction 1.5 2 2.6 ma d g if if slip by automatic gain control tuner gain current from 20 to 80% - 68db symbol parameter conditions min. typ. max. unit
1995 mar 21 14 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 afc circuit (pin 23); see fig.12 and note 14 s control steepness d i 23 / d f note 15 0.5 0.72 1.0 m a/khz d f if frequency variation by temperature i afc = 0; note 5 - 20 - +20 ppm/k v 23 output voltage upper limit see fig.12 v p - 0.6 v p - 0.3 - v output voltage lower limit see fig.12 - 0.3 0.6 v i 23(source) output source current 150 200 250 m a i 23(sink) output sink current 150 200 250 m a d i 23(p-p) residual video modulation current (peak-to-peak value) b/g and l standard - 20 30 m a sound if ampli?er (pins 31 and 32) v i(sif)(rms) input signal voltage sensitivity (rms value) - 3 db video at af output; pin 12 - 70 100 m v v i(max)(rms) maximum input signal voltage (rms value) +1 db video at af output; pin 12 80 140 - mv g sif sif gain control range see figs 7 and 8 60 66 - db r i(diff) differential input resistance note 2 1.7 2.2 2.7 k w c i(diff) differential input capacitance note 2 1.2 1.7 2.5 pf v 31/32 dc input voltage - 3.4 - v a sif/vif crosstalk attenuation between sif and vif input between pins 1 and 2 and pins 31 and 32; note 16 50 -- db sif-afc detector (pin 8) i 8 charging current 0.8 1.2 1.6 ma discharging current normal mode am 1 1.4 1.8 m a fast mode am 60 85 110 m a intercarrier mixer (b/g standard) (pin 20) v o(rms) if intercarrier level (rms value) sc; note 17 - see formula - mv b - 3 - 3 db intercarrier bandwidth upper limit 7.5 9 - mhz a c(rms) residual sound carrier (rms value) fundamental wave and harmonics - 2 - mv r 20 output resistance note 2 -- 25 w v 20 dc output voltage - 2.0 - v i int20 dc internal bias current for emitter-follower 1.5 1.9 - ma i 20(max)(sink) maximum ac and dc output sink current 1.1 1.5 - ma i 20(max)(source) maximum ac and dc output source current 3.0 3.5 - ma symbol parameter conditions min. typ. max. unit
1995 mar 21 15 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 limiter ampli?er (pin 17); see note 18 v i fm(rms) input signal voltage for lock-in (rms value) -- 100 m v v i fm(rms) input signal voltage (rms value) - 300 400 m v allowed input signal voltage (rms value) 200 -- mv r 17 input resistance note 2 480 600 720 w v 17 dc input voltage - 2.8 - v fm-pll detector f i fm(catch) catching range of pll upper limit 7.0 -- mhz lower limit -- 4.0 mhz f i fm(hold) holding range of pll upper limit 9.0 -- mhz lower limit -- 3.5 mhz t acqu acquisition time -- 4 m s fm operation (b/g standard) (pin 12) ; see notes 18 and 1818 v o af12(rms) af output signal voltage (rms value) without de-emphasis; short-circuit from pin 13 to pin 14; 27 khz (54% fm deviation); see fig.17 and note 19 r x = 470 w 200 250 300 mv r x =0 w 400 500 600 mv v o af12(cl) af output clipping signal voltage level thd < 1.5% 1.3 1.4 - v d f af frequency deviation thd < 1.5%; note 19 -- 53 khz d v o temperature drift of af output signal voltage - 3710 - 3 db/k v 15 dc voltage at decoupling capacitor voltage dependent on vco frequency; note 20 1.2 - 3.0 v r 12 output resistance note 2 -- 100 w v 12 dc output voltage tracked with supply voltage - 1 2 v p - v i 12(max)(sink) maximum ac and dc output sink current -- 1.1 ma i 12(max)(source) maximum ac and dc output source current -- 1.1 ma b - 3 - 3 db video bandwidth without de-emphasis; short-circuit from pin 13 to pin 14 100 125 - khz thd total harmonic distortion - 0.15 0.5 % symbol parameter conditions min. typ. max. unit sn + n -------------- ? ?? 40 db =
1995 mar 21 16 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 s/n (w) weighted signal-to-noise ratio fm-pll only; with 50 m s de-emphasis; 27 khz (54% fm deviation); ccir 468-4 55 60 - db a c(rms) residual sound carrier (rms value) fundamental wave and harmonics -- 75 mv a am am suppression 50 m s de-emphasis; am: f = 1 khz; m = 0.3 refer to 27 khz (54% fm deviation) 46 50 - db a 12 mute attenuation of af signal b/g and l standard 70 75 - db d v 12 dc jump voltage of af output terminal for switching af output to mute state and vice versa fm-pll in lock mode - 50 150 mv psrr power supply ripple rejection at pin 12 r x = 470 w ; see fig.16 26 30 - db af performance for fm operation (b/g standard); see notes 21, 22 and 23; table 1 s/n (w) weighted signal-to-noise ratio pc/sc ratio at pins 1 and 2; 27 khz (54% fm deviation); ccir 468-4 27 -- db black picture 45 51 - db white picture 45 51 - db 6 khz sine wave (black to white modulation) 40 46 - db sound carrier subharmonics; f = 2.75 mhz 3 khz 35 40 - db am operation (l standard) (pin 12); see note 24 v o af12(rms) af output signal voltage (rms value) 54% modulation 400 500 600 mv thd total harmonic distortion 54% modulation; see fig.15 - 0.5 1.0 % b - 3 - 3 db af bandwidth 100 125 - khz s/n (w) weighted signal-to-noise ratio ccir 468-4 ; see fig.14 47 53 - db v 12 dc potential voltage tracked with supply voltage - 1 2 v p - v psrr power supply ripple rejection see fig.16 22 25 - db symbol parameter conditions min. typ. max. unit
1995 mar 21 17 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 notes 1. values of video and sound parameters are decreased at v p = 4.5 v. 2. this parameter is not tested during production and is only given as application information for designing the television receiver. 3. loop bandwidth bl = 60 khz (natural frequency f n = 15 khz; damping factor d = 2; calculated with sync level within gain control range). resonance circuit of vco: q 0 > 50; c ext = 8.2 pf 0.25 pf; c int ? 8.5 pf (loop voltage approximately 2.7 v). 4. temperature coefficient of external lc-circuit is equal to zero. 5. v iif = 10 mv rms; d f = 1 mhz (vco frequency offset related to picture carrier frequency); white picture video modulation. 6. v iif signal for nominal video signal. 7. offset current measured between pin 7 and half of supply voltage (v p = 2.5 v) under the following conditions: no input signal at vif input (pins 1 and 2) and vif amplifier gain at minimum (v 28 =v p ). due to sample-and-hold mode of the fpll in l standard, the leakage current of the loop filter capacitor (c = 220 nf) should not exceed 500 na. 8. measurements taken with saw filter g1962 (sound shelf: 20 db); loop bandwidth bl = 60 khz. a) modulation vsb; sound carrier off; f video > 0.5 mhz. b) sound carrier on; sif saw filter l9453; f video = 10 khz to 10 mhz. 9. the 7 db buffer gain accounts for 1 db loss in the sound trap. buffer output signal is typical 2 v (p-p), in event of cvbs video amplifier output typical 1 v (p-p). if no sound trap is applied a 330 w resistor must be connected from output to input (from pin 21 to pin 22). 10. the leakage current of the agc capacitor should not exceed 1 m a at b/g standard respectively 10 na current at l standard. larger currents will increase the tilt. 11. s/n is the ratio of black-to-white amplitude to the black level noise voltage (rms value, pin 10). b = 5 mhz weighted in accordance with ccir 567 . standard switch (pin 9); see also table 2 v 9 dc potential voltage for preferred settings input voltage for negative standard b/g standard; note 25 2.8 - v p v input voltage for negative standard negative agc off 1.3 - 2.3 v input voltage for positive standard l standard 0 - 0.8 v i il low level input current v 9 = 0 v 190 250 310 m a l/l accent switch (pin 11) v 11 dc potential voltage for l standard vco frequency switching l standard note 25 2.8 - v p v l/l accent standard and alignment -- 2.0 v i il low level input current v 11 = 0 v 150 200 250 m a symbol parameter conditions min. typ. max. unit
1995 mar 21 18 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 12. the intermodulation figures are defined: a 1.1 = 20 log (v 0 at 4.4 mhz/v 0 at 1.1 mhz) + 3.6 db; a 1.1 value at 1.1 mhz referenced to black/white signal; a 3.3 = 20 log (v 0 at 4.4 mhz/v 0 at 3.3 mhz); a 3.3 value at 3.3 mhz referenced to colour carrier. 13. response speed valid for a vif input level range of 200 m vupto70mv. 14. to match the afc output signal to different tuning systems a current source output is provided. the test circuit is given in fig.12. the afc-steepness can be changed by the resistors at pin 23. 15. depending on the ratio d c/c 0 of the lc resonant circuit of vco (q > 50; see note 3; c 0 =c int +c ext ). 16. source impedance: 2.3 k w in parallel to 12 pf (saw filter); f if = 38.9 mhz. 17. the intercarrier output signal at pin 20 can be calculated by the following formula taking into account the video output signal at pin 21 (v o video(p-p) = 1 v typical) as a reference: with = correction term for rms value, = sound-to-picture carrier ratio at vif input (pins 1 and 2) in db, 6 db = correction term of internal circuitry and 3 db = tolerance of video output and intercarrier output amplitude v o(rms) . example: saw filter g1962 (sound shelf: 20 db) tt v o(rms) = 32 mv typical. 18. input level for second if from an external generator with 50 w source impedance. ac-coupled with 10 nf capacitor, f mod = 1 khz, 27 khz (54% fm deviation) of audio references. a vif/sif input signal is not permitted. pins 8 and 28 have to be connected to positive supply voltage for minimum if gain. s/n and thd measurements are taken at 50 m s de-emphasis. second if input level 10 mv rms. 19. measured with an fm deviation of 27 khz the typical af output signal is 500 mv rms (r x =0 w ; see fig.17). by using r x = 470 w the af output signal is attenuated by 6 db (250 mv rms). for handling an fm deviation of more than 53 khz the af output signal has to be reduced by using r x in order to avoid clipping (thd < 1.5%). for an fm deviation up to 100 khz an attenuation of 6 db is recommended with r x = 470 w . 20. the leakage current of the decoupling capacitor (2.2 m f) should not exceed 1 m a. 21. for all s/n measurements the used vision if modulator has to meet the following specifications: incidental phase modulation for black-to-white jump less than 0.5 degrees. picture-to-sound carrier ratio; pc/sc = 13 db; (transmitter). sound shelf of vif saw filter: minimum 20 db. 22. measurements taken with saw filter k6256 (siemens) for vision and sound if (sound shelf: 20 db). input level v i sif = 10 mv rms, 27 khz (54% fm deviation). 23. the pc/sc ratio at pins 1 and 2 is calculated as the addition of tv transmitter pc/sc ratio and saw filter pc/sc ratio. this pc/sc ratio is necessary to achieve the s/n(w) values as noted. a different pc/sc ratio will change these values. 24. measurements taken with saw filter l9453 (siemens) for am sound if (suppressed picture carrier). 25. the input voltage has to be v > 2.8 v, or open-circuit. v o rms () 1v pp C () 1 22 ---------- - 10 v isc v ipc ----------- - db () 6db 3db + 20 -------------------------------------------------------------- - = 1 22 ---------- - v isc v ipc ----------- - db () v isc v ipc ----------- - 27 db C =
1995 mar 21 19 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 table 1 input frequencies and carrier ratios table 2 switch logic description symbol b/g standard l standard l/l accent standard unit picture carrier f pc 38.9 38.9 33.9 mhz sound carrier f sc 33.4 32.4 40.4 mhz picture-to-sound carrier ratio sc 13 10 10 db standard switch selected standard video polarity fm-pll af-amplifier 2.8vtov p b/g negative on fm 1.3 to 2.3 v b/g, with external vif agc negative on fm 0 to 0.8 v l positive off am
1995 mar 21 20 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 handbook, full pagewidth q 0 50 8.2 pf 2.2 m f c ref gnd 2.2 m f vif agc 22 k w 100 nf 10 nf 22 k w afc v p video output intercarrier output 330 w n.c. tuner agc 10 nf sft 5.5 ma 560 w 5.6 k w fm mute switch 1 2 5 4 3 1:1 50 w sif input 1 2 5 4 3 1:1 50 w vif input 32 (28) (1) 1 TDA9812 c bl 100 nf n.c. n.c. n.c. top 22 k w 390 w loop filter 220 nf sif agc 2.2 m f 22 k w 5 v standard switch cvbs 22 k w l/l adjustment af output 5.6 k w 10 nf r 22 m f n.c. c dec x (1) 31 (27) (2) 2 30 (3) 3 29 (26) 4 28 (25) 5 27 (24) (4) 6 26 (23) (5) 7 25 (22) (6) 8 24 (21) (7) 9 23 (20) (8) 10 22 (19) (9) 11 21 (18) (10) 12 20 (17) (11) 13 19 (16) (12) 14 18 (13) 15 17 (15) (14) 16 mbe437 (1) see note 19 in chapter.characteristics. fig.4 test circuit (so28 pinning in parenthesis).
1995 mar 21 21 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 fig.5 typical tuner agc characteristic. handbook, halfpage 4.5 2.0 1.0 1.0 0 70 50 10 0 20 40 60 10 1.0 2.0 2.5 3.0 1.5 3.5 4.0 mbe438 30 gain (db) v (v) 28 i tuner (ma) r = 22 k w top 11 k w 0 k w i = tuner gain = fig.6 typical tuner vif characteristic. handbook, halfpage 4.5 2.0 1.0 1.0 0 60 6 0.6 0.06 1.0 2.0 2.5 3.0 1.5 3.5 4.0 mbe439 vif input (1, 2) (mv rms) v (v) 28 i tuner (ma) r = 22 k w top 11 k w 0 k w i = tuner gain = fig.7 typical agc characteristic. handbook, halfpage 4.5 120 40 20 60 100 0 1.0 2.0 2.5 3.0 1.5 3.5 4.0 mbe440 80 (db m v) v (v) 8 fig.8 typical sif agc characteristic. handbook, halfpage 4.5 0.1 0.01 0.001 1 100 1000 1.0 2.0 2.5 3.0 1.5 3.5 4.0 mbe441 10 sif input (31, 32) (mv rms) v (v) 8
1995 mar 21 22 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 handbook, halfpage 0 70 20 10 30 50 60 0 60 40 20 20 mbe442 40 s/n (db) v (ms) (db) i if fig.9 typical signal-to-noise ratio as a function of if input voltage (db). fig.10 typical signal-to-noise ratio as a function of if input voltage (mv). handbook, halfpage 60 70 20 10 30 50 60 0 0.06 0.6 6 10 600 mbe443 40 s/n (db) v (ms) (mv) i if fig.11 input signal conditions. handbook, halfpage sc cc pc sc cc pc blue yellow 27 db 13.2 db 3.2 db 27 db 13.2 db 10 db mbe444 sc = sound carrier cc = chrominance carrier pc = picture carrier all with respect to sync level. the sound carrier levels take into account a sound shelf attenuation of 20 db (swif g1962).
1995 mar 21 23 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 fig.12 measurement conditions and typical afc characteristic. handbook, full pagewidth v = 5 v p v p 200 100 0 200 100 ( a) 38.5 38.9 39.3 f (mhz) (source current) (sink current) v 23 i 23 (v) 4.5 3.5 2.5 1.5 0.5 TDA9812 23 i 23 22 k w 22 k w mbe445 fig.13 typical video signal levels on output composite video (sound carrier off). h andbook, full pagewidth 1.5 v 1.8 v 2.6 v 2.5 v zero carrier level white level black level sync level standard b/g 1.5 v 1.8 v 1.95 v 1.65 v 1.47 v 2.5 v zero carrier level white level black level threshold level threshold level sync level standard l mbe446
1995 mar 21 24 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 fig.14 typical audio sound-to-noise ratio as a function of input signal at am standard. handbook, full pagewidth 100 10 10 50 60 40 20 0 70 30 50 60 70 40 80 90 mbe447 30 ccir-468 (db) input voltage (db m v) signal noise fig.15 typical total harmonic distortion as a function of input signal at am standard. handbook, full pagewidth 0 1.25 10 2 mbe448 10 1 10 2 0.25 0.5 0.75 1.0 10 1 thd (%) f (khz)
1995 mar 21 25 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 fig.16 ripple rejection condition. handbook, full pagewidth TDA9812 v p = 5 v t v p = 5 v 100 mv ripple (f = 70 khz) mbe449
1995 mar 21 26 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 internal circuitry handbook, full pagewidth mbe451 15 14 13 650 w 300 m a 4.2 k w 10 pf 12 120 w 4.2 k w 25 pf 2.3 ma 11 4.2 k w 9 k w 3.6 v 10 2.5 ma 9 13 k w 3.6 v 16 k w 24 k w 8 7 23 m a vco 67 m a 6 9 k w 20 k w 3.6 v 25 m a 3 4 5 n.c. n.c. 1 ma 25 m a 2 1 0.6 m a 1.1 k w 1.1 k w 3.6 v 1.1 k w 1.1 k w 3.6 v 32 31 1 ma 650 w 20 k w 20 k w 70 k w 420 w 420 w 2.8 v 10 k w 10 k w 25 24 1 k w 1 k w 200 m a 23 22 3.3 k w 2.2 k w 2 k w 21 2.0 ma 1.7 pf 1.7 pf 9 k w 20 1.9 ma 0.5 pf 1.6 k w 10 k w 26 27 28 29 30 n.c. v p gnd TDA9812 2.5 ma 19 18 640 w 40 k w 10 pf 40 k w 3.9 k w 19 3.6 v 3.6 v 10 k w n.c. 16 n.c. fig.17 internal circuitry.
1995 mar 21 27 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 application information fig.18 application circuit (so28 pinning in parenthesis). handbook, full pagewidth 8.2 pf 2.2 m f c ref gnd 2.2 m f vif agc 22 k w 100 nf 10 nf 22 k w afc v p video output intercarrier output 330 w n.c. tuner agc 10 nf 5.5 mhz 560 w 5.6 k w fm mute switch 50 w if input 32 (28) (1) 1 TDA9812 c bl 100 nf n.c. n.c. n.c. top 22 k w 390 w loop filter 220 nf sif agc 2.2 m f 22 k w 5 v standard switch cvbs 22 k w l/l adjustment af output 5.6 k w 10 nf r 22 m f n.c. c dec x (2) 31 (27) (2) 2 30 (3) 3 29 (26) 4 28 (25) 5 27 (24) (4) 6 26 (23) (5) 7 25 (22) (6) 8 24 (21) (7) 9 23 (20) (8) 10 22 (19) (9) 11 21 (18) (10) 12 20 (17) (11) 13 19 (16) (12) 14 18 (13) 15 17 (15) (14) 16 15 m h (1) swif k9350 (1) swif g1962 (3) mbe450 (1) depends on standard. (2) see note 19 in chapter.characteristics. (3) only required for external agc mode.
1995 mar 21 28 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 package outlines unit b 1 cee m h l references outline version european projection issue date iec jedec eiaj mm dimensions (mm are the original dimensions) sot232-1 92-11-17 95-02-04 b max. w m e e 1 1.3 0.8 0.53 0.40 0.32 0.23 29.4 28.5 9.1 8.7 3.2 2.8 0.18 1.778 10.16 10.7 10.2 12.2 10.5 1.6 4.7 0.51 3.8 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 32 1 17 16 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. (1) (1) d (1) z a max. 12 a min. a max. sdip32: plastic shrink dual in-line package; 32 leads (400 mil) sot232-1
1995 mar 21 29 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z y w v q references outline version european projection issue date iec jedec eiaj mm inches 2.65 0.30 0.10 2.45 2.25 0.49 0.36 0.32 0.23 18.1 17.7 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 1.1 0.4 sot136-1 91-08-13 95-01-24 x 14 28 w m q a a 1 a 2 b p d h e l p q detail x e z c l v m a e 15 1 (a ) 3 a y 0.25 075e06 ms-013ae pin 1 index 0.10 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.71 0.69 0.30 0.29 0.050 1.4 0.055 0.42 0.39 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 0 5 10 mm scale so28: plastic small outline package; 28 leads; body width 7.5 mm sot136-1
1995 mar 21 30 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 soldering plastic dual in-line packages b y dip or wave the maximum permissible temperature of the solder is 260 c; this temperature must not be in contact with the joint for more than 5 s. the total contact time of successive solder waves must not exceed 5 s. the device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified storage maximum. if the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. r epairing soldered joints apply a low voltage soldering iron below the seating plane (or not more than 2 mm above it). if its temperature is below 300 c, it must not be in contact for more than 10 s; if between 300 and 400 c, for not more than 5 s. plastic small outline packages b ywave during placement and before soldering, the component must be fixed with a droplet of adhesive. after curing the adhesive, the component can be soldered. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. maximum permissible solder temperature is 260 c, and maximum duration of package immersion in solder bath is 10 s, if allowed to cool to less than 150 c within 6 s. typical dwell time is 4 s at 250 c. a modified wave soldering technique is recommended using two solder waves (dual-wave), in which a turbulent wave with high upward pressure is followed by a smooth laminar wave. using a mildly-activated flux eliminates the need for removal of corrosive residues in most applications. b y solder paste reflow reflow soldering requires the solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the substrate by screen printing, stencilling or pressure-syringe dispensing before device placement. several techniques exist for reflowing; for example, thermal conduction by heated belt, infrared, and vapour-phase reflow. dwell times vary between 50 and 300 s according to method. typical reflow temperatures range from 215 to 250 c. preheating is necessary to dry the paste and evaporate the binding agent. preheating duration: 45 min at 45 c. r epairing soldered joints ( by hand - held soldering iron or pulse - heated solder tool ) fix the component by first soldering two, diagonally opposite, end pins. apply the heating tool to the flat part of the pin only. contact time must be limited to 10 s at up to 300 c. when using proper tools, all other pins can be soldered in one operation within 2 to 5 s at between 270 and 320 c. (pulse-heated soldering is not recommended for so packages.) for pulse-heated solder tool (resistance) soldering of vso packages, solder is applied to the substrate by dipping or by an extra thick tin/lead plating before package placement.
1995 mar 21 31 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll/am demodulator TDA9812 definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
philips semiconductors C a worldwide company argentina: ierod, av. juramento 1992 - 14.b, (1428) buenos aires, tel. (541)786 7633, fax. (541)786 9367 australia: 34 waterloo road, north ryde, nsw 2113, tel. (02)805 4455, fax. (02)805 4466 austria: triester str. 64, a-1101 wien, p.o. box 213, tel. (01)60 101-1236, fax. (01)60 101-1211 belgium: postbus 90050, 5600 pb eindhoven, the netherlands, tel. (31)40 783 749, fax. (31)40 788 399 brazil: rua do rocio 220 - 5 th floor, suite 51, cep: 04552-903-s?o paulo-sp, brazil. p.o. box 7383 (01064-970), tel. (011)821-2333, fax. (011)829-1849 canada: philips semiconductors/components: tel. (800) 234-7381, fax. (708) 296-8556 chile: av. santa maria 0760, santiago, tel. (02)773 816, fax. (02)777 6730 colombia: iprelenso ltda, carrera 21 no. 56-17, 77621 bogota, tel. (571)249 7624/(571)217 4609, fax. (571)217 4549 denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. (032)88 2636, fax. (031)57 1949 finland: sinikalliontie 3, fin-02630 espoo, tel. (9)0-50261, fax. (9)0-520971 france: 4 rue du port-aux-vins, bp317, 92156 suresnes cedex, tel. (01)4099 6161, fax. (01)4099 6427 germany: p.o. box 10 63 23, 20043 hamburg, tel. (040)3296-0, fax. (040)3296 213. greece: no. 15, 25th march street, gr 17778 tavros, tel. (01)4894 339/4894 911, fax. (01)4814 240 hong kong: philips hong kong ltd., 15/f philips ind. bldg., 24-28 kung yip st., kwai chung, n.t., tel. (852)424 5121, fax. (852)480 6960/480 6009 india: philips india ltd, shivsagar estate, a block , dr. annie besant rd. worli, bombay 400 018 tel. (022)4938 541, fax. (022)4938 722 indonesia: philips house, jalan h.r. rasuna said kav. 3-4, p.o. box 4252, jakarta 12950, tel. (021)5201 122, fax. (021)5205 189 ireland: newstead, clonskeagh, dublin 14, tel. (01)7640 000, fax. (01)7640 200 italy: philips semiconductors s.r.l., piazza iv novembre 3, 20124 milano, tel. (0039)2 6752 2531, fax. (0039)2 6752 2557 japan: philips bldg 13-37, kohnan 2 -chome, minato-ku, tokyo 108, tel. (03)3740 5028, fax. (03)3740 0580 korea: (republic of) philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. (02)794-5011, fax. (02)798-8022 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. (03)750 5214, fax. (03)757 4880 mexico: 5900 gateway east, suite 200, el paso, tx 79905, tel. 9-5(800)234-7381, fax. (708)296-8556 netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb tel. (040)783749, fax. (040)788399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. (09)849-4160, fax. (09)849-7811 norway: box 1, manglerud 0612, oslo, tel. (022)74 8000, fax. (022)74 8341 pakistan: philips electrical industries of pakistan ltd., exchange bldg. st-2/a, block 9, kda scheme 5, clifton, karachi 75600, tel. (021)587 4641-49, fax. (021)577035/5874546 philippines: philips semiconductors philippines inc, 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. (02)810 0161, fax. (02)817 3474 portugal: philips portuguesa, s.a., rua dr. antnio loureiro borges 5, arquiparque - miraflores, apartado 300, 2795 linda-a-velha, tel. (01)4163160/4163333, fax. (01)4163174/4163366 singapore: lorong 1, toa payoh, singapore 1231, tel. (65)350 2000, fax. (65)251 6500 south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430, johannesburg 2000, tel. (011)470-5911, fax. (011)470-5494. spain: balmes 22, 08007 barcelona, tel. (03)301 6312, fax. (03)301 42 43 sweden: kottbygatan 7, akalla. s-164 85 stockholm, tel. (0)8-632 2000, fax. (0)8-632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. (01)488 2211, fax. (01)481 77 30 taiwan: philips taiwan ltd., 23-30f, 66, chung hsiao west road, sec. 1. taipeh, taiwan roc, p.o. box 22978, taipei 100, tel. (02)388 7666, fax. (02)382 4382 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, thailand, tel. (662)398-0141, fax. (662)398-3319 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. (0 212)279 27 70, fax. (0212)282 67 07 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. (0181)730-5000, fax. (0181)754-8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. (800)234-7381, fax. (708)296-8556 uruguay: coronel mora 433, montevideo, tel. (02)70-4044, fax. (02)92 0601 internet: http://www.semiconductors.philips.com/ps/ for all other countries apply to: philips semiconductors, international marketing and sales, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, telex 35000 phtcnl, fax. +31-40-724825 scd39 ? philips electronics n.v. 1995 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. philips semiconductors printed in the netherlands 533061/50/01/pp32 date of release: 1995 mar 21 document order number: 9397 750 00108


▲Up To Search▲   

 
Price & Availability of TDA9812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X