Part Number Hot Search : 
DBL5022 TM3053 A103G LT107MA5 LT1S022 ACY29 K1V33W S1500
Product Description
Full Text Search
 

To Download STN2222ASF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5c046-001 1 STN2222ASF npn silicon transistor pin connection sot-23f descriptions ? general purpose application ? switching application features ? large collector current ? low collector saturation voltage ? complementary pair with stn2907asf ordering information type no. marking package code STN2222ASF xa sot-23f device code year&week code absolute maximum ratings (ta=25 c) characteristic symbol rating unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 5 v collector current i c 600 ma collector power dissipation p c * 350 mw junction temperature t j 150 c storage temperature range t stg -55~150 c * : package mounted on 99.5% alumina 10 8 0.1 electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =10 a, i e =0 60 - - v collector-emitter breakdown voltage bv ceo i c =10ma, i b =0 40 - - v emitter-base breakdown voltage bv ebo i e =10 a, i c =0 5 - - v collector cut-off current i cbo v cb =60v, i e =0 - - 10 na dc current gain h fe v ce =10v, i c =10ma 75 - 450 - collector-emitter saturation voltage v ce(sat) i c =150ma, i b =15ma - 0.4 v transition frequency f t v ce =20v, i c =20ma 250 - - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 6.0 - pf 1 2 3
ksd-t5c046-001 2 STN2222ASF electrical characteristic curves fig. 2 i c - v be fig. 1 pc - ta fig. 3 i c - v ce fig. 5 v ce(sat) - i c fig. 6 h fe - i c fig. 4 h fe - i c
ksd-t5c046-001 3 STN2222ASF outline dimension recommend pcb solder land [unit: mm]
ksd-t5c046-001 4 STN2222ASF the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STN2222ASF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X