Part Number Hot Search : 
ML2008 MSA0185 10A100FC D16NF BD788 CPC1976Y 16HAFA MC10195
Product Description
Full Text Search
 

To Download STICE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data brief for further information contact your local stmicroelectronics sales office. may 2011 doc id 13797 rev 4 1/9 9 STICE cf/STICE_connect ad/STICE_connect as/STICE_connect full-featured cost-effective emulation system for st microcontrollers features emulation system ? real-time emulation of stm8 mcus (cpu frequency from 250 hz up to 50 mhz) ? application profiling for execution time or number of executions at instruction/source code/function level ? coverage analysis on code (at instruction/source code/function level) or data (memory locations or variables) for the entire memory space ? unlimited instruction breakpoints for the entire mcu memory space ? data breakpoints ? advanced breakpoints with up to 4 levels of user-configured conditions ? control of application memory accesses configurable at byte level ? trace of 128 k records with time stamp ? non-intrusive read/write on-the-fly to data memory during emulation ? power supply follower managing stm8 application voltages in range 1.65 to 5.5 v (0.8 v possible for meb with specific teb) ? 8-bit probe analyzer ? input trigger and 2 output triggers ? in-circuit debugging/programming via swim ? usb 2.0 (high-speed) interface to host pc connection accessories ? cf/STICE_connect: 60- or 120-pin flexible cable to connect to the application ? ad/STICE_connect: connection adapter to adapt the connection flex to the target device package ? as/STICE_connect: adapter socket soldered onto the application and receiving the ad/STICE_connect table 1. device summary part numbers contents STICE emulation system cf/STICE_connect connection flex ad/STICE_connect connection adapter for target device package or swim connector as/STICE_connect adapter socket as/STICE_connect ad/STICE_connect cf/STICE_connect www.st.com
description STICE 2/9 doc id 13797 rev 4 description the STICE is the advanced in-circuit emulation system from stmicroelectronics. it offers a complete range of proven debugging features such as advanced breakpoints and trace recording. in addition, it provides new profiling and coverage capabilitie s to help detect and eliminate dead code and bottlenecks in application execution. in addition to emulation, the STICE provides in-circuit debuggi ng and programming capability for st microcontrollers via the st single wire interface module (swim). swim allows non- intrusive debugging of an application while it runs on the target microcontroller. the STICE is supported by the free stm8 toolset, which includes the st visual develop (stvd) integrated development environment for building, debugging and fine-tuning applications, the st visual programmer (stvp) microcontroller programming interface and the stm8 assembler. the STICE offers improved cost-effectiveness by allowing users to order exactly what they need to meet their development requirements and to adapt their emulation system to support existing and future st microcontrollers. all these connection accessories and the STICE emulation boards can be ordered independently as replacement parts.
STICE working environment doc id 13797 rev 4 3/9 working environment the STICE is a modular emulation system that connects to a host pc via a usb interface, to an application board in place of the target microcontroller. it is made up of: a main emulation board (meb) that provides interface and emulation resources common to all emulated mcu families, a target emulation board (teb) that provides the analog emulation resources for a specific family of microcontrollers. it may also include a peripheral emulation boar d (peb) that provides emulation resources specific to an emulated peripheral for a microcontroller sub-family. figure 1. STICE and connection accessori es (full emulation configuration) for emulation, STICE connects to an application board via connection accessories that you specify when ordering the STICE. the STICE emulation system and connection accessories are shown in figure 1 . the connection accessories for emulation are: connection flex (cf/STICE_connect) ? flexible cable (60- or 120-pin depending on the target mcu) that relays signals from the STICE to your application board. connection adapter (ad/STICE_connect) ? adapts the connection flex either to the target microcontroller footprint or to the swim connector on your application board. adapter socket (as/STICE_connect) ? socket that solders to your application board in place of your mcu and receives the connection adapter. sockets also allow installation of your target microcontroller.     &ree34toolset 346$and3460runningonyour0#drive34ice 34)#% includesallemulationresources -%" 4%" and0%" #&3tice?#onnect #onnectionflextoconnectto applicationboard !$3tice?#onnect #onnectionadaptertoadapt connectioncableto-#5 !33tice?#onnect !daptersocketonapplication boardtopluginemulatorin placeof-#5
working environment STICE 4/9 doc id 13797 rev 4 the free stm8 toolset provides all the software required to develop and debug applications with STICE, and to program an application to a microcontroller. software includes: stvd ? integrated development environment (ide) that runs on the host pc connected to the emulator and allows users to edit, build and debug applications and then program them to the target stm8 microcontroller. stvd supports the full range of emulation and in-circuit debugging features for STICE . it also offers a quick programming interface based on stvp, for programming microcontrollers without leaving stvd. stvp ? full-featured software programming interface that runs on the host pc connected to the emulator. provides the full range of features for device programming including a project mode for saving programming configurations and automating programming sequences. figure 2. in-circuit debugging/in-circuit programming configuration )#0 (ost0# running 346$ for)#0and)#$ or 3460 for)#0 53"connectiontohost0# !$3tice?#onnect)#$)#0adapter relayedtomicrocontrollerallows connectionoftheflatcablefrom34ice 9o u r microcontroller )#$porton34icerightpanelfor)#$)#0 using37)- 2ightpanel
STICE ordering STICE doc id 13797 rev 4 5/9 ordering STICE the STICE emulation system is designed in a modular fashion so that you can order just the components that you need to emulate your target microcontroller. to help you order what you need, refer to ta bl e 2 for a description of each component and to ta bl e 3 for the list of accessories required for your microcontroller. make sure to use the correct order codes. table 2. device contents part numbers order codes contents emulation system STICE STICE-sysxxx (1) includes emulator case with: ? meb, teb and peb (2) for a microcontroller sub-family ? usb cable ? power supply ? trigger cables ? analyzer input cable connection flex cf/STICE_connect cf/fp60 60-pin connection cable for connection to the application board cf/fp120 120-pin connection cable for connection to the application board connection adapter ad/STICE_connect ad/xxxxxx-xxx (1) a connection adapter that is spec ific to your microcontroller?s package ad-icd/icp icd/icp adapter kit for STICE adapter socket as/STICE_connect as/xxxxxxx (1) as-dip-so a socket that is specific to your microcontroller?s package 1. refer to table 3: connection accessories for STICE systems for the order codes required for your microcontroller. 2. peripheral emulation board (peb) is prov ided only when required to emulate a spec ific sub-family of microcontrollers.
ordering STICE STICE 6/9 doc id 13797 rev 4 table 3. connection accessories for STICE systems mcu package (size, pitch in mm) STICE system connection flex connection adapter adapter socket in circuit debug/program adapters stm8afxx lqfp32 (7x7, 0.8) STICE-sys001 cf/fp60 ad/ qfp32b-a03 as/qfp32bc ad-icd/icp lqfp48 (7x7, 0.5) STICE-sys001 cf/fp60 ad/ qfp48b-a03 as/qfp48ba lqfp64 (10x10, 0.5) STICE-sys001 cf/fp120 ad/q fp64c-b02 as/qfp64ca lqfp80 (14x14, 0.65) STICE-sys001 cf/fp120 ad/qfp80f-b01 as/qfp80fb tssop20 (6.5x4.4, 0.65) STICE-sys001 cf/fp60 ad/t sso20a-a02 as/tsso20ab stm8l101 qfn20 (3x3, 0.5) STICE-sys005 - (1) ad/qfn20j-z01 as/qfn20ja qfn28 (4x4, 0.5) STICE-sys005 ad/qfn28h-z01 as/qfn28ha qfn32 (5x5, 0.5) STICE-sys005 ad/qfn32a-z01 as/qfn32aa lqfp32 (7x7, 0.8) STICE-sys005 cf/fp60 ad/ qfp32b-a04 as/qfp32bc tssop20 (6.5x4.4, 0.65) STICE-sys005 cf/fp60 ad/t sso20a-a01 as/tsso20ab stm8l15x stm8l16x qfn28 (4x4, 0.5) STICE-sys009 - (1) ad/qfn28h-z01 as/qfn28ha qfn32 (5x5, 0.5) STICE-sys009 ad/qfn32a-z01 as/qfn32aa qfn48 (7x7, 0.8) STICE-sys009 ad/qfn48b-z02 as/qfn48ba lqfp32 (7x7, 0.8) STICE-sys009 cf/fp60 ad/ qfp32b-a04 as/qfp32bc lqfp48 (7x7, 0.5) STICE-sys009 cf/fp60 ad/ qfp48b-a04 as/qfp48ba lqfp64 (10x10, 0.5) STICE-sys009 cf/fp120 ad/q fp64c-b03 as/qfp64ca lqfp80 (14x14, 0.65) STICE-sys009 cf/fp120 ad/qfp80f-b02 as/qfp80fb tssop20 (6.5x4.4, 0.65) STICE-sys009 - (1) (2) as/tsso20ab
STICE ordering STICE doc id 13797 rev 4 7/9 stm8sx0x sdip32 (400 mils, 1.778) STICE-sys001 cf/fp60 ad/dip32c-a03 (3) as-dip-so ad-icd/icp sdip32 (400 mils, 1.778) STICE-sys001 cf/fp60 ad/dip32c-a02 (4) as-dip-so qfn20 (3x3, 0.5) STICE-sys001 - (1) ad/qfn20j-z01 as/qfn20ja qfn32 (5x5, 0.5) STICE-sys001 ad/qfn32a-z03 (3) as/qfn32aa qfn32 (5x5, 0.5) STICE-sys001 ad/qfn32a-z02 (4) as/qfn32aa lqfp32 (7x7, 0.8) STICE-sys001 cf/fp60 ad/qfp32b-a05 (3) as/qfp32bc lqfp32 (7x7, 0.8) STICE-sys001 cf/fp60 ad/qfp32b-a03 (4)(5) as/qfp32bc lqfp44 (10x10, 0.8) STICE-sys001 cf/fp60 ad/ qfp44c-a02 as/qfp44cc lqfp48 (7x7, 0.5) STICE-sys001 cf/fp60 ad/ qfp48b-a03 as/qfp48ba lqfp64 (10x10, 0.5) STICE-sys001 cf/fp120 ad/q fp64c-b02 as/qfp64ca lqfp64 (14x14, 0.8) STICE-sys001 cf/fp120 ad/q fp64f-b01 as/qfp64fc lqfp80 (14x14, 0.65) STICE-sys001 cf/fp120 ad/qfp80f-b01 as/qfp80fb tssop20 (6.5x4.4, 0.65) STICE-sys001 cf/fp60 ad/t sso20a-a02 as/tsso20ab 1. ?-?: no accessories required. 2. contact your nearest st sales offices. 3. stm8sx03xx. 4. stm8s105xx. 5. stm8s207xx. table 3. connection accessories for STICE systems (continued) mcu package (size, pitch in mm) STICE system connection flex connection adapter adapter socket in circuit debug/program adapters
revision history STICE 8/9 doc id 13797 rev 4 revision history table 4. document revision history date revision changes 31-mar-2008 1 initial release. 10-may-2010 2 modified as cb-xx parts are now obsolete. 08-nov-2010 3 modified ta b l e 1 , ta b l e 2 and figure 1 as part numbers changed: ? as/xxxxxx became as/STICE_connect ? ad/xxxxxx-xxx and ad-icd/icp became ad/STICE_connect ? cf/fpxxx became cf/STICE_connect order code as-dip-so added to ta bl e 2 . 24-may-2011 4 removed cb-xxx part number s from the whole document. added STICE accessories description and ordering information.
STICE doc id 13797 rev 4 9/9 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STICE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X