Part Number Hot Search : 
067492 EM78P259 TRMPB LTC170 TC901 4HCT3 5236B S60D45PT
Product Description
Full Text Search
 

To Download SRL16A-12W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 16a output current ? wide 6v - 14v input range ? ef ciency to 94% ? en 60950 approved (ul) ? miniature smt construction ? short circuit protected ? thermal shutdown ? remote on/off control ? sequencing capability ? industry standard footprint SRL16A-12W miniature surface mount 16a output, switching pol regulators micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com electrical speci? cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. www.micropowerdirect.com input parameter conditions min. typ. max. units input voltage range v out 4.5v 6.0 12.0 14.0 vdc v out 5.0v 6.5 12.0 14.0 under voltage lockout, power up turn on voltage threshold 5.0 vdc turn off voltage threshold 4.0 lockout hysteresis voltage 1.0 maximum input current i out = 100%, v in = 0 to 14 vdc 15.0 a off input current input idle current 10 ma input filter capacitive input re ected ripple current see note 1 200 ma p-p output parameter conditions min. typ. max. units output voltage/current see model selection guide output voltage tolerance ?.5 % line regulation v in = min to max ?.2 % load regulation i out = 0% to 100% ?.5 % ripple & noise (20 mhz) see note 2 75 mv p-p 30 mv rms transient recovery time, see note 3 50% load change 200 sec temperature coef cient ?.03 %/? power good signal (optional) logic high 90 110 %v out short circuit protection continuous (hiccup mode) over temperature protection see note 4 130 ? overload protection see note 5 19.2 25 32 a general parameter conditions min. typ. max. units isolation voltage not isolated switching frequency fixed 300 khz sequencing parameter conditions min. typ. max. units sequencing delay time 10 msec sequencing slew rate dvseq / dt 0.1 1.0 v/msec tracking power up 200 mv power down 400 remote on/off, see note 6 parameter conditions min. typ. max. units unit on logic high open or v in unit off logic low 0.0 0.4 vdc on/off current v on /v off = 0.0v 1 ma environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 ? storage temperature range -55 +125 ? cooling free air convection (see derating curves) humidity rh, non-condensing 93 % physical size 1.3 x 0.53 x 0.346 inches (33.0 x 13.46 x 8.8 mm) weight 0.299 oz (8.5g) reliability speci? cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 980 khours safety standards ul 60950, en 60950
model selection guide notes: 1. measured over a bandwidth of 5 hz to 20 mhz using a 1 ? inductor. 2. output ripple is measured at 20 mhz bandwidth using a 1.0 ? ceramic capacitor and a 10 ? tantalum capacitor connected in parallel as close to the output terminals as possible. 3. transient recovery is measured to within a 200 mv error band for a 50% load change. 4. these units include a non-latching over temperature protection circuit. if the temperature exceeds approximately 120? at the monitored ?ot spot? the unit will be shut down. when the tem- perature decreases, the unit will automatically restart. see page 3 for temperature measurement information. 5. these units will provide up to 150% of rated current. in the event of an over current fault, the unit will go into hiccup mode until the fault is removed. 6. standard units feature an active high remote control input. see the note and diagram at right. 7. these units do not include an internal fuse. it is recommended that an external slow-blow fuse be used with a rating as shown in the table above. 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com model number input output ef? ciency (%, typ) capacitive load (f max) fuse rating slow-blow (a) voltage (vdc) current (ma) voltage (vdc) current (a, max) current (a, min) range full-load no-load SRL16A-12W-5.0 6.0 - 14.0 1,250 40 0.75 16.0 0.0 80 8,000 20 1,882 40 1.20 85 2,273 50 1.50 88 2,697 60 1.80 89 2,963 60 2.00 90 3,663 65 2.50 91 4,731 75 3.30 93 6.5 - 14.0 7,092 95 5.00 94 remote on/off these units include an active high on/off control input. the unit is ?n?if the input to the control pin (pin 2) is high; or if the pin is left open (or oating). the signal level of the control input is referenced to ground. a recommended drive circuit for the control pin is shown at left. the resistors r 1 & r 2 have been added to help reduce pos- sible false triggering of the control input due to leakage currents. units are available with an active low control input. with this input, the unit will remain off if the con- trol input remains above 2.8 vdc. for more information on the active low option, contact the factory. notes: fuse: SRL16A-12W regulators do not include an internal fuse. for safety and protection, a external slow-blow fuse should be placed in the input (+v in ) line. a 20a fuse is recommended. input filter: the unit must be connected to a low ac impedance source, and to avoid loop stability issues, the source inductance should also be low. to signi cantly reduce ripple caused by the switching action of the pol, the SRL16A-12W includes onboard ltering. however, adding input capacitors c 1 and c 2 will further reduce ripple currents (c 1 ) and high frequency noise spikes (c 2 ). these capacitors should be placed as close to the input pins as possible (see board layout at right). it is recommended that low esr (<100 m ) and low esl ceramic capacitors be used. recommended values are: c 1 c 2 33 f to 250 f 0.01 f sequence : see note on page 4 typical connection remote on/off : see note above output trim : see note on page 4 remote sense : the remote sense helps regulate the output voltage at the point of load by minimizing the effects of distribution losses. the voltage between the sense pin (pin 3) and the point of load should not exceed 500 mv. when using the remote sense function, the output voltage level may rise. care must be taken not to exceed the maximum rated output power of the regulator. when not in use, the remote sense pin should be tied to the output pin of the regulator. output filter : output ltering is not required, but may be used to further reduce output ripple & noise; or to adjust the transient response time of the unit. care must be taken not to exceed 8,000 f, the maximum value of output capacitance the unit is rated for. the values given in the connection dia- gram are typical for light ltering.
SRL16A-12W-5.0 - v in = 12 vdc, v out = 5.0 vdc SRL16A-12W-5.0 - v in = 12 vdc, v out = 3.3 vdc SRL16A-12W-5.0 - v in = 12 vdc, v out = 2.5 vdc SRL16A-12W-5.0 - v in = 12 vdc, v out = 2.0 vdc SRL16A-12W-5.0 - v in = 12 vdc, v out = 1.8 vdc SRL16A-12W-5.0 - v in = 12 vdc, v out = 1.5 vdc SRL16A-12W-5.0 - v in = 12 vdc, v out = 1.2 vdc SRL16A-12W-5.0 - v in = 12 vdc, v out = 0.75 vdc temperature measurement derating curves these switching regulators may be used in a wide variety of thermal environments, but must be properly cooled to ensure long re li- able operation. the derating curves shown above are approximations of the ambient temperature and air ow required to maintain the switching regulator temperature below its maximum rating. air ow should move across the unit, as shown above. proper cooling can be veri ed by measuring the temperature at the reference point (as shown at left). the thermocouple should be mounted approximately 0.5 in. off the unit board. the temperature at this location should not exceed 120?. micropower direct 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com
mechanical dimensions notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.02 ( 0.50) micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com pin description pin description 1 +v input 5 +v output 2 sense 6 trim 3 sequence 7 sense 4 common 8 power good the power good signal is optional pin connections suggested board layout this diagram illustrates a simple board layout for use with the SRL16A-12W series. as recom- mended, external components are placed as close to the unit as possible. to help shield external circuitry, the ground plane has been extended under the unit. any signal traces should not be routed under- neath the unit (unless they are on a layer under the ground plane) to avoid unwanted noise interference. SRL16A-12W-5.0 SRL16A-12W-5.0 v out (vdc) r trim (k) v out (vdc) r trim (k) 0.75 open 2.00 7.417 1.20 22.46 2.50 5.009 1.50 13.05 3.30 3.122 1.80 9.024 5.00 1.472 output voltage trim the required resistor value for various output levels is given in the table above. to calculate the correct value for a different output level, the formula is: . , 1, 000 r v 0 7525 10 500 trim out = - - where: r trim = the external trim resistor v out = the desired output voltage if a trim resistor is not connected, the output is 0.75 vdc. the output voltage level of the srl16-12w series is adjust- able over a wide range by the simple addition of an external resistor. this trim resistor is connected between the circuit common and the trim input, as shown in the diagram at left. suggested solder re? ow pro? le sequencing the outputs of multiple SRL16A-12W modules may be con- troled via the sequencing feature. when not using this feature, the s eq input should be left open or tied to v in . connecting modules (as shown above), allows users to control the timing of the outputs of multiple modules. for proper sequencing, the input voltage is applied to the module. the on/off input of each module is left open so that the module is on by default. a minimum 10 ms delay (after the input voltage is applied) is required before applying a voltage on the s eq input. as a voltage is applied to the s eq input, the module output voltage will track this control voltage (on a one- to-one volt basis) until the set-point voltage level is reached. to achieve a simultaneous shutdown of the modules, the s eq input voltage is lowered in a controlled manner. the module output voltages will track this input below their set-point voltages on a one-to-one basis. the input voltage must be maintained within speci ed limits until the tracking and output voltages reach ground potential.


▲Up To Search▲   

 
Price & Availability of SRL16A-12W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X