Part Number Hot Search : 
PS604R PS604R IRLR120A R25H160F LC5523F C2655 C8030 TIP50G
Product Description
Full Text Search
 

To Download SR540-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr520-g thru. sr5200-g forward current: 5.0a reverse voltage: 20 to 200v rohs device schottky barrier rectifier qw -bb027 page 1 rev :a features -axial lead type devices for through hole design. -low power loss, high ef ficiency . -high current capability , low forward voltage drop. -high surge capability . mechanical data -case: molded plastic, do-201ad/do-27 -epoxy: ul94v -0 rate flame retardant. -polarity: color band denoted cathode end. -lead: axial lead, solderable per mil-std-202 , method 208 guranteed. -w eight: 1.10 gram . (approx.) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 7 1.0(25.4) min. 1.0(25.4) min. 0.375(9.50) 0.285(7.20) 0.220(5.60) 0.197(5.00) 0.052(1.30) 0.048(1.20) parameter unit maximum ratings and electrical characteristics ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage operating junction temperature range symbol v rrm v rms v dc t j s r 5 2 0 s r 5 4 0 s r 5 6 0 s r 5 1 0 0 - g s r 5 1 5 0 - g s r 5 2 0 0 - g 20 14 20 40 28 40 -50 ~ +150 60 42 60 100 70 100 150 105 150 200 140 200 -50 ~ +175 v v v v f 0.50 0.81 0.90 v 0.75 0.55 0.87 c forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 5.0 125 0.5 20 24 380 -50 +175 unit c o m c h i p s m d d i o d e s p e c i a l i s t -guardring for overvoltage protection . -ultra high-speed switching. -silicon epitaxial planar chip, metal silicon junction. -lead-free part meets environmental standards of mil-std-19500/228 - g - g - g maximum instantaneous forward voltage at i f =5a,t a =25c dia. dia.
ra ting and characteristic cur ves (sr520-g thru. sr5200-g) page 2 rev :a schottky barrier rectifier ambient t emperature, (c) 0 3.0 4.0 7.0 1.0 6.0 2.0 5.0 a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.1 - t ypical forward current derating curve forward v oltage, (v) fig.2 - t ypical forward characteristics 0.1 0.01 0.1 1.0 10 100 0.9 1.1 1.5 0.5 1.3 puls e w idth 300 us 1% du ty c ycle tj= 25 c 0.7 0.3 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) percent of rated peak reverse v oltage, (%) 120 60 40 100 0 fig.5 - t ypical reverse characteristics 0.01 0.1 1 10 100 reverse v oltage, (v) 0.01 fig.4 - t ypical junction capacitance 0 400 1400 1 10 100 20 number of cycles at 60hz 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 90 150 1 10 100 30 120 60 o t j =25 c 8.3ms single half sine wave, jedec method 0.1 200 800 600 1200 1000 r e v e r s e l e a k a g e c u r r e n t , ( m a ) j u n c t i o n c a p a c i t a n c e , ( p f ) fig.3 - maximum non-repetitive surge current forward 140 c o m c h i p s m d d i o d e s p e c i a l i s t 0 100 175 25 50 75 150 125 s r 5 1 5 0 - g ~ s r 5 2 0 0 - g s r 5 2 0 - g ~ s r 5 1 0 0 - g 80 t j =25c t j =125 c s r 5 2 0 - g ~ s r 5 4 0 - g s r 5 1 0 0 - g s r 5 6 0 - g s r 5 1 5 0 - g ~ s r 5 2 0 0 - g qw -bb027
page 3 rev :a schottky barrier rectifier c o m c h i p s m d d i o d e s p e c i a l i s t b t aping specification for axial lead diodes l 1 l 2 e a z t e 90 5 l h w l 1 0 . 0 3 9 ( m a x ) 1 . 0 0 ( m a x ) l 2 0 . 0 3 9 ( m a x ) 1 . 0 0 ( m a x ) b z t e 9 . 3 0 0 . 5 0 5 2 . 4 0 ( m a x ) 6 . 0 0 0 . 4 0 1 . 2 0 ( m a x ) 0 . 8 0 ( m a x ) 2 . 0 6 3 ( m a x ) 0 . 3 6 6 0 . 0 2 0 0 . 0 4 7 ( m a x ) 0 . 2 3 6 0 . 0 1 6 0 . 0 3 1 ( m a x ) a s y m b o l ( m m ) ( i n c h ) d o - 2 7 l w h 7 5 . 0 0 2 . 9 5 3 1 4 5 . 0 0 5 . 7 0 9 2 6 0 . 0 0 1 0 . 2 3 6 d 3 3 0 . 0 0 1 3 . 0 0 0 d 1 d 0 8 5 . 7 0 0 . 3 0 3 . 3 7 4 0 . 0 1 2 1 6 . 6 0 0 . 4 0 0 . 6 5 4 0 . 0 1 6 w 0 7 2 . 0 0 3 . 0 0 2 . 8 3 5 0 . 1 1 8 ( i n c h ) ( m m ) d o - 2 7 s y m b o l standard packaging c a s e t y p e d o - 2 7 5 0 0 b o x ( p c s ) a m m o p a c k c a r t o n ( p c s ) 9 , 0 0 0 xx / xxx = product type marking code s r x x x marking code sr52 sr54 sr56 sr510 sr515 sr520 marking code part number sr5100-g sr5150-g sr5200-g sr520-g SR540-G sr560-g qw -bb027


▲Up To Search▲   

 
Price & Availability of SR540-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X