Part Number Hot Search : 
1N4002 14000 STPS15 07364 MSK4204 AD1857 KTD20 M400D
Product Description
Full Text Search
 

To Download SR40150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SR40150 voltage 150v 40.0 amp schottky barrier rectifiers to-247 ( to- 3p) ? features . low forward voltage drop . high current capability . high reliability . high surge current capability . epitaxial construction ? mechanical data . case: molded plastic . epoxy: ul 94v-0 rate flame retardant . lead: lead solderable per mil-s td-202, method 208 guaranteed . polarity: as marked . mounting position: any . weight: 5.60 grams ? maximum ratings and electrical characteristics rating 25 : ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number SR40150 units maximum recurrent peak reverse voltage 150 v working peak reverse voltage 150 v maximum dc blocking voltage 150 v maximum average forward rectified current, see fig. 1 40.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) 350 a maximum instantaneous forward voltage at 20.0a 0.85 v maximum dc reverse current ta=25 :! 0.03 at rated dc blocking voltage ta=125 4.5 typical junction capacitance (note 1) 900 pf typical thermal resistance r  jc (note 2) 3.0 : / w operating temperature range t j -50 ~ +150 : storage temperature range t stg -65 ~ +175 : notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to ambient vertical pc board mounting 0.5"(12.7mm) lead length. http://www.secosgmbh.com/ any changing of specification will not be informed individual dimens ions in inches and (millimeters ) ma 01 -jun-2002 rev. a page 1 of 2 + pin 1 pin 3 pin 2 case .638(16.20) .881(22.38) .846(21.50) .319(8.10) .122(3.1) .177(4.50) .050(1.30) .204(5.20) .223(5.66) .027(0.70) .144(3.65) .244(6.20) .605(15.38) .812(20.63) .728(18.50) .303(7.69) .110(2.8) .153(3.90) .045(1.10) .181(4.60) .207(5.26) .019(0.48) .128(3.25) .228(5.8) dia. .095 (2.4) 30 rohs compliant product a suffix of "-c" specifies halogen & lead-free
elektronische bauelemente SR40150 voltage 150v 40.0 amp schottky barrier rectifiers ? rating and characteristic curves (SR40150) http://www.secosgmbh.com/ any changing of specification will not be informed individual reverse voltage,(v) fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) 1000 1400 800 600 400 200 0 1200 1 2 5 tj=25 c 10 50 100 number of cycles at 60hz peak forward surge current,(a) fig.3-maximum non-repetitive forward 200 100 0 250 400 350 110 50 tj=25 c surge current 8.3ms single half sine wave jedec method 10 20 30 40 50 6 0 70 80 90 100 110 120 tc,case temperature,( c) 130 140 150 160 180 dc rated voltage r t jc = 2 c/w fig.2- typical forward voltage (per leg) 100 fig.1-typical forward current derating curve i ,average power dissipation(watts) f(av) i ,instaneous forwaed current(amp) f(av) 70 50 30 15 10 4 1 square wave  v ,instantaneous voltage(volts)     0.2 0.4 0.6 0.8 1.0 v r , reverse current (volts) 10,000 1,000 100 10 1 0 20 40 60 80 100 120 140 160 180 200 fig.5-typical reverse current(per leg) 0 100 100,000 i , reverse current( a) r p tj=25 c tj=100 c tj=125 c tj=150 c tj=25 c tj=100 c tj=125 c tj=150 c 20 01 -jun-2002 rev. a page 2 of 2


▲Up To Search▲   

 
Price & Availability of SR40150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X