50v-1000v 1.0a SM4001FL thru sm4007fl glass passivated surface mount rectifiers mechanical data web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics ? low forward surge current ? ideal for surface mounted applications ? low leakage current ? case: jedec sod-123fl, molded plastic over passivated chip ? terminals: solder plated, solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? weight: 0.006 ounces, 0.02 gram ? mounting position: any rating 25 c ambient temperature unless otherwise specified.single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% . parameters symbol part numbers units testing conditions sm 4001 fl sm 4002 fl sm 4003 fl sm 4004 fl sm 4005 fl sm 4006 fl sm 4007 fl recurrent reverse voltage (max.) v rrm 50 100 200 400 600 800 1000 v rms voltage (max.) v rms 35 70 140 280 420 560 700 v dc blocking voltage (max.) v dc 50 100 200 400 600 800 1000 v instantaneous forward voltage (max.) (note 1) v f 1.1 v i fm = 1.0a average forward rectified current (max.) i (av) 1.0 a t a = 75 c peak forward surge current i fsm 25 a 8.3ms single half sine-wave superimposed on rated load ( jedec method ) dc reverse current at rated dc blocking voltage (max.) i r 5.0 ? a t a =25 c t a =125 c 50 typical thermal resistance junction-lead r jl 20 c / w typical junction capacitance c j 15 pf f=1mhz, v r =4.0v operating and storage temperature range t j , t stg -55 ~ 150 c notes 1. pulse test pulse width 300 ? sec, duty cycle 2%. sod-123fl
ratings and characteristic curves SM4001FL thru sm4007fl e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 50v-1000v 1.0a SM4001FL thru sm4007fl glass passivated surface mount rectifiers
|