skm300gb12e4 ? by semikron rev. 2 ? 16.06.2009 1 semitrans ? 3 gb igbt4 modules skm300gb12e4 features ? igbt4 = 4. generation (trench)igbt ? vcesat with positive temperature coefficient ? high short circuit capability, self limiting to 6 x i cnom ? soft switching 4. generation cal diode (cal4) typical applications ? ac inverter drives ?ups ? electronic welders at fsw up to 20 khz remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150 absolute maximum ratings symbol conditions values unit igbt v ces 1200 v i c t j = 175 c t c =25c 422 a t c =80c 324 a i cnom 300 a i crm i crm = 3xi cnom 900 a v ges -20 ... 20 v t psc v cc = 800 v v ge 15 v v ces 1200 v t j = 150 c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 353 a t c =80c 264 a i fnom 300 a i frm i frm = 3xi fnom 900 a i fsm t p = 10 ms, sin 180, t j =25c 1548 a t j -40 ... 175 c module i t(rms) 500 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =300a v ge =15v chiplevel t j =25c 1.85 2.1 v t j = 150 c 2.25 2.45 v v ce0 t j =25c 0.8 0.9 v t j = 150 c 0.7 0.8 v r ce v ge =15v t j =25c 3.5 4.0 m ? t j = 150 c 5.2 5.5 m ? v ge(th) v ge =v ce , i c =12ma 5 5.8 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 0.1 0.3 ma t j = 150 c ma c ies v ce =25v v ge =0v f=1mhz 17.6 n f c oes f=1mhz 1.16 nf c res f=1mhz 0.94 nf q g v ge =- 8 v...+ 15 v 1700 nc r gint t j =25c 2.5 ? t d(on) v cc = 600 v i c =300a v ge =15v r g on =1.5 ? r g off =1.5 ? di/dt on = 6100 a/s di/dt off = 3000 a/s t j = 150 c 220 n s t r t j = 150 c 44 ns e on t j = 150 c 27 mj t d(off) t j = 150 c 520 n s t f t j = 150 c 117 n s e off t j = 150 c 39 mj r th(j-c) per igbt 0.11 k/w
skm300gb12e4 2 rev. 2 ? 16.06.2009 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f =300a v ge =0v chip t j =25c 2.17 2.49 v t j = 150 c 2.11 2.42 v v f0 t j =25c 1.3 1.5 v t j = 150 c 0.9 1.1 v r f t j =25c 2.9 3.3 m ? t j = 150 c 4.0 4.4 m ? i rrm i f =300a di/dt off = 7300 a/s v ge =15v v cc = 600 v t j = 150 c 345 a q rr t j = 150 c 54 c e rr t j = 150 c 23 mj r th(j-c) per diode 0.17 k/w module l ce 15 20 nh r cc'+ee' terminal-chip t c =25c 0.25 m ? t c = 125 c 0.5 m ? r th(c-s) per module 0.02 0.038 k/w m s to heat sink m6 3 5 nm m t to terminals m6 2.5 5 nm nm w 325 g semitrans ? 3 gb igbt4 modules skm300gb12e4 features ? igbt4 = 4. generation (trench)igbt ? vcesat with positive temperature coefficient ? high short circuit capability, self limiting to 6 x i cnom ? soft switching 4. generation cal diode (cal4) typical applications ? ac inverter drives ?ups ? electronic welders at fsw up to 20 khz remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150
skm300gb12e4 ? by semikron rev. 2 ? 16.06.2009 3 fig. 1: typ. output ch aracteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
skm300gb12e4 4 rev. 2 ? 16.06.2009 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching times vs. gate resistor r g fig. 9: transient thermal impedance fig. 10: cal diode forward characteristic fig. 11: cal diode peak reverse recovery current fig. 12: typ. cal diode peak reverse recovery charge
skm300gb12e4 ? by semikron rev. 2 ? 16.06.2009 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix. this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. semitrans 3 gb
|