Part Number Hot Search : 
MAX324 LX2240 88XS23D7 PT2X1 FSS294 74ACT240 E3055 MOC3082
Product Description
Full Text Search
 

To Download SDA-70204-0396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0025022026 status: active description: 2.54mm (.100") pitch c-grid? header, dual row, shrouded, with pc slot and guide ear, 26 circuits, tn (sn) plating documents: 3d model product specification ps-70204 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70204 application board-to-board product name c-grid? physical breakaway no circuits (loaded) 26 circuits (maximum) 26 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no guide to mating part yes lock to mating part none material - metal brass, phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation vertical pc tail length (in) 0.110 in pc tail length (mm) 2.79 mm pcb locator no pcb retention none packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.81 plating min: termination (in) 150 plating min: termination (m) 3.81 polarized to mating part yes polarized to pcb no shrouded fully stackable no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 3a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70204 series mates with 71973
voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 70204-0396 reference - drawing numbers product specification ps-70204 sales drawing sda-70204-0385-0448 this document was generated on 03/31/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of SDA-70204-0396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X