Part Number Hot Search : 
012S0 1N5392J1 MC33897D AKD5385A 2SC3896 TC58F HDR12U ICS91309
Product Description
Full Text Search
 

To Download PAM10ST2315C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05354.r0 12/11 page 1 05354 PAM10ST2315C & pam10st2324c 500 watt tvs array de scr i pt ion the pam10st23xxc series are transient voltage suppressor (tvs) arrays, designed for automotve applicatons that provide protecton against esd, tertary lightning and switching transients. this series ofers low clamping voltage for the protecton of sensitve interfaces. the pam10st23xxc series has a peak pulse power of 500 wats for an 8/20s waveshape and is available in a bidirec - tonal confguraton. this series meets the iec 61000-4-2, 61000-4-4 and iec 61000-4-5 requirements. fe at u r e s ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? compatble with iec 61000-4-5 (surge): 24a, 8/20s - level 2(line- ground) & level 3 (line-line) ? 500 wats peak pulse power per line(tp = 8/20s) ? low clamping voltage ? bidirectonal confguraton ? available 15 and 24 volts ? rohs compliant ? reach compliant m e c h a nic a l c h aract e r i st i cs ? molded jedec sot-23 package ? approximate weight: 8 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? flammability ratng ul 94v-0 ? 8mm tape and reel per eia standard 481 app li cat ion s ? automotve applicaton p in c on f i g u rat ion s o t -23 pac k ag e 2 3 1 unidirectional 2 3 1 bidirectional
only one name means protektion? www.protekdevices.com 05354.r0 12/11 page 2 05354 PAM10ST2315C & pam10st2324c typ i ca l d e v i c e c h aract e r i st i cs max i m u m rat in gs @ 25c unless o therwise specifed param e t e r symb ol va lue uni ts peak pulse power (tp = 8/20s) - see figure 1 p pp 500 wats operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c ele ctr i ca l c h aract e r i st i cs p e r line @ 25c unless o therwise specifed part nu mb e r d e v i c e mar kin g rat e d sta n d- o ff v ol tag e v wm v ol ts m ini m u m br e a k d o w n v ol tag e @ 1 m a v (br) v ol ts max i m u m c l amp in g v ol tag e (fig. 2) @ i p = 1a v c v ol ts max i m u m c l amp in g v ol tag e (fig. 2) @ 8/20 s v c @ i pp max i m u m le a k ag e c u rr en t @v wm i d a typ i ca l capac i ta n c e @0v, 1m h z c p f PAM10ST2315C 15c 15.0 16.7 24.0 30.0v @ 17.0a 1 60 pam10st2324c 24c 24.0 26.7 43.0 49.0v @ 12.0a 1 63
only one name means protektion? www.protekdevices.com 05354.r0 12/11 page 3 05354 PAM10ST2315C & pam10st2324c typ i ca l d e v i c e c h aract e r i st i cs peak pulse power 8/20s average power f i g u r e 3 p o w e r d e rat in g c u rv e t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f i g u r e 2 p ul s e wav e f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120 f i g u r e 1 p e a k p ul s e p o w e r vs p ul s e t i m e t d - pulse duraton - s 500w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000
only one name means protektion? www.protekdevices.com 05354.r0 12/11 page 4 05354 PAM10ST2315C & pam10st2324c sp i c e m o d el f i g u r e 1 sp i c e m o d el f o r tab le 1 - sp i c e param e t e rs param e t e r uni t abd ( tvs ) bv v see table 2 ibv a 1 c jo pf see table 2 i s a see table 2 vj v 0.6 m - 0.33 n - 1 r s ohms see table 2 tt s 1e-8 eg ev 1.11 tab le 2 - abd sp e c i f i c sp i c e param e t e rs part nu mb e r b v ( v ol ts ) c jo ( p f) i s ( amps ) r s (oh ms ) PAM10ST2315C 16.7 51 1e-13 0.52 pam10st2324c 26.7 30 1e-13 1.54 abd - avalanche breakdown diode (tvs) lg - lead inductance abd abd lg 0.6nh abd lg 0.6nh unidirectional bidirectional
only one name means protektion? www.protekdevices.com 05354.r0 12/11 page 5 05354 PAM10ST2315C & pam10st2324c s o t -23 pac k ag e in f o rmat ion ou t line d i m en s ion s d i m m illi m e t e rs in c he s m in max m in max a 2.80 3.04 0.110 0.120 b 1.20 1.40 0.047 0.055 c 0.89 1.11 0.035 0.044 d 0.37 0.50 0.015 0.020 g 1.78 2.04 0.070 0.081 h 0.013 0.100 0.001 0.004 j 0.085 0.177 0.003 0.007 k 0.45 0.60 0.018 0.024 l 0.89 1.02 0.035 0.040 s 2.10 2.50 0.083 0.098 v 0.45 0.60 0.018 0.024 no t e s 1. controlling dimension: inches. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. pin 3 is the cathode (unidirectonal only) 4. dimensions are exclusive of mold fash and metal burrs. pad l ay ou t d i m en s ion s d i m m illi m e t e rs in c he s m in max m in max a 0.71 0.97 0.028 0.038 b 1.88 2.13 0.074 0.084 c 0.71 0.97 0.028 0.038 d 0.81 1.07 0.032 0.042 no t e s 1. controlling dimension: inches. a l b s g v 3 1 2 d h c k j 0-10 a c d b
only one name means protektion? www.protekdevices.com 05354.r0 12/11 page 6 05354 PAM10ST2315C & pam10st2324c tap e a n d r eel sp e c i f i cat ion s reel di a . t ap e wi dt h a0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 3.15 0.10 2.77 0.10 1.30 0.10 1.55 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.228 n o t e s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. sufx - t13 = 13 reel - 10,000 pieces per 8mm tape. 5. marking on part - marking code (see page 2). package outline, pad layout and tape specifcatons per document number 06012.r2 8/10. t op cover tape k0 d p0 p2 10 pitches cumulatve t olerance on t ape. 0.2 a0 b0 p e f w user directon of feed pin 1 t o rd e r in g in f o rmat ion bas e part nu mb e r ( xx = v oltage ) le adfr ee s u ff i x tap e s u ff i x qty/r eel r eel s i z e t u b e qty pam10st23xxc series n/a -t7 3000 7 n/a pam10st23xxc series n/a -t13 10,000 13 n/a this device is only available in a lead-free confguraton.
only one name means protektion? www.protekdevices.com 05354.r0 12/11 page 7 05354 PAM10ST2315C & pam10st2324c c o mpa n y in f o rmat ion c o mpany pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2011 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. c on tact us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of PAM10ST2315C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X