Part Number Hot Search : 
PIC18F4 7WZ1018 AD103 KSI0M011 CTW138 20150CT SR640 IS42S
Product Description
Full Text Search
 

To Download MJ10003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon npn darlington power transistor MJ10003 description collector-emitter sustaining voltage- : v ceo(sus) = 400v (min.) high switching speed applications designed for high voltage, high speed , power switching in inductive circuits where fall time is critical. they are partic- ularly suited for line operated switch-mode applications as: switching regulators inverters solenoid and relay drivers motor controls deflection circuits absolute maximum ratings (t a =25 ) symbol parameter value unit v ceo(sus) collector-emitter voltage 400 v v cex(sus) collector-emitter voltage 450 v v cev collector-emitter voltage 500 v v ebo emitter-base voltage 8 v i c collector current-continunous 10 a i cm collector current-peak 20 a i b b base current-continunous 2.5 a p c collector power dissipation @t c =25 150 w t j junction temperature 200 t stg storage temperature range -65~200 thermal characteristics symbol parameter max unit r th j-c thermal resistance, junction to case 1.17 /w isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon npn darlington power transistor MJ10003 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c = 0.25a; i b = 0 350 v v ce (sat)-1 collector-emitter saturation voltage i c = 5a; i b = 0.25a b i c = 5a; i b = 0.25a, t b c = 100 1.9 2.0 v v ce (sat)-2 collector-emitter saturation voltage i c = 10a; i b = 1a 2.9 v v be (sat) base-emitter saturation voltage i c = 5a; i b = 0.25a b i c = 5a; i b = 0.25a, t b c = 100 2.5 2.5 v i cev collector cutoff current v ce =500v;v be( off ) =1.5v v ce =500v;v be( off ) =1.5v;t c =100 0.25 5.0 ma i cer collector cutoff current v ce =500v; r be = 50 ; t c = 100 5.0 ma i ebo emitter cutoff current v eb = 8v; i c = 0 175 ma h fe-1 dc current gain i c = 2.5a, v ce = 5v 40 500 h fe-2 dc current gain i c = 5a, v ce = 5v 30 300 v ecf c-e diode forward voltage i f = 5a 5.0 v c ob output capacitance i e = 0, v cb = 10v; f= 0.1mhz 60 pf switching times; resistive load t d delay time 0.2 s t r rise time 0.6 s t s storage time 3.0 s t f fall time v cc = 250v; i c = 5a; i b1 = 0.25a v be( off ) = 5v t p = 50 s, duty cycle 2% 1.5 s isc website www.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of MJ10003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X