Part Number Hot Search : 
29LV160 DHM185AA ES110 B5NC90Z RT9229 MMSZ523 A26K1V1 4431C
Product Description
Full Text Search
 

To Download MC54HC4053AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
semiconductor technical data 1 rev 0 ? motorola, inc. 1997 10/97    

     highperformance silicongate cmos the mc54/74hc4051a, mc74hc4052a and mc54/74hc4053a utilize silicongate cmos technology to achieve fast propagation delays, low on resistances, and low off leakage currents. these analog multiplexers/ demultiplexers control analog voltages that may vary across the complete power supply range (from v cc to v ee ). the hc4051a, hc4052a and hc4053a are identical in pinout to the metalgate mc14051ab, mc14052ab and mc14053ab. the channelse- lect inputs determine which one of the analog inputs/outputs is to be connected, by means of an analog switch, to the common output/input. when the enable pin is high, all analog switches are turned off. the channelselect and enable inputs are compatible with standard cmos outputs; with pullup resistors they are compatible with lsttl outputs. these devices have been designed so that the on resistance (r on ) is more linear over input voltage than r on of metalgate cmos analog switches. for a multiplexer/demultiplexer with channelselect latches, see hc4351a. ? fast switching and propagation speeds ? low crosstalk between switches ? diode protection on all inputs/outputs ? analog power supply range (v cc v ee ) = 2.0 to 12.0 v ? digital (control) power supply range (v cc gnd) = 2.0 to 6.0 v ? improved linearity and lower on resistance than metalgate counterparts ? low noise ? in compliance with the requirements of jedec standard no. 7a ? chip complexity: hc4051a e 184 fets or 46 equivalent gates hc4052a e 168 fets or 42 equivalent gates hc4053a e 156 fets or 39 equivalent gates logic diagram mc54/74hc4051a singlepole, 8position plus common off x0 13 x1 14 x2 15 x3 12 x4 1 x5 5 x6 2 x7 4 a 11 b 10 c 9 enable 6 multiplexer/ demultiplexer x 3 analog inputs/ channel inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common output/ input 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x0 x3 a b c x4 x6 x x7 x5 enable v ee gnd pinout: mc54/74hc4051a (top view) outputs select this document contains information on a new product. specifications and information herein are subject to change without notice. l l l l h h h h x l l h h l l h h x l h l h l h l h x    
  
   
function table mc54/74hc4051a control inputs on channels enable select cba x0 x1 x2 x3 x4 x5 x6 x7 none l l l l l l l l h x = don't care d suffix soic package case 751b05 n suffix plastic package case 64808 1 16 1 16 j suffix ceramic package case 62010 1 16 ordering information mc54hcxxxxaj mc74hcxxxxan mc74hcxxxxad mc74hcxxxxadw mc74hcxxxxadt ceramic plastic soic soic wide tssop 1 16 dt suffix tssop package case 948f01 dw suffix soic wide package case 751g02 1 16
mc54/74hc4051a mc74hc4052a mc54/74hc4053a motorola highspeed cmos logic data dl129 e rev 6 2 logic diagram mc74hc4052a doublepole, 4position plus common off x0 12 x1 14 x2 15 x3 11 y0 1 y1 5 y2 2 y3 4 a 10 b 9 enable 6 x switch y switch x 13 analog inputs/outputs channel-select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs l l h h x l h l h x function table mc74hc4052a control inputs on channels enable select ba x0 x1 x2 x3 l l l l h x = don't care pinout: mc74hc4052a (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x x0 x3 a b y0 y2 y y3 y1 enable v ee gnd y 3 y0 y1 y2 y3 none logic diagram mc54/74hc4053a triple singlepole, doubleposition plus common off x0 12 x1 13 a 11 b 10 c 9 enable 6 x switch y switch x 14 analog inputs/outputs channel-select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs l l l l h h h h x l l h h l l h h x l h l h l h l h x function table mc54/74hc4053a control inputs on channels enable select cba l l l l l l l l h x = don't care pinout: mc54/74hc4053a (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 y x x1 x0 a b c y1 y0 z1 z z0 enable v ee gnd z0 z0 z0 z0 z1 z1 z1 z1 y0 y0 y1 y1 y0 y0 y1 y1 x0 x1 x0 x1 x0 x1 x0 x1 none y0 2 y1 1 y 15 z0 5 z1 3 z 4 z switch note: this device allows independent control of each switch. channelselect input a controls the xswitch, input b controls the yswitch and input c controls the zswitch
mc54/74hc4051a mc74hc4052a mc54/74hc4053a highspeed cmos logic data dl129 e rev 6 3 motorola ??????????????????????? ??????????????????????? maximum ratings* ??? ??? symbol ?????????????? ?????????????? parameter ?????? ?????? value ??? ??? unit ??? ? ? ? ??? v cc ?????????????? ? ???????????? ? ?????????????? positive dc supply voltage (referenced to gnd) (referenced to v ee ) ?????? ? ???? ? ?????? 0.5 to + 7.0 0.5 to + 14.0 ??? ? ? ? ??? v ??? ??? v ee ?????????????? ?????????????? negative dc supply voltage (referenced to gnd) ?????? ?????? 7.0 to + 5.0 ??? ??? v ??? ? ? ? ??? v is ?????????????? ? ???????????? ? ?????????????? analog input voltage ?????? ? ???? ? ?????? v ee 0.5 to v cc + 0.5 ??? ? ? ? ??? v ??? ? ? ? ??? v in ?????????????? ? ???????????? ? ?????????????? digital input voltage (referenced to gnd) ?????? ? ???? ? ?????? 0.5 to v cc + 0.5 ??? ? ? ? ??? v ??? ? ? ? ??? i ?????????????? ? ???????????? ? ?????????????? dc current, into or out of any pin ?????? ? ???? ? ?????? 25 ??? ? ? ? ??? ma ??? ? ? ? ? ? ? ??? p d ?????????????? ? ???????????? ? ? ???????????? ? ?????????????? power dissipation in still air, plastic or ceramic dip2 soic package2 tssop package2 ?????? ? ???? ? ? ???? ? ?????? 750 500 450 ??? ? ? ? ? ? ? ??? mw ??? ??? t stg ?????????????? ?????????????? storage temperature range ?????? ?????? 65 to + 150 ??? ???  c ??? ? ? ? ??? t l ?????????????? ? ???????????? ? ?????????????? lead temperature, 1 mm from case for 10 seconds plastic dip, soic or tssop package ceramic dip ?????? ? ???? ? ?????? 260 300 ??? ? ? ? ???  c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. 2derating e plastic dip: 10 mw/  c from 65  to 125  c ceramic dip: 10 mw/  c from 100  to 125  c soic package: 7 mw/  c from 65  to 125  c tssop package: 6.1 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). recommended operating conditions ???? ???? symbol ?????????????? ?????????????? parameter ??? ??? min ??? ??? max ??? ??? unit ???? ???? v cc ?????????????? ?????????????? positive dc supply voltage (referenced to gnd) (referenced to v ee ) ??? ??? 2.0 2.0 ??? ??? 6.0 12.0 ??? ??? v ???? ? ?? ? ???? v ee ?????????????? ? ???????????? ? ?????????????? negative dc supply voltage, output (referenced to gnd) ??? ? ? ? ??? 6.0 ??? ? ? ? ??? gnd ??? ? ? ? ??? v ???? ???? v is ?????????????? ?????????????? analog input voltage ??? ??? v ee ??? ??? v cc ??? ??? v ???? ???? v in ?????????????? ?????????????? digital input voltage (referenced to gnd) ??? ??? gnd ??? ??? v cc ??? ??? v ???? ???? v io * ?????????????? ?????????????? static or dynamic voltage across switch ??? ??? ??? ??? 1.2 ??? ??? v ???? ???? t a ?????????????? ?????????????? operating temperature range, all package types ??? ??? 55 ??? ??? + 125 ??? ???  c ???? ? ?? ? ? ?? ? ???? t r , t f ?????????????? ? ???????????? ? ? ???????????? ? ?????????????? input rise/fall time v cc = 2.0 v (channel select or enable inputs) v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ? ? ? ??? 0 0 0 0 ??? ? ? ? ? ? ? ??? 1000 600 500 400 ??? ? ? ? ? ? ? ??? ns * for voltage drops across switch greater than 1.2v (switch on), excessive v cc current may be drawn; i.e., the current out of the switch may contain both v cc and switch input components. the reliability of the device will be unaffected unless the maximum ratings are exceeded. this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc54/74hc4051a mc74hc4052a mc54/74hc4053a motorola highspeed cmos logic data dl129 e rev 6 4 dc characteristics e digital section (voltages referenced to gnd) v ee = gnd, except where noted sbl p cdii v cc guaranteed limit ui symbol parameter condition v cc v 55 to 25 c 85 c 125 c unit v ih minimum highlevel input voltage, channelselect or enable inputs r on = per spec 2.0 3.0 4.5 6.0 1.50 2.10 3.15 4.20 1.50 2.10 3.15 4.20 1.50 2.10 3.15 4.20 v v il maximum lowlevel input voltage, channelselect or enable inputs r on = per spec 2.0 3.0 4.5 6.0 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 v i in maximum input leakage current, channelselect or enable inputs v in = v cc or gnd, v ee = 6.0 v 6.0 0.1 1.0 1.0 m a i cc maximum quiescent supply current (per package) channel select, enable and v is = v cc or gnd; v ee = gnd v io = 0 v v ee = 6.0 6.0 6.0 1 4 10 40 20 80 m a note: information on typical parametric values can be found in chapter 2 of the motorola highspeed cmos data book (dl129/d). dc characteristics e analog section sbl p cdii v v guaranteed limit ui symbol parameter condition v cc v ee 55 to 25 c 85 c 125 c unit r on maximum aono resistance v in = v il or v ih ; v is = v cc to v ee ; i s 2.0 ma (figures 1, 2) 4.5 4.5 6.0 0.0 4.5 6.0 190 120 100 240 150 125 280 170 140 w v in = v il or v ih ; v is = v cc or v ee (endpoints); i s 2.0 ma (figures 1, 2) 4.5 4.5 6.0 0.0 4.5 6.0 150 100 80 190 125 100 230 140 115 d r on maximum difference in aono resistance between any two channels in the same package v in = v il or v ih ; v is = 1/2 (v cc v ee ); i s 2.0 ma 4.5 4.5 6.0 0.0 4.5 6.0 30 12 10 35 15 12 40 18 14 w i off maximum offchannel leakage current, any one channel v in = v il or v ih ; v io = v cc v ee ; switch off (figure 3) 6.0 6.0 0.1 0.5 1.0 m a maximum offchannel hc4051a leakage current, hc4052a common channel hc4053a v in = v il or v ih ; v io = v cc v ee ; switch off (figure 4) 6.0 6.0 6.0 6.0 6.0 6.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0 i on maximum onchannel hc4051a leakage current, hc4052a channeltochannel hc4053a v in = v il or v ih ; switchtoswitch = v cc v ee ; (figure 5) 6.0 6.0 6.0 6.0 6.0 6.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0 m a
mc54/74hc4051a mc74hc4052a mc54/74hc4053a highspeed cmos logic data dl129 e rev 6 5 motorola ac characteristics (c l = 50 pf, input t r = t f = 6 ns) sbl p v cc guaranteed limit ui symbol parameter v cc v 55 to 25 c 85 c 125 c unit t plh , t phl maximum propagation delay, channelselect to analog output (figure 9) 2.0 4.5 6.0 370 74 63 465 93 79 550 110 94 ns t plh , t phl maximum propagation delay, analog input to analog output (figure 10) 2.0 4.5 6.0 60 12 10 75 15 13 90 18 15 ns t plz , t phz maximum propagation delay, enable to analog output (figure 11) 2.0 4.5 6.0 290 58 49 364 73 62 430 86 73 ns t pzl , t pzh maximum propagation delay, enable to analog output (figure 11) 2.0 4.5 6.0 345 69 59 435 87 74 515 103 87 ns c in maximum input capacitance, channelselect or enable inputs 10 10 10 pf c i/o maximum capacitance analog i/o 35 35 35 pf (all switches off) common o/i: hc4051a hc4052a hc4053a 130 80 50 130 80 50 130 80 50 feedthrough 1.0 1.0 1.0 note: for propagation delays with loads other than 50 pf, and information on typical parametric values, see chapter 2 of the motorola high speed cmos data book (dl129/d). c p di i i c i (fi 13)* hc4051a typical @ 25 c, v cc = 5.0 v, v ee = 0 v f c pd power dissipation capacitance (figure 13)* hc4051a hc4052a hc4053a 45 80 45 pf * used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d).
mc54/74hc4051a mc74hc4052a mc54/74hc4053a motorola highspeed cmos logic data dl129 e rev 6 6 additional application characteristics (gnd = 0 v) sbl p cdii v cc v ee limit* ui symbol parameter condition v cc v v ee v 25 c unit bw maximum onchannel bandwidth or minimum frequency response f in = 1mhz sine wave; adjust f in voltage to obtain 0dbm at v os ; increase f i frequency 225 `51 `52 `53 mhz or minimum frequency response (figure 6) obtain 0dbm at v os ; increase f in frequency until db meter reads 3db; r l = 50 w , c l = 10pf 2.25 4.50 6.00 2.25 4.50 6.00 80 80 80 95 95 95 120 120 120 e offchannel feedthrough isolation (figure 7) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600 w , c l = 50pf 2.25 4.50 6.00 2.25 4.50 6.00 50 50 50 db f in = 1.0mhz, r l = 50 w , c l = 10pf 2.25 4.50 6.00 2.25 4.50 6.00 40 40 40 e feedthrough noise. channelselect input to common i/o (figure 8) v in 1mhz square wave (t r = t f = 6ns); adjust r l at setup so that i s = 0a; enable = gnd r l = 600 w , c l = 50pf 2.25 4.50 6.00 2.25 4.50 6.00 25 105 135 mv pp r l = 10k w , c l = 10pf 2.25 4.50 6.00 2.25 4.50 6.00 35 145 190 e crosstalk between any two switches (figure 12) (test does not apply to hc4051a) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600 w , c l = 50pf 2.25 4.50 6.00 2.25 4.50 6.00 50 50 50 db f in = 1.0mhz, r l = 50 w , c l = 10pf 2.25 4.50 6.00 2.25 4.50 6.00 60 60 60 thd total harmonic distortion (figure 14) f in = 1khz, r l = 10k w , c l = 50pf thd = thd measured thd source v is = 4.0v pp sine wave v is = 8.0v pp sine wave v is = 11.0v pp sine wave 2.25 4.50 6.00 2.25 4.50 6.00 0.10 0.08 0.05 % * limits not tested. determined by design and verified by qualification.
mc54/74hc4051a mc74hc4052a mc54/74hc4053a highspeed cmos logic data dl129 e rev 6 7 motorola figure 1a. typical on resistance, v cc v ee = 2.0 v figure 1b. typical on resistance, v cc v ee = 4.5 v 250 200 150 100 50 0 0.25 0.50 0.75 1.0 1.25 1.5 1.75 2.0 2.25 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 100 80 60 40 20 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 25 c 55 c 125 c 25 c 55 c 125 c 4.0 tbd tbd figure 1c. typical on resistance, v cc v ee = 6.0 v figure 1d. typical on resistance, v cc v ee = 9.0 v 105 90 75 60 45 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 75 60 45 30 15 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 30 15 5.0 5.5 6.0 25 c 55 c 125 c 25 c 55 c 125 c tbd tbd figure 1e. typical on resistance, v cc v ee = 12.0 v figure 2. on resistance test setup 1.0 2.0 70 60 50 40 30 0 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 10 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 25 c 55 c 125 c plotter mini computer programmable power supply dc analyzer v cc device under test + v ee analog in common out gnd tbd
mc54/74hc4051a mc74hc4052a mc54/74hc4053a motorola highspeed cmos logic data dl129 e rev 6 8 figure 3. maximum off channel leakage current, any one channel, test setup figure 4. maximum off channel leakage current, common channel, test setup figure 5. maximum on channel leakage current, channel to channel, test setup figure 6. maximum on channel bandwidth, test setup figure 7. off channel feedthrough isolation, test setup figure 8. feedthrough noise, channel select to common out, test setup off off 6 7 8 16 common o/i v cc v ee v ih nc a v cc v ee v cc off off 6 7 8 16 common o/i v cc v ee v ih analog i/o v cc v ee v cc on off 6 7 8 16 common o/i v cc v ee v il v cc v ee v cc n/c a analog i/o on 6 7 8 16 v cc v ee 0.1 m f c l * f in r l db meter *includes all probe and jig capacitance off 6 7 8 16 v cc v ee 0.1 m f c l * f in r l db meter *includes all probe and jig capacitance v os v os r l v is v il or v ih channel select on/off 6 7 8 16 v cc v ee c l * r l *includes all probe and jig capacitance channel select test point common o/i 11 v cc off/on analog i/o r l r l v cc gnd v in 1 mhz t r = t f = 6 ns
mc54/74hc4051a mc74hc4052a mc54/74hc4053a highspeed cmos logic data dl129 e rev 6 9 motorola figure 9a. propagation delays, channel select to analog out figure 9b. propagation delay, test setup channel select to analog out figure 10a. propagation delays, analog in to analog out figure 10b. propagation delay, test setup analog in to analog out figure 11a. propagation delays, enable to analog out figure 11b. propagation delay, test setup enable to analog out v cc gnd channel select analog out 50% t plh t phl 50% on/off 6 7 8 16 v cc c l * *includes all probe and jig capacitance channel select test point common o/i off/on analog i/o v cc v cc gnd analog in analog out 50% t plh t phl 50% on 6 7 8 16 v cc c l * *includes all probe and jig capacitance test point common o/i analog i/o on/off 6 7 8 enable v cc enable 90% 50% 10% t f t r v cc gnd analog out t pzl analog out t pzh high impedance v ol v oh high impedance 10% 90% t plz t phz 50% 50% analog i/o c l * test point 16 v cc 1k w 1 2 1 2 position 1 when testing t phz and t pzh position 2 when testing t plz and t pzl
mc54/74hc4051a mc74hc4052a mc54/74hc4053a motorola highspeed cmos logic data dl129 e rev 6 10 r l figure 12. crosstalk between any two switches, test setup figure 13. power dissipation capacitance, test setup figure 14a. total harmonic distortion, test setup figure 14b. plot, harmonic distortion 0 10 20 30 40 50 100 1.0 2.0 3.125 frequency (khz) db 60 70 80 90 fundamental frequency device source on 6 7 8 16 v ee c l * *includes all probe and jig capacitance off r l r l v is r l c l * v os f in 0.1 m f on/off 6 7 8 16 v cc channel select nc common o/i off/on analog i/o v cc a 11 v cc v ee on 6 7 8 16 v cc v ee 0.1 m f c l * f in r l to distortion meter *includes all probe and jig capacitance v os v is applications information the channel select and enable control pins should be at v cc or gnd logic levels. v cc being recognized as a logic high and gnd being recognized as a logic low. in this exam- ple: v cc = +5v = logic high gnd = 0v = logic low the maximum analog voltage swings are determined by the supply voltages v cc and v ee . the positive peak analog voltage should not exceed v cc . similarly, the negative peak analog voltage should not go below v ee . in this example, the difference between v cc and v ee is ten volts. therefore, using the configuration of figure 15, a maximum analog sig- nal of ten volts peaktopeak can be controlled. unused analog inputs/outputs may be left floating (i.e., not con- nected). however, tying unused analog inputs and outputs to v cc or gnd through a low value resistor helps minimize crosstalk and feedthrough noise that may be picked up by an unused switch. although used here, balanced supplies are not a require- ment. the only constraints on the power supplies are that: v cc gnd = 2 to 6 volts v ee gnd = 0 to 6 volts v cc v ee = 2 to 12 volts and v ee gnd when voltage transients above v cc and/or below v ee are anticipated on the analog channels, external germanium or schottky diodes (d x ) are recommended as shown in figure 16. these diodes should be able to absorb the maximum anticipated current surges during clipping.
mc54/74hc4051a mc74hc4052a mc54/74hc4053a highspeed cmos logic data dl129 e rev 6 11 motorola analog signal figure 15. application example figure 16. external germanium or schottky clipping diodes a. using pullup resistors b. using hct interface figure 17. interfacing lsttl/nmos to cmos inputs on 6 7 8 16 +5v 5v analog signal +5v 5v +5v 5v 11 10 9 to external cmos circuitry 0 to 5v digital signals on/off 7 8 16 v cc v ee v ee d x v cc d x v ee d x v cc d x analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 r * r r lsttl/nmos circuitry +5v * 2k r 10k analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 lsttl/nmos circuitry +5v hct buffer figure 18. function diagram, hc4051a 13 x0 14 x1 15 x2 12 x3 1 x4 5 x5 2 x6 4 x7 3 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable
mc54/74hc4051a mc74hc4052a mc54/74hc4053a motorola highspeed cmos logic data dl129 e rev 6 12 figure 20. function diagram, hc4053a figure 19. function diagram, hc4052a 13 x1 12 x0 1 y1 2 y0 3 z1 5 z0 14 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable 12 x0 14 x1 15 x2 11 x3 1 y0 5 y1 2 y2 4 y3 3 y level shifter level shifter level shifter 10 a 9 b 6 enable 13 x 15 y 4 z
mc54/74hc4051a mc74hc4052a mc54/74hc4053a highspeed cmos logic data dl129 e rev 6 13 motorola outline dimensions j suffix ceramic package case 62010 issue v n suffix plastic package case 64808 issue r 19.05 6.10 e 0.39 1.40 0.21 3.18 19.93 7.49 5.08 0.50 1.65 0.38 4.31 0 0.51 15 1.01 1.27 bsc 2.54 bsc 7.62 bsc min min max max inches millimeters dim 0.750 0.240 e 0.015 0.055 0.008 0.125 0.785 0.295 0.200 0.020 0.065 0.015 0.170 0.050 bsc 0.100 bsc 0.300 bsc a b c d e f g j k l m n 0 0.020 15 0.040 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dim f may narrow to 0.76 (0.030) where the lead enters the ceramic body. 18 9 16 a b c k n g e f d 16 pl t seating plane m l j 16 pl 0.25 (0.010) t a m s 0.25 (0.010) t b m s min min max max inches millimeters dim a b c d f g h j k l m s 18.80 6.35 3.69 0.39 1.02 0.21 2.80 7.50 0 0.51 19.55 6.85 4.44 0.53 1.77 0.38 3.30 7.74 10 1.01 0.740 0.250 0.145 0.015 0.040 0.008 0.110 0.295 0 0.020 0.770 0.270 0.175 0.021 0.070 0.015 0.130 0.305 10 0.040 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. 2.54 bsc 1.27 bsc 0.100 bsc 0.050 bsc a b 18 9 16 f h g d 16 pl s c t seating plane k j m l ta 0.25 (0.010) m m 0.25 (0.010) t b a m s s min min max max millimeters inches dim a b c d f g j k m p r 9.80 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 10.00 4.00 1.75 0.49 1.25 0.25 0.25 7 6.20 0.50 0.386 0.150 0.054 0.014 0.016 0.008 0.004 0 0.229 0.010 0.393 0.157 0.068 0.019 0.049 0.009 0.009 7 0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 1 8 9 16 a b d 16 pl k c g t seating plane r x 45 m j f p 8 pl 0.25 (0.010) b m m d suffix plastic soic package case 751b05 issue j
mc54/74hc4051a mc74hc4052a mc54/74hc4053a motorola highspeed cmos logic data dl129 e rev 6 14 outline dimensions dt suffix plastic tssop package case 948f01 issue o ?? ?? ?? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane w.  section nn seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g detail e f m l 2x l/2 u s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) t v w 0.25 (0.010) 16x ref k n n dw suffix plastic soic package case 751g02 issue a dim min max min max inches millimeters a 10.15 10.45 0.400 0.411 b 7.40 7.60 0.292 0.299 c 2.35 2.65 0.093 0.104 d 0.35 0.49 0.014 0.019 f 0.50 0.90 0.020 0.035 g 1.27 bsc 0.050 bsc j 0.25 0.32 0.010 0.012 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 10.05 10.55 0.395 0.415 r 0.25 0.75 0.010 0.029 m b m 0.010 (0.25) notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.13 (0.005) total in excess of d dimension at maximum material condition. a b p 8x g 14x d 16x seating plane t s a m 0.010 (0.25) b s t 16 9 8 1 f j r x 45   m c k
mc54/74hc4051a mc74hc4052a mc54/74hc4053a highspeed cmos logic data dl129 e rev 6 15 motorola motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. mc74hc4051a/d ? mfax is a trademark of motorola, inc. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.: spd, strategic planning office, 4321, p.o. box 5405, denver, colorado 80217. 13036752140 or 18004412447 nishigotanda, shinagawaku, tokyo 141, japan. 81354878488 customer focus center: 18005216274 mfax ? : rmfax0@email.sps.mot.com touchtone 1 6022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, motorola fax back system us & canada only 18007741848 51 ting kok road, tai po, n.t., hong kong. 85226629298 http://sps.motorola.com/mfax/ home page : http://motorola.com/sps/


▲Up To Search▲   

 
Price & Availability of MC54HC4053AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X