Part Number Hot Search : 
2SCR543R PAC03 10H12D XE5224FD PSW1C 11801 MJE5850 16NF10
Product Description
Full Text Search
 

To Download MBR30150PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? metal silicon junction, majority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbr30xxpt = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mbr 3035 pt mbr 3045 pt mbr 3050 pt mbr 3060 pt mbr 3090 pt mbr 30100 pt mbr 30150 pt mbr 30200 pt unit v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i f(av) a i rrm a 0.95 1.05 0.92 - 1.02 1.10 0.98 - 0.1 dv/dt v/us cj pf r jc o c/w t j o c t stg o c 1.4 - 65 to + 150 - 65 to + 175 30 30 200 1 0.85 0.75 -- 0.5 10 10000 320 mbr3035pt - mbr30200pt 30.0amps. schottky barrier rectifiers marking diagram to-3p/to-247ad dimensions in inches and (millimeters) ? case: jedec to-3p/to-247ad molded plastic features ? high surge capability ? high temperature soldering guaranteed: 260 /10 seconds/.17", (4.3mm) from case maximum average forward rectified current maximum instantaneous forward voltage (note 2) if=15a, t a =25 if=15a, t a =125 if=30a, t a =25 if=30a, t a =125 v f peak repetitive reverse surge current (note 1) storage temperature range note 2: pulse test : 300us pulse width, 1% duty cycle maximum reverse current @ rated v r t a =25 t a =125 i r voltage rate of change,(rated v r ) typical junction capacitance 600 460 ? weight: 6.12 grams maximum thermal resistance per leg type number 1 version:g11 note 1: 2.0us pulse width, f=1.0khz operating temperature range a a -- 2 v 0.75 0.65 ma - 0.60 0.82 0.73 ? for use in low voltage - high frequency inventers, free wheeling, and polarity protection applications ? plastic material used carriers underwriters laboratory classification 94v-0 peak repetitive forward current (rated v r , square wave, 20khz) at tc=105 i frm ? polarity: as marked ? mounting torque: 10 in- lbs, max ? mounting position:any ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 maximum repetitive peak reverse voltage maximum rms voltage ? green compound with suffix "g" on packing code & prefix "g" on datecode peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 20 15 maximum dc blocking voltage pb rohs compliance rohs compliance
version:g11 ratings and characteristic curves (mbr3035pt thru mbr30200pt) fig.1 forward current derating curve 0 5 10 15 20 25 30 35 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) resistive or inductiveload fig. 2 maximum forward surge current 0 20 40 60 80 100 120 140 160 180 200 220 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) reverse leakage current (ma) ta=125 ta=25 mbr3035pt-3045pt mbr3050pt-30200pt fig. 5 typical junction capacitance 100 1000 10000 0.1 1 10 100 reverse voltage (v) junction c apacitance (pf) a ta=25 f=1.0mhz vsig=50mvp-p mbr3035pt-mbr3045pt mbr3050pt-mbr3060pt mbr3090pt-mbr30200pt fig. 3 typical forward characterisrics 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 forward voltage (v) forward current (a) ta=150 mbr3035pt-45pt mbr3050pt-60pt mbr3090pt-200pt ta=25 fig. 6 typical transient thermal impedance per leg 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance a ( /w)


▲Up To Search▲   

 
Price & Availability of MBR30150PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X