Part Number Hot Search : 
KX10M15B BC807 C67078 G13JPF S25VB40 DS1831D S345R ST626
Product Description
Full Text Search
 

To Download MAX2320EUP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for pricing delivery, and ordering information please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. general description the max2320/max2321/max2322/max2324/max2326/ max2327 high-performance silicon germanium (sige) receiver front-end ics set a new industry standard for low noise and high linearity at a low supply current. this family integrates a variety of unique features such as an lo frequency doubler and divider, dual low-noise amplifier (lna) gain settings, and a low-current paging mode that extends the handset standby time. the max2320 family includes six ics: four operate at both cellular and pcs frequencies, one operates at cel- lular frequencies, and one at pcs frequencies (see selector guide ). each part includes an lna with a high input third-order intercept point (iip3) to minimize inter- modulation and cross-modulation in the presence of large interfering signals. in low-gain mode, the lna is bypassed to provide higher cascaded iip3 at a lower current. for paging, a low-current, high-gain mode is provided. the cdma mixers in cellular and pcs bands have high linearity, low noise, and differential if outputs. the fm mixer is designed for lower current and a single-ended output. all devices come in a 20-pin tssop-ep package with exposed paddle (ep) and are specified for the extend- ed temperature range (-40? to +85?). applications cdma/tdma/pdc/wcdma/gsm cellular phones single/dual/triple-mode phones wireless local loop (wll) features ? ultra-high linearity at ultra-low current and noise ? +2.7v to +3.6v operation ? pin-selectable low-gain mode reduces gain by 17db and current by 3ma ? pin-selectable paging mode reduces current draw by 6ma when transmitter is not in use ? lo output buffers ? lo frequency doubler (max2321) ? lo frequency divider (max2326) ? 0.1? shutdown current ? 20-pin tssop-ep package max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ________________________________________________________________ maxim integrated products 1 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 mixinh mixinl rbias cdma+ lnainh rlna 20 tssop-ep 6mm x 6.3mm lnaoutl lnaouth top view cdma- buffen v cc fmout gain lin band lnainl 12 11 9 10 lolout lohout lohin lolin max2320 max2321 max2326 tssop 19-1535; rev 2; 4/06 evaluation kit manual follows data sheet typical application circuits appear at end of data sheet. ordering information continued at end of data sheet. pin configurations continued at end of data sheet. pin configurations ordering information pcs band, single mode with optional frequency doubler max2322 max2320 with lo doubler dual-band, dual vco inputs, and dual if outputs max2320 max2321 description part selector guide dual-band, dual vco inputs, and separately controlled vco buffers max2327 max2320 with lo divider cellular band, dual if outputs max2324 max2326 + indicates lead-free package. * ep = exposed pad. part temp range pin-package max2320 eup -40 c to +85 c 20 tssop-ep* MAX2320EUP+ -40 c to +85 c 20 tssop-ep* max2321 eup -40 c to +85 c 20 tssop-ep* max2321eup+ -40 c to +85 c 20 tssop-ep*
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 2 _______________________________________________________________________________________ absolute maximum ratings dc electrical characteristics?ax2320/max2321/max2326 (v cc = +2.7v to +3.6v, r rbias = r rlna = 20k ? , no rf signals applied, buffen = low, lo buffer outputs connected to v cc through 50 ? resistors, all other rf and if outputs connected to v cc , t a = -40? to +85?, unless otherwise noted. typical values are at v cc = +2.75v and t a = +25?, unless otherwise noted.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. v cc to gnd ...........................................................-0.3v to +4.3v digital input voltage to gnd ......................-0.3v to (v cc + 0.3v) rf input signals ...........................................................1.0v peak continuous power dissipation (t a = +70?) 20-pin tssop-ep (derate 80mw/? above +70?)........6.4w operating temperature range ...........................-40? to +85? junction temperature ......................................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? operating supply current (note 1) i cc 17.5 21.5 17 21.5 cellular band max2326 max2320/1 21 26 17 21.5 pcs band max2321 max2320/6 low-gain, high-linearity modes 15.5 20 15 19.5 cellular band max2326 max2320/1 19 25 15 19.5 pcs band max2321 max2320/6 high-gain, low-linearity paging modes 21 25.5 ma 20 25.3 cellular band max2326 max2320/1 24 30.8 20 25.3 pcs band max2321 max2320/6 high-gain, high-linearity modes parameter symbol min typ max units 14 18.5 shutdown supply current i shdn 0.1 20 ? digital input logic high v ih 2.0 v supply voltage v cc +2.7 +3.6 v digital input logic low v il 0.6 v digital input current high i ih 5 ? digital input current low i il -35 ? conditions fm mode (note 1) 5.5 8.5 cellular band max2326 5 7.5 pcs band max2320/1/6 lo buffer supply current i lobuf 5 7.5 ma additional current for buffen = high cellular band max2320/1
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics _______________________________________________________________________________________ 3 dc electrical characteristics?ax2322/max2324 (v cc = +2.7v to +3.6v, r rbias = r rlna = 20k ? , no rf signals applied, buffen = low, lo buffer outputs connected to v cc through 50 ? resistors, all other rf and if outputs connected to v cc , t a = -40? to +85?, unless otherwise noted. typical values are at v cc = +2.75v and t a = +25?, unless otherwise noted.) dc electrical characteristics?ax2327 (v cc = +2.7v to +3.6v, r rbias = r rlna = 20k ? , no rf signals applied, buffen = low, lo buffer outputs connected to v cc through 50 ? resistors, all other rf and if outputs connected to v cc , t a = -40? to +85?, unless otherwise noted. typical values are at v cc = +2.75v and t a = +25?, unless otherwise noted.) high-gain, high-linearity modes fm mode (max2324 only) (note 1) lox2 = low 14.5 18.5 conditions lox2 = high pcs band (max2322) 20 25.3 24 30.8 cellular band (max2324) 20 25.3 ? -35 i il digital input current low ? 5 i ih digital input current high v 0.6 v il digital input logic low v +2.7 +3.6 v cc supply voltage v 2.0 v ih digital input logic high ? 0.1 20 i shdn shutdown supply current units min typ max symbol parameter ma high-gain, low-linearity paging modes lox2 = low lox2 = high pcs band (max2322) 15 19.5 19 25 cellular band (max2324) 15 19.5 i cc low-gain, high-linearity modes lox2 = low lox2 = high pcs band (max2322) 17 21.5 21 26 cellular band (max2324) 17 21.5 operating supply current (note 1) additional current for buffen = high ma 5 7.5 i lobuf lo buffer supply current max2324 only max2324 only, v modeout = 2.4v max2324 only max2324 only ? -100 i ol digital output current low ? 30 i oh digital output current high v 0.4 v ol digital output logic low v 1.7 v oh digital output logic high fm mode (note 1) 14.5 18.5 conditions ? -35 i il digital input current low ? 5 i ih digital input current high v 0.6 v il digital input logic low v +2.7 +3.6 v cc supply voltage v 2.0 v ih digital input logic high ? 0.1 20 i shdn shutdown supply current units min typ max symbol parameter 15 19.5 pcs band high-gain mode ma 15 19.5 i cc operating supply current (note 1) cellular band additional current for buffen = high ma 5 7.5 i lobuf lo buffer supply current
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 4 _______________________________________________________________________________________ ac electrical characteristics?ax2320/max2321/max2326 (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lolin = 1091mhz (digital mode), f lolin = 991mhz (fm mode), f lohin = 1750mhz (max2320, max2322 with lox2 = low, max2326 with band = low, max2327), f llohin = 1085mhz (max2321 with band = low, max2322 with lox2 = high), f lohin = 1091mhz (max2321 with band = high), f lohin = 2182mhz (max2326 with band = high), lo input power = -7dbm (max2320/max2326), 50 ? system, t a = +25 c, unless otherwise noted.) (note 2) parameter symbol conditions min -3 typ +3 max units low-band rf frequency range (note 3) 800 1000 mhz high-band rf frequency range (note 3) 1800 2500 mhz low-band lo frequency range (note 3) 700 1150 mhz high-band lo frequency range (note 3) 1600 2300 mhz if frequency range (note 3) 50 400 mhz lna performance high-gain, high-linearity modes (note 1) pcs 13 14.5 16 t a = +25 c cellular 14 15 16 pcs 11.5 14.5 17 gain (note 4) g t a = -40 c to +85 c cellular 13 15 16.5 db pcs 0.5 gain variation over temperature relative to +25 c t a = -40 c to +85 c cellular 0.5 db pcs 1.8 2 2.1 noise figure (note 5) nf cellular 1.3 1.4 1.5 db pcs 7 +8 input third-order intercept (notes 5, 6) iip3 t a = t min to t max cellular 6 +8 dbm pcs -11 -10 input 1db compression p out 1db t a = t min to t max cellular -11 -10 dbm high-gain, low-linearity paging modes and fm mode (note 1) pcs 13.5 gain (note 4) g cellular 14.5 db pcs 0.5 gain variation over temperature relative to +25 c t a = -40 c to +85 c cellular 0.5 db pcs 1.9 2.1 2.2 noise figure (note 5) cellular 1.4 1.5 1.6 db
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics _______________________________________________________________________________________ 5 ac electrical characteristics (continued) (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lolin = 1091mhz (digital mode), f lolin = 991mhz (fm mode), f lohin = 1750mhz (max2320, max2322 with lox2 = low, max2326 with band = low, max2327), f llohin = 1085mhz (max2321 with band = low, max2322 with lox2 = high), f lohin = 1091mhz (max2321 with band = high), f lohin = 2182mhz (max2326 with band = high), lo input power = -7dbm (max2320/max2326), 50 ? system, t a = +25 c, unless otherwise noted.) (note 2) parameter symbol conditions min -3 typ +3 max units pcs +6.5 input third-order intercept (notes 5, 6) cellular +6 dbm low-gain, high-linearity modes (note 1) pcs -2 gain (note 4) g cellular -1.5 db pcs 0.5 gain variation over temperature relative to +25 c t a = -40 c to +85 c cellular 0.5 db pcs 5 5.5 6 noise figure (note 5) nf cellular 4 4.25 4.5 db pcs +10.5 +11.5 +12.5 input third-order intercept (notes 5, 6) iip3 cellular +11.5 +12.5 +13.5 dbm mixer performance high-gain, high-linearity, and low-gain modes (note 1) without doubler 11 11.8 12.5 13.2 14 t a = +25 c, pcs with doubler 10.5 11.1 12 12.9 13.5 without doubler 10 10.8 12.5 14.3 15.3 t a = -40 c to +85 c, pcs with doubler 9.6 10.4 12 13.1 14.3 t a = +25 c, cellular 12 127 13.4 14.0 14.7 gain (note 4) g t a = -40 c to +85 c, cellular 11.3 11.9 13.4 15.5 16.5 db pcs 1 gain variation over temperature relative to +25 c (note 5) t a = -40 c to +85 c cellular 1 db without doubler 7.5 7.8 8 pcs with doubler 11 12.3 13.5 without divider 7.5 8.1 8.5 noise figure nf cellular with divider 7.8 8.4 8.8 db without doubler 1.8 2.4 +4 pcs, t a = t min to t max with doubler 1.4 2.8 +4.7 input third-order intercept (notes 5, 6) iip3 cellular, t a = t min to t max 1 1.8 3.2 dbm pcs -11 -10 input db compression cellular t a = t min to t max -12 -10.7 dbm
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 6 _______________________________________________________________________________________ ac electrical characteristics (continued) (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lolin = 1091mhz (digital mode), f lolin = 991mhz (fm mode), f lohin = 1750mhz (max2320, max2322 with lox2 = low, max2326 with band = low, max2327), f llohin = 1085mhz (max2321 with band = low, max2322 with lox2 = high), f lohin = 1091mhz (max2321 with band = high), f lohin = 2182mhz (max2326 with band = high), lo input power = -7dbm (max2320/max2326), 50 ? system, t a = +25 c, unless otherwise noted.) (note 2) note 1: see tables 1? for operational mode selection. note 2: a total of 36 devices from 3 different wafer lots are used to determine the standard deviation. the lots were selected to rep- resent worst-case process conditions. note 3: operation is characterized for the frequencies specified in the conditions; for other frequencies in the band, see tables 8?2 for lna and mixer s parameters. note 4: guaranteed by design, characterization, and production functional test. note 5: guaranteed by design and characterization. note 6: for cellular band, rf inputs are -25dbm each tone at 881mhz and 882mhz, f lo = 1091mhz. for pcs band, rf inputs are -25dbm each tone at 1960mhz and 1961mhz, f lo = 2170mhz. for iip3 vs. i cc trade-off, see typical operating characteristics. parameter symbol conditions min -3 typ +3 max units high-gain, low-linearity, and low-gain modes (note 1) without doubler 10.6 11.3 12 12.1 12.8 pcs with doubler 10.2 10.8 11.5 12.4 13.1 gain (note 4) g cellular band 11.2 12.1 13 13.8 14.7 db pcs 1 1 gain variation over temperature relative to +25 c t a = -40 c to +85 c cellular 1 1 db without doubler 7.2 7.5 7.6 pcs with doubler (note 7) 10.5 12 13.4 without divider 7 7.2 7.6 noise figure nf cellular with divider 7.5 7.7 8.1 db without doubler +1 pcs with doubler +2.2 input third-order intercept iip3 cellular +1.0 dbm fm mode (note 1) t a = +25 c 9.7 10.4 11.2 11.9 12.7 gain (note 4) g t a = -40 c to +85 c 7.8 9.0 11.2 14.0 15.4 db noise figure nf 10.6 11.1 11.5 db input third-order intercept (notes 5, 6) iip3 t a = -40 c to +85 c 2.3 3.2 4.9 dbm lo buffer performance (buffen = high) load = 100 ? pullup resistor -12 lo output level buffen = gnd -44 dbm lo_out even harmonic distortion -31 dbc lo emissions at lna input port interstage filter rejection = 20db -50 dbm
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics _______________________________________________________________________________________ 7 typical operating characteristics (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lohin = 1750mhz, f lolin = 1091mhz (digital modes), f lolin = 991mhz (fm mode), lo input power = -7dbm, 50 ? system, all measurements include matching component losses but not connector and trace losses, t a = +25?, unless otherwise noted.) 0 5 15 10 20 25 pcs-band supply current vs. temperature max2320 toc01 temperature ( c) supply current (ma) -50 50 0 100 hghl lghl hgll 0 5 15 10 20 25 cellular-band supply current vs. temperature max2320 toc02 temperature ( c) supply current (ma) -50 50 0 100 hghl lghl hgll cellular-band lna s11 max2320 toc03 lghl hgll, fm hghl cellular-band lna s22 max2320 toc04 lghl hgll, fm hghl pcs-band lna s11 max2320 toc05 lghl hgll hghl pcs-band lna s22 max2320 toc06 lghl hgll hghl pcs-band mixer s11 max2320 toc07 all modes cellular-band mixer s11 max2320 toc08 all modes 0 40 20 100 80 60 140 120 160 0.50 0.40 0.30 0.70 0.60 0.80 0 150 200 50 100 250 300 350 400 450 digital mixer differential if port impedance max2320 toc09 frequency (mhz) parallel resistance (k ? ) parallel capacitance (pf) capacitance resistance
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 8 _______________________________________________________________________________________ typical operating characteristics (continued) (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lohin = 1750mhz, f lolin = 1091mhz (digital modes), f lolin = 991mhz (fm mode), lo input power = -7dbm, 50 ? system, all measurements include matching component losses but not connector and trace losses, t a = +25?, unless otherwise noted.) 10 12 11 14 13 16 15 17 4810 6 121416 cellular-band hghl lna gain vs. current lna current (ma) gain (db) max2320toc11 t a = -40 c t a = +25 c t a = +85 c -2 2 0 8 6 4 14 12 10 16 870 890 850 910 cellular-band lna gain vs. frequency max2320toc14 frequency (mhz) gain (db) lghl hghl hghl, fm 10 12 11 14 13 16 15 17 4914 pcs-band hghl lna gain vs. current max2320toc12 lna current (ma) gain (db) t a = -40 c t a = +25 c t a = +85 c 10 12 11 14 13 15 16 5 101520 pcs-band hghl lna gain vs. current max2320 toc13 lna current (ma) gain (db) v cc = +2.7v to +3.6v 0 40 30 20 10 70 60 50 90 80 100 0.7 0.6 0.5 0.9 0.8 1.0 0 150 200 50 100 250 300 350 400 450 fm mixer if port impedance max2320 toc10 frequency (mhz) parallel resistance (k ? ) parallel capacitance (pf) capacitance resistance -3 1 -1 9 7 5 3 13 11 15 1900 1950 2000 pcs-band lna gain vs. frequency frequency (mhz) gain (db) max2320toc15 hgll, fm lghl hghl 10 18 700 800 1000 cellular-band hghl lna maximum available gain max2320 toc16 frequency (mhz) maximum available gain (db) 11 12 13 14 15 16 17 900 750 850 950 12 18 1700 1900 2500 pcs-band hghl lna maximum available gain max2320 toc17 frequency (mhz) maximum available gain (db) 13 14 15 16 17 2100 2300 1800 2400 2000 2200 0 3 2 1 4 5 6 7 8 9 10 05 15 10 20 cellular-band hghl lna iip3 vs. current lna current (ma) iip3 (dbm) max2320toc18 t a = +85 c t a = +25 c t a = -40 c
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics _______________________________________________________________________________________ 9 typical operating characteristics (continued) (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lohin = 1750mhz, f lolin = 1091mhz (digital modes), f lolin = 991mhz (fm mode), lo input power = -7dbm, 50 ? system, all measurements include matching component losses but not connector and trace losses, t a = +25?, unless otherwise noted.) -4 0 -2 6 4 2 12 10 8 14 4810 6 12141618 cellular-band hghl lna iip3 vs. current max2320toc19 lna current (ma) iip3 (dbm) v cc = 3.6v v cc = 3v v cc = 2.7v -6 -2 -4 2 0 8 6 4 10 48 6 1012141618 pcs-band hghl lna iip3 vs. current max2320toc20 lna current (ma) iip3 (dbm) t a = -40 c t a = +85 c t a = +25 c -4 0 -2 4 2 10 8 6 12 48 6 1012141618 pcs-band hghl lna iip3 vs. current max2320toc21 lna current (ma) iip3 (dbm) v cc = 3.6v v cc = 3v v cc = 2.7v 10.0 11.0 10.5 13.0 12.5 12.0 11.5 14.0 14.5 13.5 15.0 61116 cellular-band hghl mixer conversion gain vs. current mixer current (ma) conversion gain (db) max2320toc27 t a = -40 c, high side lo t a = -40 c, low side lo t a = +25 c, high side lo t a = +25 c, low side lo t a = +85 c, high side lo t a = +85 c, low side lo 0 4 2 8 6 12 10 14 -40 -30 -20 -10 pcs-band hghl lna iip3 vs. current max2320 toc22 lna current (ma) iip3 (dbm) lghl hghl hgll 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 850 860 880 870 890 910 900 cellular-band hghl lna noise figure vs. frequency max2320toc23 frequency (mhz) noise figure (db) 11.2ma 9ma 7ma 5.6ma 1.10 1.20 1.15 1.30 1.25 1.40 1.35 1.45 850 870 880 860 890 900 910 cellular-band hgll lna noise figure vs. frequency frequency (mhz) noise figure (db) max2320toc24 1.4 1.6 1.5 1.8 1.7 1.9 2.0 1920 1960 1940 1980 2000 2020 pcs-band hghl noise figure vs. frequency max2320 toc25 frequency (mhz) noise figure (db) 5.6ma 11.2ma 7ma 1.45 1.60 1.55 1.50 1.65 1.70 1.75 1.80 1.85 1.90 1.95 1920 1940 1960 1980 2020 2000 pcs-band hgll lna noise figure vs. frequency max2320toc26 frequency (mhz) noise figure (db)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 10 ______________________________________________________________________________________ typical operating characteristics (continued) (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lohin = 1750mhz, f lolin = 1091mhz (digital modes), f lolin = 991mhz (fm mode), lo input power = -7dbm, 50 ? system, all measurements include matching component losses but not connector and trace losses, t a = +25?, unless otherwise noted.) 11.0 12.0 11.5 13.0 12.5 13.5 14.0 61116 cellular-band hghl mixer conversion gain vs. current max2320 toc28 mixer current (ma) conversion gain (db) v cc = +3.6v, high side lo v cc = +3.0v, high side lo v cc = +2.7v, high side lo v cc = +2.7v, low side lo v cc = +3.6v, low side lo v cc = +3.0v, low side lo 6 8 7 11 10 9 13 14 12 15 61116 pcs-band hghl mixer conversion gain vs. current mixer current (ma) conversion gain (db) max2320toc29 t a = -45 c, high side lo t a = +25 c, high side lo t a = +85 c, low side lo t a = +25 c, low side lo t a = +85 c, high side lo t a = -45 c, low side lo 11.0 12.0 11.5 13.0 12.5 13.5 14.0 61116 pcs-band hghl mixer conversion gain vs. current max2320 toc30 mixer current (ma) conversion gain (db) v cc = +3.6v to +2.7v high and low side lo 6 7 8 9 10 11 12 13 14 -20 -15 -10 -5 5 0 cellular-band mixer conversion gain vs. lo input level max2320toc31 lo input level (dbm) conversion gain (db) hgll, low side lo hgll, high side lo fm, high side lo fm, low side lo hghl, low side lo hghl, high side lo 9.0 9.5 10.0 10.5 11.0 11.5 12.0 12.5 13.0 -19 -14 -9 -4 1 pcs-band hghl mixer conversion gain vs. lo input level max2320toc32 lo input level (dbm) conversion gain (db) hgll, low side lo hgll, high side lo hghl, low side lo hghl, high side lo 6 0 4 2 8 6 12 10 14 700 800 900 1000 cellular-band hghl mixer conversion gain vs. input frequency max2320 toc33 rf input frequency (mhz) conversion gain (db) 0 4 2 8 6 12 10 14 1700 2100 2300 1900 2500 pcs-band hghl mixer conversion gain vs. rf input frequency max2320 toc34 rf input frequency (mhz) conversion gain (db) -4 0 -2 4 2 6 8 61116 cellular-band hghl mixer iip3 vs. current max2320 toc35 mixer current (ma) iip3 (dbm) t a = -40 c, high side lo t a = -40 c, low side lo t a = +25 c, low side lo t a = +25 c, high side lo t a = +85 c, high side lo t a = +85 c, low side lo -2 -1 0 1 2 3 4 5 6 61116 cellular-band hghl mixer iip3 vs. current max2320 toc36 mixer current (ma) iip (dbm) high side/low side lo v cc = 2.7v to 3.6v
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 11 typical operating characteristics (continued) (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lohin = 1750mhz, f lolin = 1091mhz (digital modes), f lolin = 991mhz (fm mode), lo input power = -7dbm, 50 ? system, all measurements include matching component losses but not connector and trace losses, t a = +25?, unless otherwise noted.) -5 -2 -3 -4 -1 0 1 2 3 4 5 -35 -30 -25 -20 -10 -15 cellular-band mixer iip3 vs. rf input level max2320toc37 rf input level per tone (dbm) iip3 (dbm) low side lo, hghl high side lo, hgll high side lo, hghl high side lo, lghl low side lo, lghl low side lo, hgll 0 2 1 4 3 5 6 -18 -6 -2 -14 -10 2 6 10 cellular-band mixer iip3 vs. lo input level max2320 toc38 lo input level (dbm) iip3 (dbm) high side lo, fm low side lo, fm high side lo, hghl and lghl low side lo, hghl and lghl high side lo, hgll low side lo, hgll -4 0 -2 4 2 8 6 10 61116 pcs-band hghl mixer iip3 vs. current max2320 toc39 mixer current (ma) iip3 (dbm) t a = +25 c, high side lo t a = +85 c, high side lo t a = -40 c, high side lo t a = -40 c, low side lo t a = +25 c, low side lo t a = +85 c, low side lo 0 4 2 10 8 6 14 12 16 -17 -7 -12 -2 3 cellular-band fm mixer noise figure vs. lo input level lo input level (dbm) noise figure (db) max2320toc45 lo side lo high side lo -4 0 -2 4 2 6 8 61116 pcs-band hghl mixer iip3 vs. current max2320 toc40 mixer current (ma) iip3 (dbm) high side lo, 3v low side lo, 3v high side lo, 3.6v low side lo, 3.6v high side lo, 2.7v low side lo, 2.7v -4 -2 -3 -1 0 1 2 3 4 5 6 7 8 -35 -30 -25 -20 -15 -10 pcs-band mixer iip3 vs. rf input level max2320 toc41 rf input level per tone (dbm) iip3 (db) high side lo, hghl, high side lo, lghl low side lo, lghl low side lo, hghl high side lo, hgll low side lo, hgll 0 2 1 4 3 7 6 5 8 -18 -10 -14 -6 -2 2 6 10 pcs-band mixer iip3 vs. lo input level max2320toc42 lo input level (dbm) iip3 (dbm) low side lo, hghl low side lo, lghl low side lo, hgll high side lo, lghl high side lo, hghl high side lo, hgll 0 4 2 8 6 12 10 14 -17 -7 -2 -12 3 cellular-band hghl mixer noise figure vs. lo input level max2320 toc43 lo input level (dbm) noise figure (db) high side lo low side lo 0 4 2 8 6 12 10 14 -17 -7 -2 -12 3 cellular-band hgll mixer noise figure vs. lo input level max2320 toc44 lo input level (dbm) noise figure (db) high side lo low side lo
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 12 ______________________________________________________________________________________ 0 4 2 8 6 12 10 14 -17 -7 -2 -12 3 pcs-band hghl mixer noise figure vs. lo input level max2320 toc46 lo input level (dbm) noise figure (db) high side lo low side lo 0 4 2 8 6 12 10 14 -17 -7 -2 -12 3 pcs-band hgll mixer noise figure vs. lo input level max2320 toc47 lo input level (dbm) noise figure (db) high side lo low side lo -25 -20 -10 -15 -5 0 cellular-band lo buffer output level vs. input level max2320 toc48 lo input level (dbm) output level (dbm) -20 0 -10 10 t a = -45 c to +85 c high side and low side lo typical operating characteristics (continued) (max232_ ev kit, v cc = +2.75v, f lnainh = f mixinh = 1960mhz, f lnainl = f mixinl = 881mhz, f lohin = 1750mhz, f lolin = 1091mhz (digital modes), f lolin = 991mhz (fm mode), lo input power = -7dbm, 50 ? system, all measurements include matching component losses but not connector and trace losses, t a = +25?, unless otherwise noted.) -70 -50 -60 -30 -40 -10 -20 0 -20 -10 0 10 cellular-band 2nd and 3rd harmonics vs. lo input power max2320 toc49 lo input level (db) harmonic power (dbm) 2nd harmonic 3rd harmonic f lo = 1091mhz -25 -20 -10 -15 -5 0 pcs-band lo buffer output level vs. input level max2320 toc50 lo input level (dbm) output level (dbm) -20 0 -10 10 t a = -45 c to +85 c high side and low side lo -70 -50 -60 -30 -40 -10 -20 0 -20 -10 0 10 pcs-band 2nd and 3rd harmonics lo buffer output vs. input level max2320 toc51 lo input level (db) harmonic power (dbm) 2nd harmonic 3rd harmonic f lo = 1750mhz -75 -69 -71 -73 -67 -65 -63 -61 -59 -57 -55 80 90 100 110 120 pcs-band mixer 2 x 2 spurious rejection max2320toc52 if output frequency (mhz) 2 x 2 spurious output (dbc) hgll, without lo doubler hghl, without lo doubler
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 13 pin description pin 1 1 2 2 3 3 lna bias-setting resistor connection. for nominal bias, connect a 20k ? resistor to ground. the resistor value controls the lna? linearity in high-gain, high-linearity modes. rlna 3 low-band lna output. connect a pull-up inductor to v cc and an external series capacitor as part of the matching network. lnaoutl 2 high-band lna output. connect a pull-up inductor to v cc and an external series capacitor as part of the matching network. lnaouth 1 4 4 4 logic output. indicates mode of operation. v modeout = high in fm mode. modeout 5 5 6 7 6 shutdown logic input. see detailed description for con- trol modes. shdn low-band rf input. requires a blocking capacitor and a matching network. the capacitor may be used as part of the matching network. lnainl 5 high-band rf input. requires a blocking capacitor and a matching network. the capacitor may be used as part of the matching network. lnainh 4 6 7 7 linearity-select logic input. see detailed description for control modes. lin 7 8 8 9 9 low-frequency lo input. used in fm mode on all parts and in cellular digital mode for max2320/max2324. lolin 9 gain-select logic input. see detailed description for control modes. gain 8 band-select logic input. see detailed description for control modes. band 6 10 10 high-frequency lo input. for max2321, used in cellular digital mode and in pcs mode with the doubler active. for max2320/max2327, used in pcs mode without the doubler. for max2322, used with or without the doubler. for max2326, used in pcs mode and cellular digital mode with the divide-by-two. lohin 10 max2320 max2321 max2326 max2322 name max2324 max2327 function 8 cellular-band mode select logic input. see detailed description for control modes. mode
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 14 ______________________________________________________________________________________ pin pin description (continued) max2320 max2321 max2326 max2322 name function max2324 max2327 11 11 high-frequency lo buffer output. open-collec- tor output requires pull-up inductor or pull-up resistor of 100 ? or less. reactive match to the load delivers maximum power. lohout 11 12 12 13 13 fm mixer output. requires a pull-up inductor to v cc and a series capacitor as part of the match- ing network. fmout 13 low-frequency lo buffer output. open-collec- tor output requires pull-up inductor or pull-up resistor of 100 ? or less. reactive match to the load delivers maximum power. lolout 12 13 14 14 14 power supply. bypass with a 1000pf capacitor as close to the pin as possible. v cc 14 15 15 15 16, 17 16, 17 cdma mixer differential outputs. require pull- up inductors and series capacitors as part of the matching network. cdma-, cdma+ 16, 17 lo output buffer enable. the lo buffers are controlled separately from the rest of the ic. drive buffen high to power up the lo output buffer associated with the selected lo input port. buffen 15 lo doubler logic input. drive lox2 high to enable the lo doubler. lox2 18 18 18 19 19 low-band mixer input. requires a blocking capacitor and a matching network. the capaci- tor may be used as part of the matching net- work. mixinl 19 20 20 2, 5, 9, 12, 19 3 1, 10, 11, 20 no connection. do not make any connection to these pins. n.c. high-band mixer input. requires a blocking capacitor and a matching network. the capaci- tor may be used as part of the matching net- work. mixinh 20 bias-setting resistor connection. for nominal bias, connect 20k ? resistor to ground. the resis- tor value controls the digital lna? linearity in low-gain, digital, or fm mode, and controls the mixers in all modes. rbias 18 slug slug slug ground reference for rf, dc, and logic inputs. solder the slug evenly to the board ground plane. gnd slug 16, 17 mixer differential outputs. require pull-up inductors and series capacitors as part of the matching network. ifout+, ifout- pin
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 15 detailed description low-noise amplifier within its operating bands, each device in the max2320 family (except the max2327) has three modes of lna operation: high gain, high linearity (hghl); high gain, low linearity (hgll); and low gain, high linearity (lghl). the logic inputs control the lna mode as described in the ac electrical characteristics . use hghl mode when extra-high lna linearity is required for cross-modulation suppression. use hgll mode when the transmitter is off and cross-modulation is not a concern. when the lna changes modes, the input vswr change is minimal. use lghl mode for receiving large signals and when high sensitivity is not required. the max2327 lna has only an hgll mode. adjust the hghl mode lna linearity by changing r rlna , and adjust linearity of the other modes by changing r rbias . downconverter the downconverters in these devices are double-bal- anced mixers. the pcs-band mixer and digital cellular- band mixer share the same if output ports. the cellular band fm mixer has its own if output to feed a different filter. adjust the downconverter linearity and current by changing r rbias (see typical operating character- istics ). when the linearity requirement is high, the mode control inputs increase the current in the downconvert- er. when the linearity requirement is not high, the cur- rent is lower. lo output buffers the buffen logic input turns the open-collector lo output buffers on and off. this feature saves current if the buffers are not required. operational modes each device has logic input pins that control the differ- ent operational modes listed in tables 1?. max2320/max2321/max2326 operation the max2320/max2321/max2326 are dual-band, triple- mode receivers that amplify and downconvert cellular- and pcs-band signals. they consist of cellular and pcs lnas; cellular digital, cellular fm, and pcs digital mix- ers; and cellular and pcs lo buffers. the max2321 has an lo frequency doubler on-chip, so a single cellular- band vco can be used for both the cellular- and pcs- band mixers. selecting the pcs path activates the lo frequency doubler. the max2326 has an lo divide-by- two circuit, so a single pcs-band vco can be used for both the cellular and pcs mixers. selecting the cellular path activates the lo divide-by-two circuit. three logic input pins band , gain, and lin?ontrol eight opera- tional modes of the lnas and mixers. the modes are summarized in table 1. table 1. max2320/max2321/max2326 operational modes note: l = logic low; h = logic high band shutdown. the entire part is shut down except for the lo buffer, which is con- trolled by buffen. l description gain l lin l low-gain, high-linearity (lghl) pcs mode. the pcs lna and mixer are in lghl mode. l l h high-gain, low-linearity (hgll) pcs mode. the lna and mixer are in hgll mode. l h l high-gain, high-linearity (hghl) pcs mode. the lna and mixer are in hghl mode. l h h high-gain, low-linearity (hgll) cellular fm mode. the cellular lna is in hgll mode. the fm mixer and associated lo buffer are selected. h l l low-gain, high-linearity (lghl) cellular digital mode. the cellular lna and mixer are in lghl mode. h l h high-gain, low-linearity (hgll) cellular digital mode. the cellular lna and mixer are in hgll mode. h h l high-gain, high-linearity (hghl ) cellular digital mode. the cellular lna and mixer are in hghl mode. h h h
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 16 ______________________________________________________________________________________ max2322 operation the max2322 is a lower-cost pcs-only version that can be installed as a drop-in replacement for the dual-band versions. it consists of a pcs lna, pcs mixer, pin- selectable lo frequency doubler, and lo buffer. logic input shdn = v cc / gnd turns on/off the entire ic except the lo buffer. the lox2 logic input controls the lo frequency doubler. lox2 = gnd disables the dou- bler when using a pcs band vco, and lox2 = v cc activates the doubler when using a cellular-band vco. gain and lin logic inputs control the max2322? three operational modes, as summarized in table 2. max2324 operation the max2324 is a lower-cost cellular-only version that can be installed as a drop-in replacement for the dual- band versions. it consists of a cellular lna, cellular dig- ital mixer, cellular fm mixer, and lo buffer. a shdn logic input turns on/off the entire ic except the lo buffer. gain and lin logic inputs control the max2324? three operational modes, as summarized in table 3. max2327 operation the max2327 is similar to the max2320 except it only features an hgll mode, and either lo output buffer is selectable during shutdown. it consists of pcs and cel- lular lnas; pcs, cellular digital, and cellular fm mixers; and pcs and cellular lo buffers. a shdn logic input turns on/off the entire ic except the lo buffer. band and mode logic inputs control the max2327? three operational modes, as summarized in table 4. applications information cascaded lna/mixer performance the lna and mixer design aims at optimizing cascad- ed performance in all gain and linearity modes. in high- gain, high-linearity mode, both the lna and mixer have a low noise figure, high gain, and high linearity. the lna has high gain to minimize the noise contribution of the mixer, thus increasing the receiver? sensitivity and extra-high linearity for superior cross-modulation sup- pression. the hgll mode is used when the transmitter is off and cross-modulation is not a concern. in low- gain, high-linearity mode, the received signal is strong enough that linearity is the primary concern. the lna gain is reduced for higher system linearity. tables 5 and 6 summarize the cascaded performance. s parameters the s parameters are listed in tables 7?1. an electron- ic copy is also available at www.maxim-ic.com /max2320/s_table/. table 2. max2322 operational modes table 4. max2327 operational modes operational mode not used. digital pcs mode. the lna and mixer are in hgll mode. fm mode. the cellular fm mixer is selected. digital cellular mode. the cellular digi- tal mixer is selected. band l l h h mode l h l h operational mode fm mode. the lna is in hgll mode. the fm mixer and the associated lo buffer are selected. low-gain, high-linearity (lghl) cellular mode. the lna and digital mixer are in lghl mode. high-gain, low-linearity (hgll ) cellular mode. the lna and digital mixer are in hgll mode. high-gain, high-linearity (hghl ) cellular mode. the lna and digital mixer are in hghl mode. gain l l h h lin l h l h operational mode not used. low-gain, high-linearity (lghl) pcs mode. the lna and mixer are in lghl mode. high-gain, low-linearity (hgll) pcs mode. the lna and mixer are in hgll mode. high-gain, high-linearity (hghl) pcs mode. the lna and mixer are in hghl mode. gain l l h h lin l h l h note: l = logic low; h = logic high note: l = logic low; h = logic high note: l = logic low; h = logic high table 3. max2324 operational modes
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 17 layout considerations keep rf signal lines as short as possible to minimize losses and radiation. use high-q components for the lna input matching circuit to achieve the lowest possible noise figure. at the digital mixer outputs, keep the differ- ential signal lines together and of equal length to ensure signal balance. for best gain and noise performance, sol- der the slug evenly to the board ground plane. table 5. typical cascaded performance of cellular-band receiver with 3db interstage filter loss table 6. typical cascaded performance of pcs-band receiver with 3db interstage filter loss parameter conversion power gain noise figure third-order input intercept high gain, high linearity 25.4db 2.1db -8.9dbm high gain, low linearity 24.5db 2.3db -10.6dbm low gain, high linearity 8.9db 11.8db -6.8dbm fm 22.7db 3.3db -6.8dbm -9.3dbm -7.6dbm 7.1dbm third-order input intercept 3.0db 2.6db 12.4db noise figure parameter 22.5db high gain, low linearity 24db 7.5db conversion power gain high gain, high linearity low gain table 7. cellular lna s parameters in high-gain, high-linearity mode 0.109 59.1 0.669 -40.8 0.496 1000 -90.6 3.3 74.9 0.104 58.3 0.674 -39.3 0.503 950 -88.5 3.5 76.6 0.099 58.8 0.677 -38.3 0.51 900 -86.1 3.7 79.4 0.096 60.1 0.683 -37.6 0.52 850 -83.7 3.88 81.9 0.0908 60 0.689 0.089 60.6 -36.6 0.696 -35.9 0.714 s22 (mag) -34.7 0.085 s12 (mag) 60.9 s22 (phase) s12 (phase) 0.534 800 -81.2 4.13 0.548 750 -78.4 84.4 4.39 87.9 4.63 s21 (mag) 92.1 0.579 s11 (mag) 700 -74.8 s21 (phase) frequency (mhz) s11 (phase)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 18 ______________________________________________________________________________________ table 9. cellular mixer s11 in high-gain, high-linearity mode table 8. pcs lna s parameters in high-gain, high-linearity mode 0.158 100 0.769 -71 0.614 2500 -113 3.78 74 0.126 99 0.754 -69 0.571 2450 -113 3.79 73 0.106 93 0.739 -67 0.55 2400 -113 3.9 75 0.1 86 0.727 -66 0.54 2350 -112 3.88 78 0.099 82 0.705 -64 0.525 2300 -110 3.83 81 0.094 79 0.683 -63 0.503 2250 -107 3.67 82 0.093 73 0.677 -64 0.467 2200 -104 3.56 81 0.101 71 0.695 0.103 74 -63 0.7 -61 0.69 -59 0.098 76 0.405 2150 -106 3.68 0.391 2100 -112 79 3.82 81 3.82 83 0.407 2050 -115 0.094 76 0.681 -58 0.423 2000 -116 3.85 83 0.09 75 0.673 -57 0.43 1950 -115 3.82 84 0.093 72 0.68 -55 0.434 1900 -114 3.9 82 0.09 77 0.657 -53 0.439 1850 -113 4.23 84 0.086 76 0.643 0.082 77 -52 0.64 -52 0.64 s22 (mag) -51 0.077 s12 (mag) 77 s22 (phase) s12 (phase) 0.44 1800 -113 4.18 0.446 1750 -113 88 4.07 88 4.22 s21 (mag) 86 0.46 s11 (mag) 1700 -112 s21 (phase) frequency (mhz) s11 (phase) 0.842 1000 -48.5 0.842 950 -46.3 0.843 900 -44.1 0.844 850 -42.2 0.846 800 -40.2 0.849 750 -38 0.853 s11 (mag) 700 -35.8 frequency (mhz) s11 (phase)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 19 table 10. pcs mixer s11 in high-gain high-linearity mode table 11. mixer if port s22 digital mixer -1.10 50 0.999 -2.26 100 0.999 -2.46 110 0.999 -2.89 130 0.998 -3.35 150 0.998 -4.45 200 0.998 -4.67 210 0.998 -5.48 250 0.997 -6.48 300 0.997 -7.47 350 0.996 -8.36 400 0.996 s22 (phase) frequency (mhz) s22 (mag) fm mixer -7.82 -1.69 50 0.999 250 0.995 -9.06 300 0.994 -10.28 -2.38 70 0.998 350 -2.92 85 0.998 0.993 -11.40 400 0.992 s22 (phase) frequency (mhz) s22 (mag) -3.38 100 0.997 -3.71 110 0.997 -4.97 150 0.996 -6.49 200 0.995 frequency (mhz) 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300 2350 2400 2450 2500 s11 (mag) 0.865 0.864 0.865 0.867 0.863 0.862 0.861 0.879 0.86 0.858 0.854 0.85 0.845 0.838 0.83 0.825 0.805 s11 (phase) -62 -63 -64 -64 -65 -65 -66 -67 -68 -68 -69 -71 -72 -74 -76 -78 -82
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 20 ______________________________________________________________________________________ typical application circuits 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 12 11 r2 r6 7.5k r4 2k r1 20k buffered lo outputs v cc c5 100pf c6 22pf c7 100pf c12 3.3pf c14 1.5pf c15 6800pf c18 1pf c2 100pf c3 100pf c4 22pf c1 100pf 1.65nh 1pf pcs duplexer diplexer logic inputs from cellular pa cellular lo pcs lo from pcs pa cellular duplexer 3.3pf 6800pf v cc c19 2.7pf max2320 (dual band, dual vco inputs, and dual if outputs) c17 6800pf c11 3.3pf c8 4.7pf c10 1000pf c13 0.01 f c9 1000pf l3 560nh l4 110nh l5 110nh r3 logic input fm to vga 85mhz 210mhz 869mhz?94mhz 1930mhz?990mhz to vga 51 ? r5 20k v cc note: the max2320 is recommended for handsets that operate in three modes: pcs-band cdma, cellular-band cdma, and cellular-band fm. key features: two lo input ports for separate vcos, two lo buffer output ports. v cc 51 ? 9 10 max2320 lnainh rlna lnaoutl lnaouth gain lin band lnainl lohin lolin mixinh l6 5.6nh l1 1.8nh l2 6.8nh 3.85nh mixinl rbias cdma+ cdma- buffen v cc fmout lolout lohout 6800pf 4.7nh r11 30 ?
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 12 11 r6 7.5k r4 2k r1 20k buffered lo outputs v cc c5 100pf c6 22pf c7 100pf c12 3.9pf c14 1.5pf c15 6800pf c18 1pf c2 100pf c3 100pf c4 100pf 1.65nh 1pf pcs duplexer diplexer logic inputs from cellular pa cellular lo from pcs pa cellular duplexer 3.3pf 6800pf c19 2.7pf c17 6800pf c11 3.9pf c8 2.2pf c10 1000pf c13 0.01 f c9 1000pf l3 270nh l4 120nh l5 120nh logic input fm to vga 184mhz 184mhz 869mhz?94mhz 1930mhz?990mhz to vga v cc v cc r2 51 ? r2 51 ? 9 10 max2321 lnainh rlna lnaoutl lnaouth gain lin band lnainl lohin lolin mixinh l6 5.6nh l1 1.8nh l2 6.8nh 3.85nh mixinl rbias cdma+ cdma- buffen v cc fmout lolout lohout x2 max2321 (dual band, dual vco inputs, lo doubler, dual if outputs, and lo buffer) note: the max2321 is recommended for triple-mode phones. key feature: lo doubler for single vco operation. r5 20k 4.7nh 6800pf 4.7nh c1 100pf v cc r11 30 ? typical application circuits (continued)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 22 ______________________________________________________________________________________ 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 12 11 r2 51 ? r3 2k r1 20k buffered lo output v cc v cc c5 100pf c6 22pf c11 3.3pf c13 1.5pf c14 6800pf c16 1pf c4 100pf 1.65nh 1pf pcs duplexer logic inputs pcs or cellular lo from pcs pa c10 3.3pf c8 1000pf c12 0.01 f l4 110nh l5 110nh logic input logic input to vga 210mhz 1930mhz?990mhz r4 20k v cc 9 10 max2322 lnainh rlna n.c. lnaouth gain lin shdn n.c. lohin n.c. mixinh l6 5.6nh l1 1.8nh n.c. rbias cdma+ cdma- buffen v cc lox2 n.c. lohout x2 max2322 (pcs band, single mode with optional frequency doubler) note: the max2322 is recommended for pcs single-band phones. 6800pf c1 100pf v cc r11 30 ? typical application circuits (continued)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 23 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 12 11 r6 7.5k r4 2k r1 20k buffered lo output v cc v cc c4 100pf c6 100pf c11 8.2pf c3 100pf logic inputs logic output from cellular pa cellular lo cellular duplexer 3.3pf 6800pf c15 2.7pf c14 6800pf c10 8.2pf c8 4.7pf c8 1000pf c12 0.01 f c9 1000pf l3 560nh l4 270nh l5 270nh logic input fm to vga 85mhz 85mhz 869mhz?94mhz to vga r3 51 ? r5 20k v cc 9 10 max2324 modeout rlna lnaoutl n.c. gain lin shdn lnainl n.c. lolin n.c. l1 6.8nh 3.85nh mixinl rbias cdma+ cdma- buffen v cc fmout lolout n.c. max2324 (cellular band, dual if outputs) note: the max2324 is recommended for dual-mode (cdma/fm) phones in the cellular band. 4.7nh c1 100pf v cc r11 30 ? typical application circuits (continued)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 24 ______________________________________________________________________________________ 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 11 r6 7.5k r4 2k r1 20k buffered lo outputs v cc c5 100pf c6 22pf c7 100pf c12 3.9pf c14 1.5pf c15 6800pf c18 1pf c2 100pf c3 100pf c4 22pf 1.65nh 1pf pcs duplexer diplexer logic inputs from cellular pa amps lo pcs lo from pcs pa cellular duplexer 3.3pf 6800pf c19 2.7pf c17 6800pf c11 3.9pf c8 2.2pf c10 1000pf c13 0.01 f c9 1000pf l3 270nh l4 120nh l5 120nh logic input fm to vga 184mhz 184mhz 869mhz?94mhz 1930mhz?990mhz to vga r5 20k v cc v cc r2 51 ? r3 51 ? 9 10 max2326 lnainh rlna lnaoutl lnaouth gain lin band lnainl lohin lolin mixinh l6 5.6nh l1 1.8nh l2 6.8nh 3.85nh mixinl rbias cdma+ cdma- buffen v cc fmout lolout lohout /2 max2326 (dual band, dual vco inputs, and dual if outputs with lo divider) note: the max2326 is recommended for dual-band, triple-mode phones. key features: two lo input/output ports for separate vcos, a frequency divider to allow the use of a pcs vco for both bands. /2 6800pf 4.7nh c1 100pf v cc r11 30 ? typical application circuits (continued)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics ______________________________________________________________________________________ 25 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 12 11 r2 51 ? r3 51 ? r6 7.5k r4 2k buffered lo outputs v cc c5 100pf c6 22pf c7 100pf c12 1.5pf c14 6800pf c16 1pf c2 100pf c3 100pf c4 100pf 6800pf 1pf pcs switch diplexer logic inputs from cellular pa amps lo pcs1900 lo from pcs pa cellular duplexer 3.3pf 6800pf c17 2.7pf c15 6800pf c11 1.5pf c8 4.7pf c10 1000pf c13 0.01 f c9 1000pf l3 560nh l4 56nh l5 56nh logic input fm to vga pcs1900 400mhz 83mhz to vga r5 20k v cc v cc 9 10 max2327 lnainh n.c. lnaoutl lnaouth mode shdn band lnainl lohin lolin mixinh l6 5.6nh l1 1.8nh l2 6.8nh 3.85nh mixinl rbias ifout+ ifout- buffen v cc fmout lolout lohout max2327 (dual band, dual vco inputs, and separately controlled vco buffers) note: the max2327 is recommended for dual-band, triple-mode phones with tdma in the digital modes, e.g., pcs1900 + amps. key features: two lo input/output ports for separate vcos, separately controlled vco buffers. 1930mhz?990mhz 869mhz?94mhz 1.5pf 1.65nh 4.7nh c1 100pf v cc r11 30 ? typical application circuits (continued)
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics 26 ______________________________________________________________________________________ pin configurations (continued) chip information 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 mixinh n.c. rbias cdma+ lnainh rlna n.c. lnaouth top view cdma- buffen v cc lox2 gain lin shdn n.c. 12 11 9 10 n.c. lohout lohin n.c. tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 n.c. mixinl rbias cdma+ modeout rlna lnaoutl n.c. cdma- buffen v cc fmout gain lin shdn lnainl 12 11 9 10 lolout n.c. n.c. lolin tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 mixinh mixinl rbias ifout+ lnainh n.c. lnaoutl lnaouth ifout- buffen v cc fmout mode shdn band lnainl 12 11 9 10 lolout lohout lohin lolin tssop max2322 max2324 max2327 transistor count: 1315 ordering information (continued) + indicates lead-free package. * ep = exposed pad. part temp range pin-package max2322 eup -40 c to +85 c 20 tssop-ep* max2322eup+ -40 c to +85 c 20 tssop-ep* max2324 eup -40 c to +85 c 20 tssop-ep* max2324eup+ -40 c to +85 c 20 tssop-ep* max2326 eup -40 c to +85 c 20 tssop-ep* max2326eup+ -40 c to +85 c 20 tssop-ep* max2327 eup -40 c to +85 c 20 tssop-ep* max2327eup+ -40 c to +85 c 20 tssop-ep*
max2320/21/22/24/26/27 adjustable, high-linearity, sige dual-band lna/mixer ics maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 27 2006 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. tssop4.40mm.eps package outline, tssop 4.40mm body 21-0066 1 1 g package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .)


▲Up To Search▲   

 
Price & Availability of MAX2320EUP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X