Part Number Hot Search : 
LVC1G0 41200 TK20D60 XL4005E1 LP121S1 43C8P4 EFM32G 09SH3
Product Description
Full Text Search
 

To Download LPC-3512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model lpc-35-700 lpc-35-1050 lpc-35-1400 dc voltage range rated current rated power output line regulation load regulation setup, rise time note.6 hold up time (typ.) voltage range note.4 frequency range efficiency (typ.) ac current (typ.) input inrush current(max.) leakage current safety standards working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over voltage 9 ~ 48v 9 ~ 30v 9 ~ 24v 700ma 1050ma 1400ma 33.6w 31.5w 33.6w 200mvp-p 200mvp-p 200mvp-p 5.0% 1.0% 2.0% 500ms, 120ms / 230vac 5 at full load 00ms, 120ms / 115vac 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 85% 50.4 ~ 60v 31.5 ~ 40.5v 27.6 ~ 32.4v 1.1a/115vac 0.7a/230vac cold start 30a/115vac 60a/230vac 0.25ma / 240vac compliance to en55022 (cispr22) class b, en61000-3-2 class a, en610 00-3-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024, light indust ry level, criteria a -30 ~ +75 (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes ul1310, can/csa c22.2 no. 223-m91(except for lpc-35-700), ip67 app roved ; design refer to tuv en60950-1 743.5khrs min. mil-hdbk-217f (25 ) 148*40*30mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltage. please check the static ch aracteristics for more details. 5. the power supply is considered as a component that will be operated in comb ination with final equipment. since emc performance will be affected by t he complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 6. length of set up time is measured at first cold start. turning on/off the pow er supply may lead to increase of the set up time. 7. the unit might not be suitable for lighting applications in eu countries . please check with your local authorities for the possible use of the unit. 8. suitable for indoor use or outdoor use without direct sunlight exposur e. please avoid immerse in the water over 30 minute. 0.34kg; 40pcs/14.6kg/0.63cuft protection type : shut off o/p voltage, clamping by zener diode 35w single output switching power supply constant current designuniversal ac input / full range withstand 300vac surge input for 5 seconds protections: short circuit / over voltage cooling by free air convection fully encapsulated with ip67 level class 2 power unit ass lps suitable for led lighting and moving sign applications100% full load burn-in test low cost, high reliability 2 years warranty (note.8) fully isolated plastic case class power unit, no fg p (note.7) features : l p c - 3 5 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 50ms/230vac 16ms/115vac at full load withstand voltage isolation resistance i/p-o/p:3kvac i/p-o/p:>100m ohms / 500vdc / 25 / 70% rh file name:lpc-35-spec 2012-03-20 ip67 lps ( for 700ma only) ( except for 700ma ) 5.0% current accuracy emc immunity emc emission
mechanical specification file name:lpc-35-spec 2012-03-20 case no. 975a unit:mm fosc : 60khz pwm o.l.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p control & block diagram detection circuit o.c.p. load (%) 20 40 60 80 100 load (%) load (%) (horizontal) 0 15 30 0 40 50 55 -30 60 70 80 ac/n(blue) ac/l(brown) recommend mounting direction t case: max. case temperature. 26.5 t case 18 input voltage (v) 60hz 90 100 125 135 145 155 165 175 180 200 230 264 100 90 80 70 60 50 40 load (%) derating curve derating curve static characteristics ambient temperature ( ) 175 load (%) 35w single output switching power supply l p c - 3 5 s e r i e s +v(red) -v(black) ul1007 16awg ul1015 18awg 600 30 3.6 3.6 148 3.5 3.5 3.5 3.5 40 600 30 30


▲Up To Search▲   

 
Price & Availability of LPC-3512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X