Part Number Hot Search : 
3KP100A G1963 LP7510 AN400A KA220 MB351 LL4448 1N6147E3
Product Description
Full Text Search
 

To Download HMC1041LC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - i /q mixers. ir m s & r eceivers - s mt 1 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz functional diagram features wide i f bandwidth: d c - 3.5 ghz i mage r ejection: 36 db lo to r f i solation 45 db high i nput i p3: +20 dbm 24 lead 4x4 mm s mt package: 16 mm 2 typical applications the hm c 1041l c 4 is i deal for: ? point-to-point r adio ? point-to-multi-point r adio ? test e quipment & s ensors ? military e nd use general description the hm c 1041l c 4 is a compact i /q mm ic mixer in a leadless pb free s mt package, which can be used as either an i mage r eject mixer or a s ingle s ideband upconverter. the mixer utilizes two standard hittite double balanced mixer cells and a 90 degree hybrid fabricated in a gaas m es f e t process. a low frequ- ency quadrature hybrid was used to produce a 1000 mhz u s b i f output. this product is a much smaller alternative to hybrid style i mage r eject mixers and s ingle s ideband upconverter assemblies. the hm c 1041l c 4 eliminates the need for wire bonding and allows the use of surface mount manufacturing techniques. electrical specifcations, t a = +25 c, if= 1 ghz, usb, lo = +15 dbm [1] parameter min. typ. max. min. typ. max. min. typ. max units frequency r ange, r f/lo 17 - 20 20 - 24 24 - 27 ghz frequency r ange, i f d c - 3.5 d c - 3.5 d c - 3.5 ghz c onversion loss (as ir m) 7 10 9 12 9 12 db i mage r ejection 20 29 26 36 20 30 db lo to r f i solation 40 45 38 43 34 39 db lo to i f i solation 45 40 40 db i p3 ( i nput) 18 20 19 dbm amplitude balance [2] [3] 0.5 0.5 0.25 db phase balance [2] [3] 2.5 4.0 1.5 deg [1] unless otherwise noted, all measurements performed as downconverter. [2] data taken without external 90 hybrid. [3] data taken with if = 100mhz for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 2 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz conversion gain, usb vs. temperature conversion gain, usb vs. lo drive image rejection, usb vs. temperature return loss [1] input p1db, usb vs. temperature image rejection, usb vs. lo drive data taken as irm with external if 90 hybrid, if = 1000 mhz [1] data taken without external 90 hybrid. -20 -15 -10 -5 0 16 18 20 22 24 26 28 +25c +85c -40c conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 16 20 24 28 +13 dbm +15 dbm +17 dbm image rejection (dbc) rf frequency (ghz) -25 -20 -15 -10 -5 0 16 18 20 22 24 26 28 rf lo return loss (db) frequency (ghz) 0 4 8 12 16 20 16 18 20 22 24 26 28 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 3 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz input ip3, usb vs. temperature input ip3, usb vs lo drive isolation amplitude balance, usb vs. lo drive [1] [2] if bandwidth [1] data taken as irm with external if 90 hybrid, if = 1000 mhz [1] data taken without external 90 hybrid. lo/rf isolation [2] data taken with i f = 100mhz. 5 10 15 20 25 30 16 18 20 22 24 26 28 +25c +85c -40c ip3 (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm ip3 (dbm) rf frequency (ghz) -60 -50 -40 -30 -20 -10 0 16 18 20 22 24 26 28 rf/if1 lo/if1 rf/if2 lo/if2 isolation (db) rf frequency (ghz) -60 -50 -40 -30 -20 -10 0 16 18 20 22 24 26 28 lo/rf isolation (db) rf frequency (ghz) -3 -2 -1 0 1 2 3 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm amplitude balance (db) rf frequency (ghz) -25 -20 -15 -10 -5 0 0.5 1 1.5 2 2.5 3 3.5 return loss conversion gain response (db) if frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 4 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz upconverter performance conversion gain, usb vs. lo drive phase balance, usb vs. lo drive [1] [2] data taken as irm with external if 90 hybrid, if = 1000 mhz upconverter performance sideband rejection, usb vs. lo drive conversion gain, lsb vs. temperature conversion gain, lsb vs. lo drive image rejection, lsb vs. temperature [1] data taken without external 90 hybrid. [2] data taken with i f = 100mhz. -20 -15 -10 -5 0 5 10 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm phase balance (degrees) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm side band rejection (dbc) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +25c +85c -40c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +13 dbm +15 dbm +17dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 70 16 18 20 22 24 26 28 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 5 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz data taken as irm with external if 90 hybrid, if = 1000 mhz input p1db, lsb vs. temperature input ip3, lsb vs. temperature input ip3, lsb vs lo drive amplitude balance, lsb vs. lo drive [1] [2] phase balance, lsb vs. lo drive [1] [2] [1] data taken without external 90 hybrid. image rejection, lsb vs. lo drive [2] data taken with i f = 100mhz. 0 10 20 30 40 50 60 16 20 24 28 +13 dbm +15 dbm +17 dbm image rejection (dbc) rf frequency (ghz) 0 4 8 12 16 20 16 18 20 22 24 26 28 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +25c +85c -40c ip3 (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm ip3 (dbm) rf frequency (ghz) -3 -2 -1 0 1 2 3 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm amplitude balance (db) rf frequency (ghz) -15 -10 -5 0 5 10 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm phase balance (degrees) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 6 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz data taken as irm with external if 90 hybrid, if = 2000 mhz conversion gain, usb vs. temperature conversion gain, usb vs. lo drive image rejection, usb vs. temperature image rejection, usb vs. lo drive input p1db, usb vs. temperature input ip3, usb vs. temperature -20 -15 -10 -5 0 16 18 20 22 24 26 28 +25c +85c -40c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +13 dbm +15 dbm +17dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm image rejection (dbc) rf frequency (ghz) 0 4 8 12 16 16 18 20 22 24 26 28 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +25c +85c -40c ip3 (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 7 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz input ip3, usb vs lo drive data taken as irm with external if 90 hybrid, if = 2000 mhz conversion gain, lsb vs. temperature conversion gain, lsb vs. lo drive image rejection, lsb vs. temperature image rejection, lsb vs. lo drive 5 10 15 20 25 30 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm ip3 (dbm) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +25c +85c -40c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +13 dbm +15 dbm +17dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm image rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 8 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz input p1db, lsb vs. temperature input ip3, lsb vs. temperature data taken as irm with external if 90 hybrid, if = 2000 mhz input ip3, lsb vs lo drive 0 4 8 12 16 20 16 18 20 22 24 26 28 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +25c +85c -40c ip3 (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm ip3 (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 9 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz data taken as irm with external if 90 hybrid, if = 2500 mhz conversion gain, usb vs. temperature conversion gain, usb vs. lo drive image rejection, usb vs. temperature image rejection, usb vs. lo drive input p1db, usb vs. temperature input ip3, usb vs. temperature -20 -15 -10 -5 0 16 18 20 22 24 26 28 +25c +85c -40c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm image rejection (dbc) rf frequency (ghz) 0 4 8 12 16 20 16 18 20 22 24 26 28 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +25c +85c -40c ip3 (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 10 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz data taken as irm with external if 90 hybrid, if = 2500 mhz input ip3, usb vs. temperature conversion gain, lsb vs. temperature conversion gain, lsb vs. lo drive image rejection, lsb vs. temperature image rejection, lsb vs. lo drive 5 10 15 20 25 30 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm ip3 (dbm) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +25c +85c -40c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 60 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm image rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 11 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz data taken as irm with external if 90 hybrid, if = 2500 mhz input p1db, lsb vs. temperature input ip3, lsb vs. temperature input ip3, lsb vs lo drive 0 4 8 12 16 20 16 18 20 22 24 26 28 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +25c +85c -40c ip3 (dbm) rf frequency (ghz) 5 10 15 20 25 30 16 18 20 22 24 26 28 +13 dbm +15 dbm +17 dbm ip3 (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 12 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz harmonics of lo mxn spurious outputs lo freq. (ghz) nlo s pur at r f port 1 2 3 4 13 43 40 46 x 18 41 50 x x 23 44 43 x x 28 44 x x x 33 36 x x x lo = + 15 dbm v alues in dbc below lo level measured at r f port. nlo mr f 0 1 2 3 4 0 x 8 49 x x 1 19 x 43 70 x 2 70 86 67 87 70 3 x 69 84 81 86 4 x x 69 81 92 r f = 22 ghz @ -10 dbm lo = 21 ghz @ +15 dbm data taken without i f hybrid all values in dbc below i f power level absolute maximum ratings e l ec t ro s tat ic se n si t ive d evice ob serve handl i ng p rec aut i on s r f / i f i nput (lo = +18 dbm) +18 dbm lo drive +20 dbm c hannel temperature 150 c c ontinuous pdiss (t=85 c ) (derate 5.2 mw/ c above 85 c ) 338 mw thermal r esistance ( r th ) (junction to package bottom) 192 c /w s torage temperature -65 to +150 c operating temperature -40 to +85 c es d s ensitivity (hbm) c lass 1a for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 13 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz outline drawing not es : 1. pa c kag e body mat eri al: alum i na. 2. l e ad and g r ound paddl e plat i ng: gold fla s h o ver n ic k e l. 3. d i m e n si on s a re i n i n c h es (m i ll i m e t ers ). 4. l e ad s pa ci ng tol er an ce is non- c umulat ive . 5. pa c kag e wa r p s hall not excee d 0.05mm datum C c C 6. all g r ound l e ad s and g r ound paddl e mu s t b e s old ere d to p c b r f g r ound. package information part number package body material lead finish m s l r ating package marking [2] hm c 1041l c4 alumina, white gold over nickel m s l1 [1] h1041 xxxx [1] max peak refow temperature of 260 c [2] 4-digit lot number xxxx for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 14 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz pin descriptions pin number function description i nterface s chematic 1, 2, 6, 7, 10, 12, 13, 17- 24 n/ c these pins are not connected internally; however, all data shown herein was measured with these pins con - nected to r f/d c ground externally. 3, 5, 8, 14, 16 gnd these pins and the exposed ground paddle must be connected to r f/d c ground. 4 rf this pin is a c coupled and matched to 50 ohms. 9 i f2 this pin is d c coupled. for application not requir - ing operation to d c , this port should be d c blocked externally using a series capacitor whose value has been chosen to pass the necessary i f frequency range. for operation to d c , this pin must not source/sink more than 3 ma of current or product non-function and pos - sible product failure will result. 11 i f1 15 lo this pin is a c coupled and matched to 50 ohms from 17 to 27 ghz for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 15 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz evaluation pcb list of materials for evaluation pcb eval01-HMC1041LC4 [1] i tem description j1, j2 p c b mount s ma r f c onnector, sri j3 - j4 p c b mount s ma c onnector, johnson u1 hm c 1041l c4 p c b [2] 109996-1 e valuation board [1] r eference this number when ordering complete evaluation p c b [2] c ircuit board material: r ogers 4350 the circuit board used in the application should use r f circuit design techniques. s ignal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i /q mixers. ir m s & r eceivers - s mt 16 HMC1041LC4 v 0 0.1211 gaas mmic i/q mixer 17 - 27 ghz notes for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com


▲Up To Search▲   

 
Price & Availability of HMC1041LC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X