Part Number Hot Search : 
06300 PT774C 00035 19010352 B40NF F1040 F1040 MAX9235
Product Description
Full Text Search
 

To Download HEF4066B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the HEF4066B provides four single-pole, si ngle-throw analog switch functions. each switch has two input/output terminals (ny and nz) and an active high enable input (ne). when ne is low, the anal og switch is turned off. the HEF4066B is pin compatible with the hef4016b but exhibits a much lower on resistance. in addition the on resistance is relatively constant over the full input signal range. 2. features and benefits ? fully static operation ? 5 v, 10 v, and 15 v parametric ratings ? standardized symmetrical output characteristics ? inputs and outputs are protected against electrostatic effects ? specified from ? 40 ? c to +85 ? c and ? 40 ? c to +125 ? c ? complies with jedec standard jesd 13-b 3. applications ? analog multiplexing and demultiplexing ? digital multiplexing and demultiplexing ? signal gating 4. ordering information HEF4066B quad single-pole singl e-throw analog switch rev. 7 ? 16 november 2011 product data sheet table 1. ordering information type number package temperature range name description version HEF4066Bp ? 40 ? c to +125 ? c dip14 plastic dual in-line package; 14 leads (300 mil) sot27-1 HEF4066Bt ? 40 ? c to +125 ? c so14 plastic small outl ine package; 14 leads; body width 3.9 mm sot108-1
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 2 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 5. functional diagram 6. pinning information 6.1 pinning 6.2 pin description fig 1. functional diagram fig 2. logic diagram (one switch) 001aag200 1y 1z 1 2 2y 2z 4 3 1e 13 3y 3z 8 9 4y 4z 11 10 3e 6 4e 12 2e 5 v ss nz ne ny v dd v dd 001aag201 fig 3. pin configuration HEF4066B 1y v dd 1z 1e 2z 4e 2y 4y 2e 4z 3e 3z v ss 3y 001aag202 1 2 3 4 5 6 7 8 10 9 12 11 14 13 table 2. pin description symbol pin description 1y, 2y, 3y, 4y 1, 4, 8, 11 independent input or output 1z, 2z, 3z, 4z 2, 3, 9, 10 independent input or output 1e, 2e, 3e, 4e 13, 5, 6, 12 enable input (active high) v ss 7 ground (0 v) v dd 14 supply voltage
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 3 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 7. functional description [1] h = high voltage level; l = low voltage level. 8. limiting values [1] to avoid drawing v dd current out of terminal nz, when switch current flows in to terminals ny, the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current flows into terminal nz, no v dd current will flow out of terminals ny, in this case there is no limit for the voltage drop across the switch, but the voltages at ny and nz may not exceed v dd or v ss . [2] for dip14 packages: above t amb = 70 ? c, p tot derates linearly with 12 mw/k. [3] for so14 packages: above t amb = 70 ? c, p tot derates linearly with 8 mw/k. 9. recommended operating conditions table 3. function table [1] input ne switch hon loff table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to v ss = 0 v (ground). symbol parameter conditions min max unit v dd supply voltage ? 0.5 +18 v i ik input clamping current v i < ? 0.5 v or v i >v dd + 0.5 v - ? 10 ma v i input voltage ? 0.5 v dd + 0.5 v i i/o input/output current [1] - ? 10 ma t stg storage temperature ? 65 +150 ?c t amb ambient temperature ? 40 +85 ?c p tot total power dissipation t amb = ? 40 ? c to +85 ?c dip14 [2] - 750 mw so14 [3] - 500 mw p power dissipation per switch - 100 mw table 5. recommended operating conditions symbol parameter conditions min typ max unit v dd supply voltage 3 - 15 v v i input voltage 0 - v dd v t amb ambient temperature in free air ? 40 - +125 ?c ? t/ ? v input transition rise and fall rate v dd = 5 v - - 3.75 ? s/v v dd = 10 v - - 0.5 ? s/v v dd = 15 v - - 0.08 ? s/v
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 4 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 10. static characteristics 10.1 test circuit table 6. static characteristics v ss = 0 v; v i = v ss or v dd unless otherwise specified. symbol parameter conditions v dd t amb = ? 40 ?c t amb = 25 ?c t amb = 85 ?c t amb = 125 ?c unit min max min max min max min max v ih high-level input voltage ?i o ? < 1 ? a 5 v 3.5 - 3.5 - 3.5 - 3.5 - v 10 v 7.0 - 7.0 - 7.0 - 7.0 - v 15 v 11.0 - 11.0 - 11.0 - 11.0 - v v il low-level input voltage ?i o ? < 1 ? a 5 v - 1.5 - 1.5 - 1.5 - 1.5 v 10 v - 3.0 - 3.0 - 3.0 - 3.0 v 15 v - 4.0 - 4.0 - 4.0 - 4.0 v i i input leakage current 15 v - ? 0.1 - ? 0.1 - ? 1.0 - ? 1.0 ? a i s(off) off-state leakage current per channel; see figure 4 15 v - - - 200 - - - - na i dd supply current all valid input combinations 5 v - 1.0 - 1.0 - 7.5 - 7.5 ? a 10 v - 2.0 - 2.0 - 15.0 - 15.0 ? a 15 v - 4.0 - 4.0 - 30.0 - 30.0 ? a c i input capacitance ne input - - - - 7.5 - - - - pf fig 4. test circuit for measuring off-state leakage current 001aak669 v o v ss ne nz v il v dd ny v i i s
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 5 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 10.2 on resistance 10.2.1 on resistance waveform and test circuit table 7. on resistance t amb = 25 ? c; i sw =200 ? a; v ss = 0 v. symbol parameter conditions v dd typ max unit r on(peak) on resistance (peak) v i = 0 v to v dd ; see figure 5 and figure 6 5 v 350 2500 ? 10 v 80 245 ? 15 v 60 175 ? r on(rail) on resistance (rail) v i = 0 v; see figure 5 and figure 6 5 v 115 340 ? 10 v 50 160 ? 15 v 40 115 ? v i = v dd ; see figure 5 and figure 6 5 v 120 365 ? 10 v 65 200 ? 15 v 50 155 ? ? r on on resistance mismatch between channels v i = 0 v to v dd ; see figure 5 5v 25 - ? 10 v 10 - ? 15 v 5 - ? r on =v sw /i sw .i sw = 200 ? a. (1) v dd = 5 v (2) v dd = 10 v (3) v dd = 15 v fig 5. test circuit for measuring r on fig 6. typical r on as a function of input voltage 001aak670 v ss ne ny v ih v dd nz v i v sw i sw 001aak671 v i (v) 015 10 5 (1) (2) (3) 200 100 300 400 r on () 0
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 6 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 11. dynamic characteristics table 8. dynamic characteristics t amb = 25 ? c; v ss = 0 v; for test circuit see figure 9 . symbol parameter conditions v dd typ max unit t phl high to low propagation delay ny, nz to nz, ny; see figure 7 5 v 10 20 ns 10 v 5 10 ns 15 v 5 10 ns ny, nz to nz, ny; see figure 7 5 v 10 20 ns 10 v 5 10 ns 15 v 5 10 ns t phz high to off-state propagation delay ne to ny, nz; see figure 8 5 v 80 160 ns 10 v 65 130 ns 15 v 60 120 ns t pzh off-state to high propagation delay ne to ny, nz; see figure 8 5 v 40 80 ns 10v 2040ns 15v 1530ns t plz low to off-state propagation delay ne to ny, nz; see figure 8 5 v 80 160 ns 10 v 70 140 ns 15 v 70 140 ns t pzl off-state to low propagation delay ne to ny, nz; see figure 8 5 v 45 90 ns 10v 2040ns 15v 1530ns table 9. dynamic power dissipation p d p d can be calculated from the formulas shown; v ss = 0 v; t r = t f ? 20 ns; t amb = 25 ? c. symbol parameter v dd typical formula for p d ( ? w) where: p d dynamic power dissipation 5v p d = 2500 ? f i + ? (f o ? c l ) ? v dd 2 f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v dd = supply voltage in v; ? (c l ? f o ) = sum of the outputs. 10 v p d = 11500 ? f i + ? (f o ? c l ) ? v dd 2 15 v p d = 29000 ? f i + ? (f o ? c l ) ? v dd 2
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 7 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 11.1 waveforms and test circuit measurement points are given in table 10 . fig 7. ny or nz to nz or ny propagation delays 001aak672 v m v m t plh t phl v m v i input ny or nz output nz or ny v m v o 0 v 0 v measurement points are given in table 10 . fig 8. enable and disable times 001aak673 switch off switch on input ne 0 v output ny or nz output ny or nz switch on v m t plz t pzl t pzh t phz v m 10 % 90 % 10 % v dd 90 % 0 v v dd v i 0 v table 10. measurement points supply voltage input output v dd v m v m 5 v to 15 v 0.5v dd 0.5v dd
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 8 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 11.2 additional dynamic parameters test data is given in table 11 . definitions: dut = device under test. r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including test jig and probe. r l = load resistance. fig 9. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aak674 v dd v ss v dd v i v o open dut c l s1 r t r l v i g table 11. test data supply voltage input load s1 position v dd v i t r , t f c l r l t phl , t plh t pzh , t phz t pzl , t plz 5 v to 15 v 0 v or v dd ?? 20 ns 50 pf 10 k ? v ss v ss v dd table 12. additional dynamic characteristics v ss = 0 v; t amb = 25 ? c. symbol parameter conditions v dd typ max unit thd total harmonic distortion see figure 10 ; r l =10k ? ; c l =15pf; channel on; v i =0.5v dd (p-p); f i =1khz 5v [1] 0.25 - % 10 v [1] 0.04 - % 15 v [1] 0.04 - % v ct crosstalk voltage ne input to switch; see figure 11 ; r l = 10 k ? ; c l =15pf; ne = v dd (square-wave) 10 v 50 - mv
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 9 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch [1] f i is biased at 0.5v dd . 11.2.1 test circuits xtalk crosstalk between switches; see figure 12 ; f i = 1 mhz; r l =1 k ? ; v i =0.5v dd (p-p) 10 v [1] ? 50 - db ? iso isolation (off-state) see figure 13 ; f i = 1 mhz; r l = 1 k ? ; c l = 5 pf; v i =0.5v dd (p-p) 10 v [1] ? 50 - db f ( ? 3db) ? 3 db frequency response see figure 14 ; r l = 1 k ? ; c l = 5 pf; v i =0.5v dd (p-p) 10 v [1] 90 - mhz table 12. additional dynamic characteristics ?continued v ss = 0 v; t amb = 25 ? c. symbol parameter conditions v dd typ max unit fig 10. test circuit for measuri ng total harmonic distortion d 001aak675 f i r l c l v ss ne ny nz v ih v dd a. test circuit b. input and output pulse definitions fig 11. test circuit for measuring crosstal k voltage between digital input and switch 001aak676 r l c l v o v ss ny nz v dd g 0.5v dd r l ne v 001aak677 on v o v ct off off logic input ne
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 10 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 20 log 10 (v o2 / v o1 ) or 20 log 10 (v o1 / v o2 ). fig 12. test circuit for measuri ng crosstalk between switches 001aak678 channel off channel on v nz or ny ny or nz ne v o2 r l r l v il v 1z or 1y 1y or 1z 1e v o1 r l v ih v dd v ss v i adjust f i voltage to obtain 0 dbm level at input. adjust f i voltage to obtain 0 dbm level at output. increase f i frequency until db meter reads ? 3db. fig 13. test circuit for measuring isolation (off-state ) fig 14. test circuit for measuring frequency response 001aak679 f i r l c l v ss ne ny nz v il v dd db 001aak680 f i r l c l v ss ne ny nz v ih v dd db
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 11 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 12. package outline fig 15. package outline sot27-1 (dip14) unit a max. 1 2 (1) (1) b 1 cd (1) z ee m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot27-1 99-12-27 03-02-13 a min. a max. b max. w m e e 1 1.73 1.13 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2.2 4.2 0.51 3.2 0.068 0.044 0.021 0.015 0.77 0.73 0.014 0.009 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.087 0.17 0.02 0.13 050g04 mo-001 sc-501-14 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 14 1 8 7 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. dip14: plastic dual in-line package; 14 leads (300 mil) sot27-1
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 12 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch fig 16. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 13 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 13. revision history table 13. revision history document id release date data sheet status change notice supersedes HEF4066B v.7 20111116 product data sheet - HEF4066B v.6 modifications: ? legal pages updated. ? changes in ?general description?, ?fea tures and benefits? and ?applications?. HEF4066B v.6 20100325 product data sheet - HEF4066B v.5 HEF4066B v.5 20100225 product data sheet - HEF4066B v.4 HEF4066B v.4 20091013 product data sheet - HEF4066B_cnv v.3 HEF4066B_cnv v.3 19950101 product specification - HEF4066B_cnv v.2 HEF4066B_cnv v.2 19950101 product specification - -
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 14 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch 14. legal information 14.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 14.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 14.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
HEF4066B all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 16 november 2011 15 of 16 nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 14.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 15. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors HEF4066B quad single-pole singl e-throw analog switch ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 16 november 2011 document identifier: HEF4066B please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 16. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 1 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 9 recommended operating conditions. . . . . . . . 3 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 10.1 test circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 10.2 on resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 5 10.2.1 on resistance waveform and test circuit . . . . . 5 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 11.1 waveforms and test circuit . . . . . . . . . . . . . . . . 7 11.2 additional dynamic parameters . . . . . . . . . . . . 8 11.2.1 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 13 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 14 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 14.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 14.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 14.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 14.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 15 15 contact information. . . . . . . . . . . . . . . . . . . . . 15 16 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of HEF4066B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X