Part Number Hot Search : 
NJU7664R 2SB118 SML10 10132 90814 RL2203N SDR1AHF1 SMAJ160A
Product Description
Full Text Search
 

To Download FA051502QE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kC3 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary models available f series miniature rota-slide ? rotary switches features/benefits ? multi-pole and multi-position ? panel and pcb mounting ? positive detent ? value added capability ? rohs compliant typical applications ? small appliances ? testing fixtures ? safety equipment specifications contact rating: q contact material: 4 amps @ 125 v ac or 28 v dc; 2 amps @ 250 v ac (ul/csa). see page l-40 foradditional ratings. electrical life: 10,000 make-and-break cycles at full load. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. indexing: 45oor 90?oo-e contact models; two contact models, 4 pos. max. models with common terminal -90o 4 pos. max. opera ting & storage tempera ture: -30o to 65?o materials housing & bushing: 6/6 nylon (ul 94v-2). actuator: 6/6 nylon (ul 94v-2). contacts: q contact material: copper, silver plated. see page k-40 for additional contact materials. terminals: q contact material: copper, silver plated. see page k-39 for additional contact materials. contact spring: music wire or stainless steel. mounting nut: brass, nickel plated. terminal seal: epoxy. note: any models supplied with q or b contact material ar e rohs compliant. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult custome service center. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages k-34 thru k-36. for additional options not shown in catalog, consult customer service center . switch function f a05 sp , 90 index, 3 pos. f103 sp, 45 index, 3 pos. f203 dp, 45 index, 3 pos. f a01 spdt , 90 index fc03 sp, w/common 90 index, 3 pos. terminations 02 pc thru-hole wc wire lead seal none no seal e epoxy seal contact material q silver b gold actuator 15 s crewdriver slot without bushing 08 .585" high with .156" flat mounting style rn pc rs 5/16-32 threaded bushing
k rotary kC 34 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com third angle projection f series miniature rota-slide ? rotary switches switch function 45 o in dexing schematics f1xx models f2xx models fa01 model fa05 model fcxx model c= common terminal 90o indexing schematics 7 6 5 8 3 4 2 br eak-before-make contacts. terminal numbers are molded on bottom of housing. actuators are shown in position 1. f1xx, f2xx models: no common terminal is pr esent. switching function is provided by movable contacts shorting adjacent pairs of stationary contacts. note: *switches with 2?c terminations have additional terminal no. 5 as switch support only. this terminal is not connected electrically inside switch. break-before-make contacts. terminal numbers ar e molded on bottom of housing. actuators ar e shown in position 1. faxx models: no common terminal is present. switching function is pr ovided by movable contacts shorting adjacent pairs of stationary contacts. fcxx models: common terminal is present. note: *switches with 2?c terminations have additional terminal no. 5 as switch support only . this terminal is not connected electrically inside switch. part number show: fc0315rn02q al l te r mi na ls 3 po s ition f2 0 3 dp 8-1-2-3* 3 po s ition f1 0 3 sp te rmin als sw itc h functi on model no . no . poles 45oindexing c-1,c- 2,c- 3 3 po s ition fc 03 sp wit h co m mo n 8-1-3-5 3 po s ition f a0 5 8-1-3 sp dt f a0 1 sp te rmin als sw itc h functi on model no . no . poles 90oindexing
kC5 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary third angle projection f series miniature rota-slide ? rotary switches actuator mounting style terminations 5/16 in . bushing panel mounting pc mounting 15 screwdriver slot without bushing 08 .585" high with .156" fla 02 pc thru-hole f1xx, f2xx & f axx models fcxx models wc wire lead 02 pc thru-hole rs 5/16-32 threaded bushing rn pc shown with n?ounting style; not available with s?ounting style or fcxx models. pc mount, no bushing, position numbers molded standard. shown with 5?ctuator; not available with 8?ctuator or fcxx models. panel mount, with 5/16 in.C2 threaded bushing. mounting nut (p/n 175020201) included. must be ordered with 8?ctuator option. black wire standard, other colors and lengths available, consult customer service center. ul style 1015. must be ordered with s?ounting style.
k rotary kC 36 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com third angle projection f series miniature rota-slide ? rotary switches contact material seal e epoxy seal none no seal not available on fcxx models. * note: see t echnical data section of this catalog for rohs compliant and compatible definition and specifications. 1 cont acts & terminals: copper, with gold plate over nickel plate. 2 cont acts & terminals: copper, silver plated (standard with all termination options). all models with all options when ordered with ?ontact material. note: any models supplied with q or b contact material ar e rohs compliant. co n t ac t an d option co d e te rmin al mater ial ra ti n g q 4 a m ps @ 1 25 v a c o r 28 v d c ; 2 a m ps @ 2 50 v a c (ul/csa ). low leve l/ d ry cir cu it b si l ver 2 po wer 0.4 va m ax . @ 2 0 v a c o r d c m a x. go ld 1


▲Up To Search▲   

 
Price & Availability of FA051502QE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X