Part Number Hot Search : 
4805E 60R020 BAV70 2SC1684 SMCJ26CA MCP1403 YRT110S BC858
Product Description
Full Text Search
 

To Download EN8985A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  atp216 no.8985-1/7 features ? on-resistance r ds (on)1=17m (typ.) ? slim package ? 1.8v drive ? halogen free compliance ? protection diode in speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 50 v gate-to-source voltage v gss 10 v drain current (dc) i d 35 a drain current (pw 10 s) i dp pw 10 s, duty cycle 1% 105 a allowable power dissipation p d tc=25 c40w channel temperature tch 150 c storage temperature tstg --55 to +150 c avalanche energy (single pulse) *1 e as 40 mj avalanche current *2 i av 17.5 a note : * 1 v dd =10v, l=100 h, i av =18a * 2 l 100 h, single pulse package dimensions unit : mm (typ) 7057-001 ordering number : EN8985A 62012 tkim/5 1111pa tkim tc-00002591 atp216 n-channel silicon mosfet general-purpose switching device applications http:// semicon.sanyo.com/en/network product & package information ? package : atpak ? jeita, jedec : - ? minimum packing quantity : 3,000 pcs./reel packing type: tl marking electrical connection tl atp216 lot no. 1 3 2,4 sanyo semiconductors data sheet 1 : gate 2 : drain 3 : source 4 : drain sanyo : atpa k 0.7 0.4 0.55 9.5 7.3 0.5 1.7 4.6 6.05 13 2 6.5 0.6 4 0.8 0.5 1.5 0.4 2.6 4.6 0.4 0.1 2.3 2.3 atp216-tl-h
atp216 no.8985-2/7 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d =1ma, v gs =0v 50 v zero-gate voltage drain current i dss v ds = 50 v, v gs =0v 1 a gate-to-source leakage current i gss v gs =8v, v ds =0v 10 a cutoff voltage v gs (off) v ds =10v, i d =1ma 0.4 1.4 v forward transfer admittance | yfs | v ds =10v, i d = 18 a 58 s static drain-to-source on-state resistance r ds (on)1 i d = 18 a, v gs =4.5v 17 23 m r ds (on)2 i d = 9 a, v gs =2.5v 20 28 m r ds (on)3 i d = 5 a, v gs =1.8v 30 45 m input capacitance ciss v ds =20v, f=1mhz 2700 pf output capacitance coss 150 pf reverse transfer capacitance crss 110 pf turn-on delay time t d (on) see speci ed test circuit. 27 ns rise time t r 90 ns turn-off delay time t d (off) 220 ns fall time t f 105 ns total gate charge qg v ds =30v, v gs =4.5v, i d =35a 30 nc gate-to-source charge qgs 5.9 nc gate-to-drain ?miller? charge qgd 7.9 nc diode forward voltage v sd i s =35a, v gs =0v 0.96 1.2 v switching time test circuit ordering information device package shipping memo atp216-tl-h atpak 3,000pcs./reel pb free and halogen free pw=10 s d.c. 1% p. g 50 g s d i d =18a r l =1.67 v dd =30v v out atp216 v in 4.5v 0v v in
atp216 no.8985-3/7 i d -- v ds i d -- v gs drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a v ds =10v it16430 it16431 0 3.0 2.5 1.5 0 0 35 15 20 30 25 5 10 1.0 0.1 0.7 0.6 0.5 0.3 0.4 0.2 0.9 0.8 0 50 40 30 1.0 0.5 2.0 20 10 5 45 35 25 15 3.0v v gs =1.5v --25 c 25 c tc=75 c 8.0v tc=25 c 1.8v 6.0v 2.0v 2.5v 3.5v 4.5v r ds (on) -- v gs r ds (on) -- tc i s -- v sd sw time -- i d gate-to-source voltage, v gs -- v case temperature, tc -- c static drain-to-source on-state resistance, r ds (on) -- m static drain-to-source on-state resistance, r ds (on) -- m drain current, i d -- a drain current, i d -- a switching time, sw time -- ns drain-to-source voltage, v ds -- v ciss, coss, crss -- pf diode forward voltage, v sd -- v source current, i s -- a | y fs | -- i d forward transfer admittance, | y fs | -- s ciss, coss, crss -- v ds 050 10 20 30 40 it16437 it16436 it16435 0 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 7 5 3 2 it16434 25 c -- 2 5 c f=1mhz coss crss tc=75 c 0.1 1.0 2 23 5 23 57 10 357 100 7 v gs =0v 100 1000 1.0 3 2 5 7 3 2 5 7 10 3 2 5 7 0.1 1.0 23 57 7 23 5 100 v dd =30v v gs =4.5v t d (off) t f t d (on) t r it16432 01 0 10 60 8 24 36 57 40 50 20 30 tc=25 c i d =5a 2 0.1 7 5 3 2 10 23 57 ciss tc= --25 c 75 c 25 c 1.0 7 5 3 2 10 100 7 5 3 2 1.0 7 5 3 2 10 7 5 3 100 7 5 3 2 10 1000 100 10000 7 5 7 5 3 2 3 2 7 5 3 2 18a v ds =10v it16433 --60 --40 --20 0 20 40 60 80 100 120 140 160 0 60 10 50 40 30 20 v gs =2.5v, i d =9a v gs =4.5v, i d =18a 9a v gs =1.8v, i d =5a
atp216 no.8985-4/7 a s o drain-to-source voltage, v ds -- v drain current, i d -- a v gs -- qg total gate charge, qg -- nc gate-to-source voltage, v gs -- v it16439 0.1 1.0 2 3 5 7 2 3 5 7 2 3 5 5 3 2 7 7 10 0.1 i dp =105a (pw 10 s) i d =35a 100 s 1ms 10ms 100ms dc operation operation in this area is limited by r ds (on). 1.0 23 57 2 10 100 357 23 7 5 10 s 100 1000 it16438 0 0 1 2 3 4 30 51015 25 20 5 v ds =30v i d =35a tc=25 c single pulse e as -- ta avalanche energy derating factor -- % ambient temperature, ta -- c p d -- tc allowable power dissipation, p d -- w case temperature, tc -- c 0 0 25 50 75 100 125 150 100 80 60 20 40 120 175 it16441 it16440 0 0 20 40 60 80 100 140 120 40 20 30 10 5 25 35 15 45 160
atp216 no.8985-5/7 taping speci cation atp216-tl-h
atp216 no.8985-6/7 outline drawing land pattern example atp216-tl-h mass (g) unit 0.266 * for reference mm unit: mm 6.5 6.7 1.6 2 2.3 2.3 1.5
atp216 no.8985-7/7 ps this catalog provides information as of june, 2012. speci cations and information herein are subject to change without notice. note on usage : since the atp216 is a mosfet product, please avoid using this device in the vicinity of highly charged objects. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of EN8985A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X