Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download DMF-50840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fpd total solution provider page 1 w ww.kyocera-display.com monochrome graphic & kyocera passive lcd products deliver remarkable readability in any ambient light enviroment condition, with exceptional performance over a wide operating temperature range. multiple led colors are available to choose from to meet your application needs. character lcds rohs compliant* all modules are built in complete compliance with the european union?s rohs (reduction of hazardous substances) directive that restricts the use of certain substances such as lead, mercury and cadmium in electronic equipment. a higher standard for stn ? wide operating temperature (-20 to +70c) standard ? high contrast ratio up to 80:1 ? high brightness up to 100 nits ? high ambient-light legibility ? built-in controllers ? selectable interface new stn stn re ectance stn contrast ratio 80:1 5:1 89% 58% new stn range of colors a wide variety of colors are available to suit every application. odv and abn these technologies achevied superior front screen performance, such as very high contrast ratio (500:1), and wide viewing angle, that is comparable to vfd (vaccum fluorescent displays).
fpd total solution provider page 2 graphic & character lcds www.kyocera-display.com technology in passive lcds odv achieves high light shielding and dramatically improved color performance comparing to tn/stn. high contrast and wide viewing angle enables sophisticated design for varieties of application. ? improvement of light shielding on back- ground and achromatic enables to pure black background. ? high contrast from every direction ? minimum color shift from low temp to high temp, achieved the high performance. applications audio, automotive, measurement, electric appliance, meters, pos. odv(omni-directional view) high contrast lcd with black background and high visibility from any direction. odv and abn acheive superior front screen performance that is comparable to vfd, but have advantage of low power consumption and high resolution. features: part # c-55605gnfu-lw-adn dot size (mm) 0.59 (w) x 1.15 (h) font size (mm) 1 character = 7 x 9 dots, 4.43 (w) x 10.75 (h) active area (mm) 10.76 (w) x 26.5 (h) outline dimention (mm) 131.8 (w) x 48.8 (h) x 8.3 (d) interface 8-bit 68- 80- system parallel interface 20 x 2 character module high contrast lcd with black background and high visibility from any direction.
fpd total solution provider page 3 graphic & character lcds www.kyocera-display.com abn (advanced black nematic) abn as kyocera new development lcd mode achieves light shielding and achromatic color compared to tn/stn. very high contrast from perpendicular and it enables highest performance in visibility. pursued black background. extremely high contrast type lcd. ? improvement of light shielding on background and achromatic enables to pure black background. ? high contrast from perpendicular. ? minimum color shift from low temp to high temp, achieved the high per- formance. audio, automotive, measurement, electric appliance, meters, pos, etc. started from segment type odv, abn. in order to meet mareket needs, kyocera has been seveloping higher resolution and higher performance lcd. features: example of applications development: seven segment lcd character lcd graphic lcd
fpd total solution provider page 4 graphic & character lcds www.kyocera-display.com part # size color background dot format brightness (nits) dimension (mm) temperature (c) interface mg780 2.4? 120 x 32 25-60 78.0 x 33.2 x 8.5 0 to 70 8- bit parallel f-51320 2.8? 128 x 64 60-100 89.7 x 49.8 x 11.8 0 to 50 parallel f-55472 2.8? 128 x 64 60 -200 89.7 x 49.8 x 6 0 to 70 8-bit parallel or serial f-51854 4.7 160 x 128 40 129.0 x 102.0 x 13.5 -20 to 70 8-bit parallel dmf-5001 4.7? 160 x 128 40 129.0 x 102.0 x 12.8 0 to 50 8-bit parallel f-51477 4.7? 320 x 240 150* 116.4 x 94.0 x 6.0 0 to 50 4-bit parallel f-55471 5.2? 240 x 64 60 -100 135.2 x 51.7 x 9.8 -20 to 70 8-bit parallel f-51405 5.2? 240 x 64 50 - 200 135.2 x 51.7 x 9.8 -20 to 70 8-bit parallel f-55157 5.7? 320 x 240 150 143.3 x 109.0 x 11.0 0 to 60 4-bit paralle DMF-50840 5.7? 320 x 240 50-60 167.1 x 109.0 x 11.0 0 to 60 4- bit paralle part # format size color module dimension (mm) interface c-51848 16 x 2 4.0? 122.0 x 44.0 x 14.6 8-bit parallel dmc-16202 16 x 2 2.5? 84.0 x 45.0 x 15.1 8- bit parallel c-51505 20 x 2 3.3? 116. 0 x 37. 0 x 15.7 8-bit parallel dmc-20261 20 x 2 3.3? 116.0 x 37.0 x 15.7 8-bit parallel c-51847 20 x 4 3.0? 98.5 x 61.0 x 15.6 8-bit parallel c-51850 40 x 2 6.0? 182.0 x 34.5 x 15.1 8-bit parallel c-51849 40 x 4 5.9? 190.0 x 54.0 x 14.6 8-bit parallel graphic lcds character lcds kyocera display america, inc. 46723 five mile road plymouth, michigan 48170 telephone: (734) 416-8500 fax: (734) 416-8520 these speci cations are subject to change without notice. please check with kyocera display america prior to designing equipment using thi s released sept 2011| copyright ? 1998-2012 kyocera display america, inc. * rohs compliance is based upon kyocera display america?s understanding of rohs and kyocera america?s knowledge of the material s used by the manufacturer in its products. all trademarks are the property of their respective owners. pc phone setup le file graph phone phone w g w g b w g w g w g b b b b b pc graph b f-55472 c-51847 c-51505 detailed product information phone setup setup phone le file f-55471 pp clock phone phone le file le file www.kyocera-display.com/products phone *? brightness is measured at the backlight surface pc phone le file


▲Up To Search▲   

 
Price & Availability of DMF-50840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X