Part Number Hot Search : 
MR700 74HC238 IRL3705 SD2333 LC75834W IRF730AL M3004L STK4873
Product Description
Full Text Search
 

To Download DI101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  di100 thru DI1010 features rating to 1000v prv ideal for printed circuit board reliable low cost construction utilizing molded plastic technique the plastic material has ul flammability classification 94v-0 in compliance with eu rohs 2002/95/ec directives mechanical data polarity : as marked on body weight : 0.02 ounces, 0.4 grams mounting position : any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% dip glass passivated bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 1.0 amperes compact technology parameter symbol di 100 di 101 di 102 di 104 di 106 di 108 di 1010 unit maximum recurrent peak reverse voltage vrrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage vrms 35 70 140 280 420 560 700 v maximum dc blocking voltage vdc 50 100 200 400 600 800 1000 v maximum average forward rectified current @ta=40j i f a i 2 t rating for fuisng (t< 8.3ms)i 2 ta 2 sec peak forward surge current, single sine-wave superim posed on rated load (jedec method) i fsm a maximum instantaneous forward voltage drop per element at 1.0a dc v f v maximum dc reverse current @t a =25j at rated dc blocking voltage @t a =100j i r ua typical junction capacitance per leg(note1 ) c j pf typical thermal resistance per leg (note2) r cja r cjc j/w operating & storagetemperature range t j &t stg j 40 15 -55 to +150 25 note2. thermal resistance from junction to ambient and from junction to lead mounted on p.c.b with 0.5x0.5" (13x13mm) copper pads. note1. measured at 1.0mhz and applied reverse voltage of 4.0 volts 30 1.1 5.0 500 1.0 3.735 1 of 2 di100s thru DI1010s a c d e f g h b i j all dimensions in millimeter dip dim. min. max. a c d e f g h b j i 8.05 6.20 7.24 2.20 5.00 3.81 4.69 .46 1.27 0.22 8.51 6.50 7.60 8.90 8.00 2.50 5.20 2.03 0.3 .56
fig.1deratingcurveforoutputrectifiedcurrent fig.2typicalinstantaneousforwardcharacteristics fig.3typicalpeakreversecharacteristics fig.4maximumnon-repetitivepeakforward surgecurrent ambient temperature , c o percent of peak reverse voltage no. of cycles at 60hz instantaneous forward voltage, volts 0 0 1 2 3 150 100 50 bridge output full wave rectified current averes amperes instantaneous forward current, amperes instantaneous reverse current, ua forward surge current,amperes pk (half sine-wave) 0 .01 .1 1.0 1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 1.0 0.1 0.01 0204060 80 100 120 140 t =25 c a o t =100 c a o 100 60 40 20 10 5 2 1 di100 thru DI1010 compact technology 2 of 2 di100 thru DI1010 single half-sine-wave (jedec method) 1 5 10 50 100 2 20 0 10 30 20 single half-sine-wave (jedec method)


▲Up To Search▲   

 
Price & Availability of DI101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X