Part Number Hot Search : 
FAN5612 A103J UR14500P PS5100 SB8150CT C3303 S1500 NCCW023T
Product Description
Full Text Search
 

To Download CG101205DQF7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features/benefits ? bevelled frame ? illuminated versions available ? easy panel mount installation cg series single pole power rocker switches build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages gC7 through gC9. for additional options not shown in catalog, consult customer service center. specifications cont act rating: ul/csa: 16 amps @ 125 vac, 10 amps @ 250 vac. vde t85: 10 amps @ 250 vac, 6 amps @ 250 vac. electrical life: 10,000 make and break cycles at full load. insulation resistance: 10 8 min. dielectric strength : 1,500 vrms @ sea level. opera ting temperature: -20o to +85? materials housing and actuator: 6/6 nylon (ul94v-2), black, matte finish. illuminated actuator: polycarbonate, matte finish. center cont acts: silver plated, copper alloy. end contacts: silver plated. all terminals: silver plated, copper alloy. note : specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. typical applications ? computers and peripherals ? small appliances ? instrument panels ? industrial controls ? rohs compliant lamp rating (none) no lamp 7 125 vac neon 8 250 vac neon actuator marking (none) no marking d on-off h l? -nternational on-off p --nternational on-off actuator j1 rocker j2 ** two-tone rocker j3 illuminated rocker termination 05 .250quick connect 07 solder lug switch function cg101 spdt on-none-on cg102 spst on-none-off cg103 spdt on-off-on cg105 spdt mom-of f-mom cg12 * spst on-none-off actuator color 2 black 1 white 3 red r red, illuminated a amber, illuminated g green, illuminated contact rating qf silver mounting style/color s2 snap-in, black s1 snap-in, white * cg12 for switches with both marking and illumination ** j2 refer to table on page gC8 for actuator options gC 86 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com g rocker
switch function cg series single pole power rocker switches actuator j1 rocker j3 illuminated rocker j2 two-tone rocker note: j3 actuator available with cg102 switch function only. note: a vailable with cg102 switch function only . switch function connected terminals c&k marking on opposite side pos. 1 pos. 2 pos. 3 pos. 1 pos. 2 pos. 3 c&k marking on opposite side no. poles model no. schema tic sp on on on off cg101 cg102 1-2 1-2 1-2 1-2 2-3 2-3 2-3 1-2 or fo r il l u mi n at ed v er s ion on on cg103 none none off n/a open open n/a open open mom mom cg105 off on off cg12 * none * cg12 - for switches with both marking and illumination shown in pos. 1 g rocker gC 87 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com
actuator color cg series single pole power rocker switches mounting style/color s2 snap-in, black s1 snap-in, white panel mounting p anel thickness 0.030-0.049 (0,75-1,25) 1.087-.004 (27,6-0,1) 0.543+.004 (13,8+0,1) 0.049-0.079 (1,25-2,0) 1.094-.004 (27,8-0,1) 0.543+.004 (13,8+0,1) 0.079-0.118 (2,0-3,0) 1.102-.004 (28,0-0,1) 0.543+.004 (13,8+0,1) option actuator code color 2 black 1 white 3 red r red, illuminated a amber, illumina ted g green, illuminated termination 05 .250quick connect option actuator code color top bottom 1 white red 2 white black 3 red white 4 black whte 5 black red j2 actuator only 07 solder lug shown in pos. 1 shown in pos. 1 j1 j3 actuator gC 88 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com g rocker
actuator marking none no marking d on-off h o l p o - note: orientation of actuator marking and terminals. cg series single pole power rocker switches contact material lamp rating 7 125 vac 33k neon 8 250 vac 150k neon note: lamp rating for j3 actuator option. (none) no lamp * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications. 16 amps @ 125 vac; 10 amps @ 250 vac (ul/csa) 10 amps @ 250 vac (vde) t85. ra tings contact and terminal material sil ver power option code qf shown in pos. 1 g rocker gC 89 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com


▲Up To Search▲   

 
Price & Availability of CG101205DQF7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X