Part Number Hot Search : 
D1861A TAC97 AS1348 BAS221 UP9508 BU150 FRS3W 74271222
Product Description
Full Text Search
 

To Download CEV65M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11/07 revision 00 cev65-pn-1-gb-2-00.doc 5.a - 1 subject to change ? tr-electronic gmbh cev65-pn-1-gb-2 eglishalde 6 d-78647 trossingen tel. +49 - (0) 74 25 / 228 - 0 fax +49 - (0) 74 25 / 228 - 33 http://www.tr-electronic.de germany 5.a absolute-encoder cev 65 s/m - pn characteristics i ? profinet io interface ? type with solid shaft ? modular product line ? extensive parameter setting possibilities ? special parameters upon request ? further interfaces available ? modular construction for mechanical customizations supply voltage........................................................................11?27 vdc current consumption without load .........................................< 350 ma total resolution 1) ....................................................................multi-turn: 25 bit, single-turn: 13 bit number of steps/revolution 1) ................................................. 8.192 number of revolutions 1) .........................................................multi-turn: 4.096, single-turn: 1 profinet io ? device ...............................................................iec 61158, iec 61784-1 - physical layer ...............................................................profinet 100base-tx, fast ethernet, iso/iec 8802 -3 - output code ...................................................................binary - cycle time 1) ................................................................... 1 ms (irt / rt) - transmission rate ..........................................................10 mbit/s, 100 mbit/s - transmission .................................................................cat-5 cable, shielded (stp), iso/iec 11801 - addressing 1) ..................................................................per name (name allocation about engineering tool). assignment name --> mac during system boot - real-time-classes 1) .....................................................rt class 1 frames (rt), rt class 3 frames (irt) - parameter 1) ...................................................................switch-over count direction, scaling function, preset adjust ment mechanically per missible speed ............................................ 6.000 min -1 shaft load, at the shaft end .................................................... 40 n axial, 60 n radial bearing life time ..................................................................... 3.9 * 10 10 revolutions at - speed ............................................................................ 3.000 min -1 - operating temperature .................................................. 60 c - shaft load, at the shaft end............................................ 20 n axial, 30 n radial permissible angular acceleration ........................................... 10 4 rad/s 2 moment of inertia ...................................................................typically 2.5 * 10 -6 kg m 2 start-up torque at 20c ..........................................................typically 2 ncm mass.......................................................................................typically 0.7 kg 1) programmable parameter
5.a - 2 cev65-pn-1-gb-2-00.doc 11/07 revision 00 cev65-pn-1-gb-2 ? tr-electronic gmbh subject to change eglishalde 6 d-78647 trossingen tel. +49 - (0) 74 25 / 228 - 0 fax +49 - (0) 74 25 / 228 - 33 http://www.tr-electronic.de germany vibration, din en 60068-2-6: 1996....................................... 100 m/s 2 , sine 50-2000 hz shock, din en 60068-2-27: 1995 ......................................... 1000 m/s 2 , half-sine 11ms emc - discharge of static electricity, din en 61000-4-2: 2001 - burst, din en 61000-4-4: 2004 - immunity to disturbance, din en 61000-6-2: 2001 working temperature ............................................................. 0 c?+60 c, optional -20 c?+70 c storage temperature.............................................................. -30 c?+80 c, dry relative humidity, din en 60068-3-4: 2002 ......................... 98 %, non condensing protection class, din en 60529: 1991 2) ............................... ip 65 2) valid with screwed on mating connector and / or screwed together cable gland absolute-encoder cev 65 s/m - pn environmental conditions dimension drawing


▲Up To Search▲   

 
Price & Availability of CEV65M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X