Part Number Hot Search : 
Z27VC ATA68 FDN361 Z27VC COM4215A MMBT1815 CT6A06 GA328P
Product Description
Full Text Search
 

To Download BD63801EFV10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/4 rev. a structure silicon monolithic integrated circuits product series bipolar stepping motor driver type bd63801efv function ? pwm constant current controllable two h bridge driver ? built-in translator circuit for clk-in control ? full, half step absolute maximu m ratings(ta=25 ) item symbol limit unit supply voltage v cc,1,2 -0.2 +36.0 v power dissipation pd 1.1 1 w 4.0 2 w input voltage for control pin v in -0.2 +5.5 v rnf maximum voltage v rnf 0.5 v maximum output current i out 0.8 3 a/phase operating temperature range t opr -25 +85 storage temperature range t stg -55 +150 junction temperature t jmax +150 1 70mm 70mm 1.6mm glass epoxy board. derating in done at 8.8mw/ for operating above ta=25 . 2 4-layer recommended board. derating in done at 32.0mw/ for operating above ta=25 . 3 do not, however exceed pd, aso and tjmax=150 . recommended operating conditions (ta=-25 +85 ) item symbol min. typ. max. unit supply voltage v cc,1,2 19 24 28 v output current i out - 0.3 0.5 4 a/phase 4 do not, however exceed pd, aso. this product isn?t designed for protection against radioactive rays.
2/4 rev. a electrical characteristics (unless otherwise specified ta=25 , vcc1,2=24v) item symbol limit unit conditions min. typ. max. whole circuit current at standby i ccst - 0.6 2.0 ma ps=l circuit current i cc - 2.7 7.0 ma ps=h, vrefx=0.4v control input (in1a, in1b, in2a, in2b, ps) h level input voltage v inh 2.0 - - v l level input voltage v inl - - 0.8 v h level input current i inh - 33 55 a v in =3.3v output (out1a, out1b, out2a, out2b) output on resistance r on - 2.8 3.6 i out =0.3a, sum of upper and lower output leak current i leak - - 10 a current control rnfx input current i rnf -40 -20 - a rnfx=0v vrefx input current i vref -2.0 -0.1 - a vrefx=0v vrefx input voltage range v ref 0 - 0.4 v comparator offset v cof -20 0 20 mv vrefx=0.4v minimum on time t onmin 0.3 0.7 1.2 s r=39k ,c=1000pf
3/4 rev. a package outline block diagram pin no. / pin name pin no. pin name pin no. pin name 1 pgnd 13 clk 2 en 14 pgnd 3 vref2 15 vcc1 4 cr2 16 out1a 5 nc 17 rnf1 6 test 18 out1b 7 gnd 19 out2b 8 ps 20 rnf2 9 cr1 21 out2a 10 vref1 22 vcc2 11 mode 23 nc 12 nc 24 fr nc : non connection fr cl k 24 13 vref1 10 en mode 2 11 7 gnd 14 pgnd tsd ovlo uvlo 6test regulator reset 1 pgnd 8ps predriver current limit comp. 15 vcc1 18 out1b one shot 16 out1a 17 rnf1 logic 9 cr1 ocp predriver current limit comp. 22 vcc2 19 out2b one shot 21 out2a 20 rnf2 logic 4 cr2 ocp trigger trans- lator vref2 3 bd63801 lot no. product no. htssop-b24 (unit: mm)
4/4 rev. a operation notes (1) absolute maximum ratings an excess in the absolute maximum ratings, such as supply voltage, temper ature range of operating conditions, etc., can break down the devices, thus ma king impossible to identify breaking mode, such as a short circuit or an open circuit. if any over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection devices, such as fuses. (2) power supply lines as return of current regenerated by back emf of mo tor happens, take steps such as putting capacitor between power supply and gnd as an electric pathway for the regenerated current. be sure that there is no problem with each property such as emptied capacity at lower temperature regarding electrolytic capacitor to decide capacity value. if the connected power supply does not have sufficient current absorption capacity, regenerative current will cause the voltage on the power supply line to rise, which combined with the product and its peripheral circuitry may exceed the absolute maximum ratings. it is recommended to implement a physical safety measure such as the in sertion of a voltage clamp diode between the power supply and gnd pins. (3) gnd potential the potential of gnd pin must be minimu m potential in all operating conditions. (4) metal on the backside (define the side wh ere product markings are printed as front) the metal on the backside is shorted wi th the backside of ic chip therefor e it should be c onnected to gnd. be aware that there is a possibility of malfunction or destruction if it is shorted with any potential other than gnd. (5) thermal design use a thermal design that allows for a sufficient margin in light of the power dissipation (pd) in actual operating conditions. this ic exposes its frame of the backside of package. note that this part is assumed to use after providing heat dissipation treatment to improve heat dissipation efficiency. try to occupy as wide as possible with heat dissipation pattern not only on the board surface but also the backside. (6) actions in strong electromagnetic field use caution when using the ic in t he presence of a strong electromagnet ic field as doing so may cause the ic to malfunction. (7) aso when using the ic, set the output transistor so that it does not exceed absolute maximum ratings or aso. (8) thermal shutdown circuit the ic has a built-in thermal shutdown circuit (tsd circuit). if the chip temperature becomes tjmax=150 , and higher, coil output to the motor will be open. the tsd circuit is designed only to shut the ic off to prevent runaway thermal operation. it is not designed to protect or indemnify peripheral equipment. do not use the tsd function to protect peripheral equipment. (9) ground wiring pattern when using both small signal and large current gnd pa tterns, it is recommended to isolate the two ground patterns, placing a single ground poi nt at the ground potent ial of application so that the pattern wiring resistance and voltage variations caused by large currents do not cause variations in the small signal ground voltage. be careful not to change the gnd wiring pattern of any external components, either. (10) mounting errors and inter-pin short when attaching to a printed circuit board, pay atte ntion to the direction of the ic and displacement. improper attachment may lead to destruction of the ic. there is also possibility of destruction from short- circuits which can be caused by foreign matter entering between pins. (11) test pin be sure to connect test pin to gnd.
r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BD63801EFV10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X