Part Number Hot Search : 
DF150 1N5822 TODV640 CM100 CP3CN23 AB115 CP3CN23 SC112
Product Description
Full Text Search
 

To Download B32653A6564 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors metallized polypropylene film capacitors (mkp) series/type: b32651 ... b32656 date: october 2011 ? epcos ag 2011. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
typical applications electronic ballasts switch-mode power supplies climatic max. operating temperature: 110 c climatic category (iec 60068-1): 55/100/56 construction dielectric: polypropylene (pp) wound capacitor technology with internal series connection for v r 3 1250 v dc plastic case (ul 94 v-0) epoxy resin sealing features high pulse strength high contact reliability terminals parallel wire leads, lead-free tinned special lead lengths available on request marking manufacturer's logo, lot number ( 27.5 mm), series number (e.g. 651), rated capacitance (coded), cap. tolerance (code letter), rated dc voltage (ac voltage for 1600 v dc/700 v ac and 2000 v dc/1000 v ac), date of manufacture (coded) delivery mode bulk (untaped) taped (ammo pack or reel) for notes on taping, refer to chapter "taping and packing?. dimensional drawing dimensions in mm lead spacing 0.4 lead diameter d 1 type 10 0.6 b32651 15 0.8 b32652 22.5 0.8 b32653 27.5 0.8 b32654 37.5 1.0 b32656 metallized polypropylene film capacitors (mkp) b32651 ... b32656 high pulse (wound) page 2 of 39 please read cautions and warnings and important notes at the end of this document.
overview of available types lead spacing 10 mm type b32651 page 8 v r (v dc) 1250 v rms (v ac) 450 c r (nf) 2.2 3.3 4.7 6.8 b32651 ... b32656 high pulse (wound) page 3 of 39 please read cautions and warnings and important notes at the end of this document.
overview of available types lead spacing 15 mm type b32652 page 9 v r (v dc) 250 400 630 1000 1250 1600 1600 2000 v rms (v ac) 160 200 250 250 500 500 700 700 c r (nf) 1.0 1.5 2.2 3.3 4.7 5.6 6.8 10 12 15 22 33 47 56 68 100 120 150 220 330 390 470 560 680 820 1000 b32651 ... b32656 high pulse (wound) page 4 of 39 please read cautions and warnings and important notes at the end of this document.
overview of available types lead spacing 22.5 mm type b32653 page 12 v r (v dc) 250 400 630 1000 1250 1600 2000 2000 v rms (v ac) 160 200 250 250 500 500 700 1000 c r (nf) 2.2 3.3 4.7 6.8 10 12 15 22 33 47 56 68 82 100 120 150 220 330 470 560 680 1000 1200 1500 2200 3300 b32651 ... b32656 high pulse (wound) page 5 of 39 please read cautions and warnings and important notes at the end of this document.
overview of available types lead spacing 27.5 mm type b32654 page 15 v r (v dc) 250 400 630 1000 1250 1600 2000 v rms (v ac) 160 200 250 250 500 500 700 c r (nf) 22 33 47 68 82 100 150 220 330 470 560 680 820 1000 1200 1500 2200 2700 3300 4700 5600 6800 8200 b32651 ... b32656 high pulse (wound) page 6 of 39 please read cautions and warnings and important notes at the end of this document.
overview of available types lead spacing 37.5 mm type b32656 page 17 v r (v dc) 850 1000 1250 1600 2000 v rms (v ac) 450 500 500 600 700 c r (nf) 100 120 150 220 270 330 390 470 560 680 820 1000 1200 1500 2200 b32651 ... b32656 high pulse (wound) page 7 of 39 please read cautions and warnings and important notes at the end of this document.
1) for pulse loads (pulse width 1000 m s), a peak voltage of 1400 v p can be permitted. ordering codes and packing units (lead spacing 10 mm) v r v dc 1) v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./moq untaped pcs./moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 000 = untaped (lead length 6  1 mm) 1250 450 2.2 4.0 9.0 13.0 b32651a7222+*** 4000 6800 4000 3.3 5.0 11.0 13.0 b32651a7332+*** 3320 5200 4000 4.7 5.0 11.0 13.0 b32651a7472+*** 3320 5200 4000 6.8 6.0 12.0 13.0 b32651a7682+*** 2720 4400 4000 b32651 high pulse (wound) page 8 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 15 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 000 = untaped (lead length 6  1 mm) 250 160 150 5.0 10.5 18.0 b32652a3154+*** 4680 5200 4000 220 6.0 11.0 18.0 b32652a3224+*** 3840 4400 4000 330 7.0 12.5 18.0 b32652a3334+*** 3320 3600 1000 470 8.5 14.5 18.0 b32652a3474+*** 2720 2800 2000 680 9.0 17.5 18.0 b32652a3684+*** 2560 2800 2000 820 11.0 18.5 18.0 b32652a3824+***  2200 1000 1000 11.0 18.5 18.0 b32652a3105+***  2200 1000 400 200 68 5.0 10.5 18.0 b32652a4683+*** 4680 5200 4000 100 5.0 10.5 18.0 b32652a4104+*** 4680 5200 4000 150 6.0 11.0 18.0 b32652a4154+*** 3840 4400 4000 220 7.0 12.5 18.0 b32652a4224+*** 3320 3600 4000 330 8.5 14.5 18.0 b32652a4334+*** 2720 2800 2000 470 9.0 17.5 18.0 b32652a4474+*** 2560 2800 2000 560 11.0 18.5 18.0 b32652a4564+***  2200 1000 680 11.0 18.5 18.0 b32652a4684+***  2200 1000 630 250 33 5.0 10.5 18.0 b32652a6333+*** 4680 5200 4000 47 5.0 10.5 18.0 b32652a6473+*** 4680 2800 4000 68 6.0 11.0 18.0 b32652a6683+*** 3840 4400 4000 100 7.0 12.5 18.0 b32652a6104+*** 3320 3600 4000 150 8.5 14.5 18.0 b32652a6154+*** 2720 2800 2000 220 9.0 17.5 18.0 b32652a6224+*** 2560 2800 2000 330 11.0 18.5 18.0 b32652a6334+***  2200 1000 390 11.0 18.5 18.0 b32652a6394+***  2200 1000 b32652 high pulse (wound) page 9 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 15 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 000 = untaped (lead length 6  1 mm) 1000 250 10 5.0 10.5 18.0 b32652a0103+*** 4680 5200 4000 15 5.0 10.5 18.0 b32652a0153+*** 4680 5200 4000 22 5.0 10.5 18.0 b32652a0223+*** 4680 5200 4000 33 6.0 11.0 18.0 b32652a0333+*** 3840 4400 4000 47 7.0 12.5 18.0 b32652a0473+*** 3320 3600 4000 68 8.5 14.5 18.0 b32652a0683+*** 2720 2800 2000 100 9.0 17.5 18.0 b32652a0104+*** 2560 2800 2000 120 11.0 18.5 18.0 b32652a0124+***  2200 1000 150 11.0 18.5 18.0 b32652a0154+***  2200 1000 1250 500 6.8 5.0 10.5 18.0 b32652a7682+*** 4680 5200 4000 10 6.0 11.0 18.0 b32652a7103+*** 3840 4400 4000 15 7.0 12.5 18.0 b32652a7153+*** 3320 3600 4000 22 8.5 14.5 18.0 b32652a7223+*** 2720 2800 2000 33 9.0 17.5 18.0 b32652a7333+*** 2560 2800 2000 47 11.0 18.5 18.0 b32652a7473+***  2200 1000 56 11.0 18.5 18.0 b32652a7563+***  2200 1000 1600 500 3.3 5.0 10.5 18.0 b32652a1332+*** 4680 5200 4000 4.7 6.0 11.0 18.0 b32652a1472+*** 3840 4400 4000 6.8 7.0 12.5 18.0 b32652a1682+*** 3320 3600 4000 10 8.5 14.5 18.0 b32652a1103+*** 2720 2800 2000 15 9.0 17.5 18.0 b32652a1153+*** 2560 2800 2000 22 11.0 18.5 18.0 b32652a1223+***  2200 1000 1600 700 2.2 5.0 10.5 18.0 b32652j1222+*** 4680 5200 4000 3.3 6.0 11.0 18.0 b32652j1332+*** 3840 4400 4000 4.7 7.0 12.5 18.0 b32652j1472+*** 3320 3600 4000 6.8 8.5 14.5 18.0 b32652j1682+*** 2720 2800 2000 10 9.0 17.5 18.0 b32652j1103+*** 2560 2800 2000 12 9.0 17.5 18.0 b32652j1123+*** 2560 2800 2000 15 11.0 18.5 18.0 b32652j1153+***  2200 1000 b32652 high pulse (wound) page 10 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 15 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 000 = untaped (lead length 6  1 mm) 2000 700 1.0 5.0 10.5 18.0 b32652a2102+*** 4680 5200 4000 1.5 6.0 11.0 18.0 b32652a2152+*** 3840 4400 4000 2.2 7.0 12.5 18.0 b32652a2222+*** 3320 3600 4000 3.3 8.5 14.5 18.0 b32652a2332+*** 2720 2800 2000 4.7 9.0 17.5 18.0 b32652a2472+*** 2560 2800 2000 5.6 9.0 17.5 18.0 b32652a2562+***  2200 1000 6.8 11.0 18.5 18.0 b32652a2682+***  2200 1000 b32652 high pulse (wound) page 11 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 22.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 000 = untaped (lead length 6  1 mm) 250 160 220 6.0 15.0 26.5 b32653a3224+*** 2720 2800 2880 330 6.0 15.0 26.5 b32653a3334+*** 2720 2800 2880 470 7.0 16.0 26.5 b32653a3474+*** 2320 2400 2520 680 8.5 16.5 26.5 b32653a3684+*** 1920 2000 2040 1000 10.5 16.5 26.5 b32653a3105+*** 1560 1600 2160 1200 10.5 18.5 26.5 b32653a3125+*** 1560 1600 2160 1500 11.0 20.5 26.5 b32653a3155+*** 1480 1400 2040 2200 14.5 29.5 26.5 b32653a3225+000   1040 3300 14.5 29.5 26.5 b32653a3335+000   1040 400 200 150 6.0 15.0 26.5 b32653a4154+*** 2720 2800 2880 220 6.0 15.0 26.5 b32653a4224+*** 2720 2800 2880 330 7.0 16.0 26.5 b32653a4334+*** 2320 2400 2520 470 8.5 16.5 26.5 b32653a4474+*** 1920 2000 2040 680 10.5 16.5 26.5 b32653a4684+*** 1560 1600 2160 1000 11.0 20.5 26.5 b32653a4105+*** 1480 1400 2040 1200 12.0 22.0 26.5 b32653a4125+000   1800 1500 14.5 29.5 26.5 b32653a4155+000   1040 2200 14.5 29.5 26.5 b32653a4225+000   1040 630 250 100 6.0 15.0 26.5 b32653a6104+*** 2720 2800 2880 150 6.0 15.0 26.5 b32653a6154+*** 2720 2800 2880 220 8.5 16.5 26.5 b32653a6224+*** 1920 2000 2040 330 10.5 16.5 26.5 b32653a6334+*** 1560 1600 2160 470 11.0 20.5 26.5 b32653a6474+*** 1480 1400 2040 560 11.0 20.5 26.5 B32653A6564+*** 1480 1400 2040 680 14.5 29.5 26.5 b32653a6684+000   1040 1000 14.5 29.5 26.5 b32653a6105+000   1040 1200 14.5 29.5 26.5 b32653a6125+000   1040 b32653 high pulse (wound) page 12 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 22.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 000 = untaped (lead length 6  1 mm) 1000 250 33 6.0 15.0 26.5 b32653a0333+*** 2720 2800 2880 47 6.0 15.0 26.5 b32653a0473+*** 2720 2800 2880 68 6.0 15.0 26.5 b32653a0683+*** 2720 2800 2880 100 8.5 16.5 26.5 b32653a0104+*** 1920 2000 2040 150 10.5 16.5 26.5 b32653a0154+*** 1560 1600 2160 220 11.0 20.5 26.5 b32653a0224+*** 1480 1400 2040 330 14.5 29.5 26.5 b32653a0334+000   2160 470 14.5 29.5 26.5 b32653a0474+000   2160 560 14.5 29.5 26.5 b32653a0564+000   2160 1250 500 22 6.0 15.0 26.5 b32653a7223+*** 2720 2800 2880 33 6.0 15.0 26.5 b32653a7333+*** 2720 2800 2880 47 8.5 16.5 26.5 b32653a7473+*** 1920 2000 2040 68 10.5 16.5 26.5 b32653a7683+*** 1560 1600 2160 100 11.0 20.5 26.5 b32653a7104+*** 1480 1400 2040 120 12.0 22.0 26.5 b32653a7124+000   1800 150 14.5 29.5 26.5 b32653a7154+000   1040 220 14.5 29.5 26.5 b32653a7224+000   1040 1600 500 6.8 6.0 15.0 26.5 b32653a1682+*** 2720 2800 2880 10 6.0 15.0 26.5 b32653a1103+*** 2720 2800 2880 15 7.0 16.0 26.5 b32653a1153+*** 2320 2400 2520 22 8.5 16.5 26.5 b32653a1223+*** 1920 2000 2040 33 10.5 16.5 26.5 b32653a1333+*** 1560 1600 2160 47 11.0 20.5 26.5 b32653a1473+*** 1480 1400 2040 56 12.0 22.0 26.5 b32653a1563+000   1800 68 14.5 29.5 26.5 b32653a1683+000   1040 82 14.5 29.5 26.5 b32653a1823+000   1040 100 14.5 29.5 26.5 b32653a1104+000   1040 b32653 high pulse (wound) page 13 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 22.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 000 = untaped (lead length 6  1 mm) 2000 700 3.3 6.0 15.0 26.5 b32653a2332+*** 2720 2800 2880 4.7 6.0 15.0 26.5 b32653a2472+*** 2720 2800 2880 6.8 8.5 16.5 26.5 b32653a2682+*** 1920 2000 2040 10 10.5 16.5 26.5 b32653a2103+*** 1560 1600 2160 15 11.0 20.5 26.5 b32653a2153+*** 1480 1400 2040 22 14.5 29.5 26.5 b32653a2223+000   2160 33 14.5 29.5 26.5 b32653a2333+000   2160 2000 1000 2.2 6.0 15.0 26.5 b32653a8222+*** 2720 2800 2880 3.3 6.0 15.0 26.5 b32653a8332+*** 2720 2800 2880 4.7 8.5 16.5 26.5 b32653a8472+*** 1920 2000 2040 6.8 10.5 16.5 26.5 b32653a8682+*** 1560 1600 2160 10 10.5 20.5 26.5 b32653a8103+*** 1560 1600 2160 12 12.0 22.0 26.5 b32653a8123+000   1800 15 14.5 29.5 26.5 b32653a8153+000   2160 22 14.5 29.5 26.5 b32653a8223+000   2160 b32653 high pulse (wound) page 14 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 27.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 189 = reel 000 = untaped (lead length 6  1 mm) 250 160 1500 11.0 21.0 31.5 b32654a3155+***  1400 1280 2200 12.5 21.5 31.5 b32654a3225+***  1200 1120 3300 15.0 24.5 31.5 b32654a3335+000   960 4700 18.0 27.5 31.5 b32654a3475+000   800 5600 19.0 30.0 31.5 b32654a3565+000   720 6800 22.0 36.5 31.5 b32654a3685+000   640 8200 22.0 36.5 31.5 b32654a3825+000   640 400 200 1000 11.0 21.0 31.5 b32654a4105+***  1400 1280 1500 12.5 21.5 31.5 b32654a4155+***  1200 1120 2200 14.0 24.5 31.5 b32654a4225+***  1040 1040 3300 19.0 30.0 31.5 b32654a4335+000   720 4700 22.0 36.5 31.5 b32654a4475+000   640 5600 22.0 36.5 31.5 b32654a4565+000   640 630 250 680 11.0 21.0 31.5 b32654a6684+***  1400 1280 1000 13.5 23.0 31.5 b32654a6105+***  1000 1040 1500 18.0 27.5 31.5 b32654a6155+000   800 2200 18.0 33.0 31.5 b32654a6225+000   800 2700 22.0 36.5 31.5 b32654a6275+000   640 3300 22.0 36.5 31.5 b32654a6335k000   640 1000 250 220 11.0 21.0 31.5 b32654a0224+***  1400 1280 330 11.0 21.0 31.5 b32654a0334+***  1400 1280 470 14.0 24.5 31.5 b32654a0474+***  1040 1040 680 18.0 27.5 31.5 b32654a0684+000   800 820 19.0 30.0 31.5 b32654a0824+000   720 1000 21.0 31.0 31.5 b32654a0105+000   720 1200 22.0 36.5 31.5 b32654a0125+000   640 1500 22.0 36.5 31.5 b32654a0155k000   640 b32654 high pulse (wound) page 15 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 27.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 189 = reel 000 = untaped (lead length 6  1 mm) 1250 500 100 11.0 21.0 31.5 b32654a7104+***  1400 1280 150 11.0 21.0 31.5 b32654a7154+***  1400 1280 220 14.0 24.5 31.5 b32654a7224+***  1040 1040 330 18.0 27.5 31.5 b32654a7334+000   800 470 21.0 31.0 31.5 b32654a7474+000   720 560 22.0 36.5 31.5 b32654a7564+000   640 680 22.0 36.5 31.5 b32654a7684+000   640 1600 500 47 11.0 21.0 31.5 b32654a1473+***  1400 1280 68 11.0 21.0 31.5 b32654a1683+***  1400 1280 100 14.0 24.5 31.5 b32654a1104+***  1040 1040 150 18.0 27.5 31.5 b32654a1154+000   800 220 21.0 31.0 31.5 b32654a1224+000   784 2000 700 22 11.0 21.0 31.5 b32654a2223+***  1400 1280 33 13.5 23.0 31.5 b32654a2333+***  1000 1040 47 18.0 27.5 31.5 b32654a2473+000   800 68 19.0 30.0 31.5 b32654a2683+000   720 82 22.0 36.5 31.5 b32654a2823+000   640 100 22.0 36.5 31.5 b32654a2104+000   640 b32654 high pulse (wound) page 16 of 39 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 37.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) untaped pcs./moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 000 = untaped (lead length 6  1 mm) 850 450 220 12.0 22.0 42.0 b32656a8224+000 1620 330 12.0 22.0 42.0 b32656a8334+000 1620 470 12.0 22.0 42.0 b32656a8474+000 1620 680 16.0 28.5 42.0 b32656a8684+000 800 680 24.0 15.0 41.5 b32656t8684+000 1040 820 24.0 19.0 41.5 b32656t8824+000 780 1000 18.0 32.5 42.0 b32656a8105+000 720 1000 500 470 14.0 25.0 42.0 b32656a0474+000 1380 470 24.0 15.0 41.5 b32656t0474+000 1040 680 16.0 28.5 42.0 b32656a0684+000 800 680 24.0 19.0 41.5 b32656t0684+000 780 1000 20.0 39.5 42.0 b32656a0105+000 640 1200 28.0 37.0 42.0 b32656a0125+000 440 1500 28.0 37.0 42.0 b32656a0155+000 440 2200 30.0 45.0 42.0 b32656a0225+000 400 1250 500 220 14.0 25.0 42.0 b32656a7224+000 1380 270 24.0 15.0 41.5 b32656t7274+000 1040 330 16.0 28.5 42.0 b32656a7334+000 800 390 24.0 19.0 41.5 b32656t7394+000 780 470 18.0 32.5 42.0 b32656a7474+000 720 680 20.0 39.5 42.0 b32656a7684+000 640 820 28.0 37.0 42.0 b32656a7824+000 440 1000 28.0 37.0 42.0 b32656a7105+000 440 1200 28.0 42.5 41.5 b32656a7125+000 440 b32656 high pulse (wound) page 17 of 39 please read cautions and warnings and important notes at the end of this document.
v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) untaped pcs./moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 000 = untaped (lead length 6  1 mm) 1600 600 100 12.0 22.0 42.0 b32656j1104+000 1620 150 14.0 25.0 42.0 b32656j1154+000 1380 150 24.0 15.0 41.5 b32656t1154+000 1040 220 16.0 28.5 42.0 b32656j1224+000 800 220 24.0 19.0 41.5 b32656t1224+000 780 330 20.0 39.5 41.5 b32656j1334+000 640 470 28.0 37.0 42.0 b32656j1474+000 440 560 28.0 37.0 42.0 b32656j1564+000 440 680 28.0 42.5 41.5 b32656j1684+000 440 820 30.0 45.0 42.0 b32656j1824+000 400 2000 700 100 14.0 25.0 42.0 b32656j2104+000 1380 100 24.0 15.0 41.5 b32656t2104+000 1040 120 24.0 19.0 41.5 b32656t2124+000 780 150 18.0 32.5 42.0 b32656j2154+000 720 220 20.0 39.5 42.0 b32656j2224+000 640 330 28.0 37.0 42.0 b32656j2334+000 440 470 30.0 45.0 42.0 b32656j2474+000 400 b32656 high pulse (wound) page 18 of 39 please read cautions and warnings and important notes at the end of this document.
technical data operating temperature range max. operating temperature t op,max +110 c upper category temperature t max +100 c lower category temperature t min  55 c rated temperature t r +85 c dissipation factor tan d (in 10 -3 ) at 27 nf 27 nf1 m f at 20 c 1 khz 0.8 0.8 0.8 0.8 (upper limit values) 10 khz 1.0 1.0 1.0  100 khz 2.0 3.0   insulation resistance r ins c r 0.33 m f c r > 0.33 m f or time constant t = c r  r ins 100 g w 30000 s at 20 c, rel. humidity 65% (minimum as-delivered values) dc test voltage 1.6  v r , 2 s category voltage v c t a ( c) dc voltage derating ac voltage derating (continuous operation with v dc t a 85 v c = v r v c,rms = v rms or v ac at f 1 khz) 85 10% of parameters dissipation factor tan d > 4  upper limit value insulation resistance r ins or time constant t = c r  r ins < 1500 m w (c r 0.33 m f) < 500 s (c r >0.33 m f) b32651 ... b32656 high pulse (wound) page 19 of 39 please read cautions and warnings and important notes at the end of this document.
pulse handling capability "dv/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in v/ m s. "k 0 " represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in v 2 / m s. note: the values of dv/dt and k 0 provided below must not be exceeded in order to avoid damaging the capacitor. dv/dt values lead spacing 10 mm 15 mm 22.5 mm 27.5 mm 37.5 mm v r v rms v dc v ac dv/dt in v/ m s 250 160  200 120 50  400 200  300 180 100  630 250  400 300 150  850 450     90 1000 250  975 600 300  500     100 1250 450 4000     500  1850 1150 600 140 1600 500  4500 2400 1000  600     210 700  5200    2000 700  8000 7000 2300 200 1000   7500   b32651 ... b32656 high pulse (wound) page 20 of 39 please read cautions and warnings and important notes at the end of this document.
k 0 values lead spacing 10 mm 15 mm 22.5 mm 27.5 mm 37.5 mm v r v rms v dc v ac k 0 in v 2 / m s 250 160  100 000 60 000 25 000  400 200  250 000 200 000 110 000  630 250  500 000 350 000 250 000  850 450     153 000 1000 250  3 000 000 1 500 000 1 000 000  500     180 000 1250 450 25 000 000     500  9 000 000 3 750 000 2 000 000 350 000 1600 500  20 000 000 10 000 000 4 000 000  600     672 000 700  28 000 000   2000 700  60 000 000 40 000 000 15 000 000 800 000 1000   50 000 000   impedance z versus frequency f (typical values) b32651 ... b32656 high pulse (wound) page 21 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 10 mm 1250 v dc/450 v ac b32651 high pulse (wound) page 22 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 15 mm 250 v dc/160 v ac 400 v dc/200 v ac 630 v dc/250 v ac 1000 v dc/250 v ac b32652 high pulse (wound) page 23 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 15 mm 1250 v dc/500 v ac 1600 v dc/500 v ac 1600 v dc/700 v ac 2000 v dc/700 v ac b32652 high pulse (wound) page 24 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 22.5 mm 250 v dc/160 v ac 400 v dc/200 v ac 630 v dc/250 v ac 1000 v dc/250 v ac b32653 high pulse (wound) page 25 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 22.5 mm 1250 v dc/500 v ac 1600 v dc/500 v ac 2000 v dc/700 v ac 2000 v dc/1000 v ac b32653 high pulse (wound) page 26 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 27.5 mm 250 v dc/160 v ac 400 v dc/200 v ac 630 v dc/250 v ac 1000 v dc/250 v ac b32654 high pulse (wound) page 27 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 27.5 mm 1250 v dc/500 v ac 1600 v dc/500 v ac 2000 v dc/700 v ac b32654 high pulse (wound) page 28 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 37.5 mm 850 v dc/450 v ac 1000 v dc/500 v ac 1250 v dc/500 v ac 1600 v dc/600 v ac b32656 high pulse (wound) page 29 of 39 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 37.5 mm 2000 v dc/700 v ac b32656 high pulse (wound) page 30 of 39 please read cautions and warnings and important notes at the end of this document.
mounting guidelines 1 soldering 1.1 solderability of leads the solderability of terminal leads is tested to iec 60068-2-20, test ta, method 1. before a solderability test is carried out, terminals are subjected to accelerated ageing (to iec 60068-2-2, test ba: 4 h exposure to dry heat at 155 c). since the ageing temperature is far higher than the upper category temperature of the capacitors, the terminal wires should be cut off from the capacitor before the ageing procedure to prevent the solderability being impaired by the products of any capacitor decomposition that might occur. solder bath temperature 235 5 c soldering time 2.0 0.5 s immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane evaluation criteria: visual inspection wetting of wire surface by new solder 3 90%, free-flowing solder 1.2 resistance to soldering heat resistance to soldering heat is tested to iec 60068-2-20, test tb, method 1a. conditions: series solder bath temperature soldering time mkt boxed (except 2.5 6.5 7.2 mm) coated uncoated (lead spacing > 10 mm) 260 5 c 10 1 s mfp mkp (lead spacing > 7.5 mm) mkt boxed (case 2.5 6.5 7.2 mm) 5 1 s mkp mkt (lead spacing 7.5 mm) uncoated (lead spacing 10 mm) insulated (b32559) < 4 s recommended soldering profile for mkt uncoated (lead spacing 10 mm) and insulated (b32559) b32651 ... b32656 high pulse (wound) page 31 of 39 please read cautions and warnings and important notes at the end of this document.
immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane shield heat-absorbing board, (1.5 0.5) mm thick, between capacitor body and liquid solder evaluation criteria: visual inspection no visible damage d c/c 0 2% for mkt/mkp/mfp 5% for emi suppression capacitors tan d as specified in sectional specification b32651 ... b32656 high pulse (wound) page 32 of 39 please read cautions and warnings and important notes at the end of this document.
1.3 general notes on soldering permissible heat exposure loads on film capacitors are primarily characterized by the upper cate- gory temperature t max . long exposure to temperatures above this type-related temperature limit can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical characteristics. for short exposures (as in practical soldering processes) the heat load (and thus the possible effects on a capacitor) will also depend on other factors like: pre-heating temperature and time forced cooling immediately after soldering terminal characteristics: diameter, length, thermal resistance, special configurations (e.g. crimping) height of capacitor above solder bath shadowing by neighboring components additional heating due to heat dissipation by neighboring components use of solder-resist coatings the overheating associated with some of these factors can usually be reduced by suitable coun- termeasures. for example, if a pre-heating step cannot be avoided, an additional or reinforced cooling process may possibly have to be included. epcos recommends the following conditions: pre-heating with a maximum temperature of 110 c temperature inside the capacitor should not exceed the following limits:  mkp/mfp 110 c  mkt 160 c when smd components are used together with leaded ones, the leaded film capacitors should not pass into the smd adhesive curing oven. the leaded components should be assembled af- ter the smd curing step. leaded film capacitors are not suitable for reflow soldering. uncoated capacitors for uncoated mkt capacitors with lead spacings 10 mm (b32560/b32561) the following mea- sures are recommended: pre-heating to not more than 110 c in the preheater phase rapid cooling after soldering b32651 ... b32656 high pulse (wound) page 33 of 39 please read cautions and warnings and important notes at the end of this document.
cautions and warnings do not exceed the upper category temperature (uct). do not apply any mechanical stress to the capacitor terminals. avoid any compressive, tensile or flexural stress. do not move the capacitor after it has been soldered to the pc board. do not pick up the pc board by the soldered capacitor. do not place the capacitor on a pc board whose pth hole spacing differs from the specified lead spacing. do not exceed the specified time or temperature limits during soldering. avoid external energy inputs, such as fire or electricity. avoid overload of the capacitors. the table below summarizes the safety instructions that must always be observed. a detailed de- scription can be found in the relevant sections of the chapters "general technical information" and "mounting guidelines". topic safety information reference chapter "general technical information" storage conditions make sure that capacitors are stored within the specified range of time, temperature and humidity conditions. 4.5 "storage conditions" flammability avoid external energy, such as fire or electricity (passive flammability), avoid overload of the capacitors (active flammability) and consider the flammability of materials. 5.3 "flammability" resistance to vibration do not exceed the tested ability to withstand vibration. the capacitors are tested to iec 60068-2-6. epcos offers film capacitors specially designed for operation under more severe vibration regimes such as those found in automotive applications. consult our catalog "film capacitors for automotive electronics". 5.2 "resistance to vibration" b32651 ... b32656 high pulse (wound) page 34 of 39 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "mounting guidelines" soldering do not exceed the specified time or temperature limits during soldering. 1 "soldering" cleaning use only suitable solvents for cleaning capacitors. 2 "cleaning" embedding of capacitors in finished assemblies when embedding finished circuit assemblies in plastic resins, chemical and thermal influences must be taken into account. caution: consult us first, if you also wish to embed other uncoated component types! 3 "embedding of capacitors in finished assemblies" b32651 ... b32656 high pulse (wound) page 35 of 39 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german a heat transfer coefficient w?rmebergangszahl a c temperature coefficient of capacitance temperaturkoeffizient der kapazit?t a capacitor surface area kondensatoroberfl?che b c humidity coefficient of capacitance feuchtekoeffizient der kapazit?t c capacitance kapazit?t c r rated capacitance nennkapazit?t d c absolute capacitance change absolute kapazit?ts?nderung d c/c relative capacitance change (relative deviation of actual value) relative kapazit?ts?nderung (relative abweichung vom ist-wert) d c/c r capacitance tolerance (relative deviation from rated capacitance) kapazit?tstoleranz (relative abweichung vom nennwert) dt time differential differentielle zeit d t time interval zeitintervall d t absolute temperature change (self-heating) absolute temperatur?nderung (selbsterw?rmung) d tan d absolute change of dissipation factor absolute ?nderung des verlustfaktors d v absolute voltage change absolute spannungs?nderung dv/dt time differential of voltage function (rate of voltage rise) differentielle spannungs?nderung (spannungsflankensteilheit) d v/ d t voltage change per time interval spannungs?nderung pro zeitintervall e activation energy for diffusion aktivierungsenergie zur diffusion esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatz-serienwiderstand f frequency frequenz f 1 frequency limit for reducing permissible ac voltage due to thermal limits grenzfrequenz fr thermisch bedingte reduzierung der zul?ssigen wechselspannung f 2 frequency limit for reducing permissible ac voltage due to current limit grenzfrequenz fr strombedingte reduzierung der zul?ssigen wechselspannung f r resonant frequency resonanzfrequenz f d thermal acceleration factor for diffusion therm. beschleunigungsfaktor zur diffusion f t derating factor deratingfaktor i current (peak) stromspitze i c category current (max. continuous current) kategoriestrom (max. dauerstrom) b32651 ... b32656 high pulse (wound) page 36 of 39 please read cautions and warnings and important notes at the end of this document.
symbol english german i rms (sinusoidal) alternating current, root-mean-square value (sinusf?rmiger) wechselstrom i z capacitance drift inkonstanz der kapazit?t k 0 pulse characteristic impulskennwert l s series inductance serieninduktivit?t l failure rate ausfallrate l 0 constant failure rate during useful service life konstante ausfallrate in der nutzungsphase l test failure rate, determined by tests experimentell ermittelte ausfallrate p diss dissipated power abgegebene verlustleistung p gen generated power erzeugte verlustleistung q heat energy w?rmeenergie r density of water vapor in air dichte von wasserdampf in luft r universal molar constant for gases allg. molarkonstante fr gas r ohmic resistance of discharge circuit ohmscher widerstand des entladekreises r i internal resistance innenwiderstand r ins insulation resistance isolationswiderstand r p parallel resistance parallelwiderstand r s series resistance serienwiderstand s severity (humidity test) sch?rfegrad (feuchtetest) t time zeit t temperature temperatur t time constant zeitkonstante tan d dissipation factor verlustfaktor tan d d dielectric component of dissipation factor dielektrischer anteil des verlustfaktors tan d p parallel component of dissipation factor parallelanteil des verlfustfaktors tan d s series component of dissipation factor serienanteil des verlustfaktors t a ambient temperature umgebungstemperatur t max upper category temperature obere kategorietemperatur t min lower category temperature untere kategorietemperatur t ol operating life at operating temperature and voltage betriebszeit bei betriebstemperatur und -spannung t op operating temperature beriebstemperatur t r rated temperature nenntemperatur t ref reference temperature referenztemperatur t sl reference service life referenz-lebensdauer v ac ac voltage wechselspannung b32651 ... b32656 high pulse (wound) page 37 of 39 please read cautions and warnings and important notes at the end of this document.
symbol english german v c category voltage kategoriespannung v c,rms category ac voltage (sinusf?rmige) kategorie-wechselspannung v cd corona-discharge onset voltage teilentlade-einsatzspannung v ch charging voltage ladespannung v dc dc voltage gleichspannung v fb fly-back capacitor voltage spannung (flyback) v i input voltage eingangsspannung v o output voltage ausgangssspannung v op operating voltage betriebsspannung v p peak pulse voltage impuls-spitzenspannung v pp peak-to-peak voltage impedance spannungshub v r rated voltage nennspannung r amplitude of rated ac voltage amplitude der nenn-wechselspannung v rms (sinusoidal) alternating voltage, root-mean-square value (sinusf?rmige) wechselspannung v sc s-correction voltage spannung bei anwendung "s-correction" v sn snubber capacitor voltage spannung bei anwendung "beschaltung" z impedance scheinwiderstand lead spacing rasterma? b32651 ... b32656 high pulse (wound) page 38 of 39 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, formfit, miniblue, minicell, mkk, mkd, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trade- marks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 39 of 39


▲Up To Search▲   

 
Price & Availability of B32653A6564

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X