Part Number Hot Search : 
PST596 UNRF1A1 C1300 TSTA7300 10002 DSPIC3 SKKH42 10NB50
Product Description
Full Text Search
 

To Download B220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 0.15 4.7 0.25 3.6 0.3 2.3 0.15 1.3 0.2 0.203max 0.2 0.05 5.4 0.2 maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified b240 b250 b260 maximum recurrent peak reverse voltage v rrm 40 50 60 v ma x imu m rms v o lt a g e v rws 28 35 42 v maximum dc blocking voltage v dc 40 50 60 v maximum average forw ord rectif ied current at c t l (see fig.1) (note 2) i (av) a peak f orw ard surge current 8.3ms single half - c sine-w ave superimposed on rated load(jedec c method) i fsm a maximum instantaneous f orw ard voltage at v 2.0a(note.1) v f v maximum dc reverse current @t a =25 o c at rated dc blockjing voltage(note1) @t a =100 o c operating junction and storagetemperature range t stg o c storage temperature range t j o c 0.5 i r note: 1.pulse test:300 | s pulse width,1%duty cy cle 2. p.c.b.mo un ted wit h 0.55"x0 .55"(14.0x14.0mm 2 )copper pad areas reverse voltage: 20 --- 60 v current: 2.0 a ? built-in strain relief ? case:jedec do-214aa,molded plastic over 1111passi vated chip ? low power loss,high effciency ? plastic package has underwriters laborator 111 flammability classification 94v-0 typical thermal resitance (note2) o c/w b230 ? high temperature soldering guaranteed:250 o c/10 1 11 seconds at terminals B220 ? polarity: color band denotes cathode end ? weight: 0.003 ounces, 0.093 gram ma units 20 do - 214aa(smb) ? low profile package ? for surface mounted applications 30 14 21 20 ? high current capability,low forward voltage drop 30 50.0 2.0 ? for use in low voltage high frequency inverters,free 111 wheeling and polarity protection applications ? guardring for overvoltage protection -55--- +150 -55--- +150 -55--- +150 0.5 0.7 20 ? metal silicon junction, majority carrier conduction ? high surge capability dimensions in millimeters 15.0 r |jl B220-b260 surface mount schottky barrier rectifiers features mechanical data http://www.luguang.cn mail:lge@luguang.cn
0 0.01 0.1 1 10.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 30.0 1.6 t j =125 c t j =150 c t j =25 c puise width=300 s 1%duty cycle B220--b240 b250--b260 o o o t j =125 c t j =25 c 0 0 t j =75 c 0 B220-b240 b250-b260 1 0.001 0.01 0.1 20 10 20 0 406080100 t j =25 c f=1.0mhz vsig=50mvp-p B220-b240 b250-b260 o 1000 10 100 100 0.1 1.0 10 0.1 0.1 1 100 100 1 0.01 10 10 average forward rectified current,amperes peak forward surge current,amperes instantaneous forward current,amperes instantaneous reverse current,microamperes reverse voltage,volts pulse duration,sec fig.5-typi cal juncti on capaci tance fig. 6-- typi cal transi ent thermal i mpedance transient thermal impedance o c/w junction capacltance pf number of cycles at 60hz instantaneous forward voltage,volts percent of rated peak reverse voltage, ? ambient temperature ?? fi g. 3 -- typi cal forward characteri sti cs fig.4 -- typi cal reverse characteristi cs fig. 1 -- forward derating curve fig. 2-- peak forward surge current 0 11 0 1 0 0 t l =100 c 8.3ms single half sine-w ave (j e d e c m e th o d ) 25 50 o 0.5 1.0 50 70 0 1.5 2.0 60 80 90 100 110 120 130 resistive or inductive load 0.375"(9.5mm) lead length 140 B220-b260 surface mount schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of B220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X