Part Number Hot Search : 
CY3620 15N06 R12KE KNP2WS SS8012G 80C51 5A315 MMA2260
Product Description
Full Text Search
 

To Download AZ100LVEL32DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az100lvel32 ecl/pecl ? 2 divider 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (623) 505-2414 www.azmicrotek.com arizona microtek, inc. features ? operating range of 3.0v to 5.5v ? 470ps propagation delay ? 3.0+ ghz toggle frequency ? high bandwidth output transitions ? direct replacement for on semiconductor mc100el/lvel32 ? >2 kv hbm esd protection ? additional esd data available on arizona microtek website description the az100lvel32 is an integrated 2 divider. the reset pin is asynchronous and is asserted on the rising edge. upon power-up, the internal flip-flop will attain a random logic state; the reset allows for the synchronization of multiple lvel32?s in a system. the lvel32 provides a v bb output for single-ended use or a dc bias reference for ac coupling to the device. for single-ended input applications, the v bb reference should be connected to one side of the clk/clk differential input pair. the input signal is then fed to the other clk/clk input. the v bb pin should be used only as a bias for the lvel32 as its sink/source capability is limited. when used, the v bb pin should be bypassed to ground via a 0.01 ? f capacitor. note: specifications in ecl/pecl tables are valid when thermal equilibrium is established. logic diagram and pinout assignment 1 4 3 2 6 5 7 8 r 2 reset clk clk v bb v cc q q v ee pin description pin function clk, clk clock inputs reset asynchronous reset v bb reference voltage output q, q data outputs v cc positive supply v ee negative supply package availability package part number marking notes soic 8 green / rohs compliant / lead (pb) free AZ100LVEL32DG azm100g lvel32 1,2 msop 8 green / rohs compliant / lead (pb) free az100lvel32tg azhg lv32 1,2 mlp 8 (2x2) green / rohs compliant / lead (pb) free az100lvel32ng c2g 1,3 1 add r1 at end of part number for 7 inch (1k parts), r2 for 13 inch (2.5k parts) tape & reel. 2 date code format: ?y? or ?yy? for year followed by ?ww? for week on underside of part. 3 date code format: ?y? for year followed by ?ww? for week.
az100lvel32 april 2011 * rev - 3 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +6.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -6.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 ? c t stg storage temperature range -65 to +150 ? c ecl dc characteristics (v ee = -3.0v to -5.5v, v cc = gnd) -40 ? c 0 ? c 25? c 85? c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv i ih input high current 150 150 150 150 ? a i il input low current clk, clk reset -150 0.5 -150 0.5 -150 0.5 -150 0.5 ? a v bb output reference voltage -1380 -1260 -1380 -1260 -1380 -1260 -1380 -1260 mv i ee power supply current 25 30 25 30 25 30 29 35 ma 1. each output is terminated through a 50 ? resistor to v cc ? 2v. lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) -40 ? c 0 ? c 25 ? c 85 ? c symb ol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 2215 2295 2420 2275 2345 2420 2275 2345 2420 2275 2345 2420 mv v ol output low voltage 1,2 1470 1605 1745 1490 1595 1680 1490 1595 1680 1490 1595 1680 mv v ih input high voltage 1 2135 2420 2135 2420 2135 2420 2135 2420 mv v il input low voltage 1 1490 1825 1490 1825 1490 1825 1490 1825 mv i ih input high current 150 150 150 150 ? a i il input low current clk, clk reset -150 0.5 -150 0.5 -150 0.5 -150 0.5 ? a v bb output reference voltage 1 1920 2040 1920 2040 1920 2040 1920 2040 mv i ee power supply current 25 30 25 30 25 30 29 35 ma 1. for supply voltages other that 3.3v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v. pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 ? c 0 ? c 25 ? c 85 ? c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv i ih input high current 150 150 150 150 ? a i il input low current clk, clk reset -150 0.5 -150 0.5 -150 0.5 -150 0.5 ? a v bb output reference voltage 1 3620 3740 3620 3740 3620 3740 3620 3740 mv i ee power supply current 25 30 25 30 25 30 29 35 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v.
az100lvel32 april 2011 * rev - 3 www.azmicrotek.com 3 ac characteristics (v ee = -3.0v to -5.5v; v cc = gnd or v ee = gnd; v cc = +3.0v to +5.5v) -40 ? c 0 ? c 25? c 85? c symbol characteristic min typ max min typ max min typ max min typ max unit f max maximum toggle frequency 2.6 2.6 2.6 2.6 ghz t plh /t phl propagation delay clk, clk to q/q reset to q/q 360 390 450 540 540 690 370 440 460 540 550 640 380 440 470 540 560 640 400 450 490 550 580 650 ps v pp (ac) input swing 1 150 1000 150 1000 150 1000 150 1000 mv v cmr common mode range 2 v pp < 500 mv v pp 500 mv v ee + 1.2 1.4 v cc - 0.4 0.4 v ee + 1.1 1.3 v cc - 0.4 0.4 v ee + 1.1 1.3 v cc - 0.4 0.4 v ee + 1.1 1.3 v cc - 0.4 0.4 v t r / t f output rise/fall times q/q (20% - 80%) 100 260 100 260 100 260 100 260 ps 1. v pp is the peak-to-peak differential input swing range for which ac parameters are guaranteed. 2. v cmr is defined as the range within which the v ih level may vary, with the device still meetin g the propagation delay specification. the v il level must be such that v pp is within the differential input swing range specified. figure 1: timing diagram clk reset q 200 300 400 500 600 700 800 900 0 1000 2000 3000 4000 5000 typical large signal output swing, q/q v outpp (mv) input frequency (mhz) measured with 750mv d input, q/q each terminated to v cc -2v via 50 ? resistors. f out =f in 2
az100lvel32 april 2011 * rev - 3 www.azmicrotek.com 4 millimeters inches dim min max min max a 1.75 0.069 a 1 0.10 0.25 0.004 0.010 a 2 1.25 1.45 0.049 0.057 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.8 5.0 0.19 0.20 e 3.8 4.0 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.00 0.016 0.039 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 ? 0 o 8 o 0 o 8 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az100lvel32 april 2011 * rev - 3 www.azmicrotek.com 5 package diagram msop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.80 0.95 a 3 0.25 b p 0.25 0.45 c 0.15 0.28 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.70 5.10 l 0.94 l p 0.40 0.70 v 0.10 w 0.10 y 0.10 z 0.35 0.70 ? 0 o 6 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az100lvel32 april 2011 * rev - 3 www.azmicrotek.com 6 package diagram mlp 8 2x2mm bottom view side view mlp 8 (2x2mm) 2.0000.050 2.0000.050 pin 1 dot by marking 0.3500.050 pin 1 identification r0.100 typ 1.750 ref. 1.2000.050 exp. pad 1 2 3 4 5 6 7 8 0.2500.050 0.500 bsc 0.6000.050 exp. pad 123 4 0.7500.050 0.000-0.050 0.2030.025 top view note: all dimensions are in mm
az100lvel32 april 2011 * rev - 3 www.azmicrotek.com 7 - arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does arizona mi crotek, inc. assume any liability arising out of the application or use of any pr oduct or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incident al damages. arizona microtek, inc. doe s not convey any license rights nor the rig hts of others. arizona microtek, inc. products are not designed, intended or auth orized for use as components in systems intended to support o r sustain life, or for any other application in which the fa ilure of the arizona microtek, inc. product could create a situation where personal in jury or death may occur. should buyer purchase or use arizona microtek, inc. produc ts for any such unintended or unauthorized application, buyer shall indemnify and hold arizona microtek, inc. and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all cl aims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associ ated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or ma nufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL32DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X