Part Number Hot Search : 
221M10 KBPC1504 PE33071 L5431 ST3549UR 240901 B41456 BU2508DF
Product Description
Full Text Search
 

To Download ASW135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 5 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 july 20 11 as w135 5 - 40 00 mhz mmic amplifier parameters units typical frequency mhz 150 900 2000 2400 2700 gain db 19.6 18.5 16.5 15.7 15 s11 db - 10 - 14 - 14 - 15 - 16 s22 db - 15 - 15 - 15 - 14 - 13 output ip3 1) dbm 27.5 28.5 29 31 32.5 noise figure db 1.9 1.8 1.8 1.8 1.9 output p1db dbm 17.5 17.5 18.5 17 17 current ma 60 60 60 60 60 device voltage (v) v 3.3 3.3 3.3 3.3 3.3 1) oip3 is measured with two tones at an output power of +5 dbm/tone separated by 1 mhz. parameters units min typ max testing frequency mhz 2000 gain db 16.5 s11 db - 14 s22 db - 15 output ip3 dbm 29 noise figure db 1.8 output p1db dbm 18.5 current ma 60 device voltage (v) v 3.3 parameters rating operating case temperature - 40 to + 85 c storage temperature - 40 to + 150 c device voltage (v) +4.3 v operating junction temper a ture + 150 c input rf power ( cw, 50 ohm matched)* 20 dbm * please find the max. input power data from http://www.asb.co .kr/pdf/maximum_input_power_analysis.pdf package style: sot - 363 f eature s description typical perfor m ance absolute maximum ratings 16.5 db gain at 2000 mhz 18.5 dbm p1db at 2000 mhz 29 dbm output ip3 at 2000 mhz 1.8 db nf at 2000 mhz mttf > 100 years single supply the ASW135, a power amplifier mmic, has a high lin e arity , high gain, and high efficiency over a wide range of frequency, being sui t able for use in both receiver and transmitter of telecommunication sy s- tems up to 4 ghz. the amplifier is available in a n sot - 363 package and passes through the stringent dc, rf, and reliability tests. application circuit 500 ~ 3500 mhz if ( 50 ~ 450 mhz ) product specifications package style: sot - 363 pin configuration pin no. function 1 rf out / bias 4 rf in 2,3,5,6 gnd
2 / 5 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 july 20 11 as w135 5 - 40 00 mhz mmic amplifier note : 1. the number and size of ground via holes in a circuit board is critical for thermal and rf grounding consi d erations. 2. we recommend that the ground via holes be placed on the bottom of lead pin 2 for better rf and thermal perfor m ance, as shown in the dra w ing at the left side. pin no. function pin no. function. 1 rf out / bias 4 rf in 2 gnd 5 gnd 3 gnd 6 gnd mounting recommendation (in mm) outline drawing symbols dimensions (in mm) min nom max a 0.90 1.00 1.10 a1 0.025 0.062 0.10 a2 0.875 0.937 1.00 b 0.20 0.30 0.40 c 0.10 0.125 0.15 d 1.90 2.00 2.10 f 1.15 1. 25 1.35 e1 2.00 2.10 2.20 e -- 0.65bsc -- e1 -- 1.30bsc -- l -- 0.425ref -- esd classification hbm class 1a voltage level: 400 v mm class a voltage level: 50 v caution: esd - sensitive device! moisture sensitivity level (msl) level 3 at 260 c re flow esd classification & moisture sensitivity level
3 / 5 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 july 20 11 as w135 5 - 40 00 mhz mmic amplifier 1) oip3 is measured with two tones at a n output power of +5 dbm/tone separated by 1mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit frequency (mhz) 900 2000 24 00 2700 magnitude s21 (db) 18.5 16.5 15.7 15 magnitude s11 (db) - 14 - 14 - 15 - 16 magnitude s22 (db) - 15 - 15 - 14 - 13 output p1db (dbm) 17.5 18.5 17 17 output ip3 1) (dbm) 28.5 29 31 32.5 noise figure (db) 1.8 1.8 1.8 1.9 device voltage (v) 3.3 3.3 3.3 3.3 current (ma) 60 60 60 60 500 ~ 3500 mhz +3.3 v 0 500 1000 1500 2000 2500 3000 3500 0 5 10 15 20 25 gain (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 -25 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz) c1=56 pf l1=33 nh c2=56 pf rf in rf out c3=100 pf c4=1 m f vs=3.3 v l2=33 nh ASW135
4 / 5 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 july 20 11 as w135 5 - 40 00 mhz mmic amplifier 1) oip3 is measured with two tones at an output power of +5 dbm/tone separated by 1mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit frequency (mhz) 70 150 300 450 magnitude s21 (db) 20.5 19.6 19.2 19 magnitude s11 (db) - 6 - 10 - 12 - 12 magnitude s22 (db) - 15 - 15 - 17 - 18 output p1db (dbm) 17 17.5 17.5 17.5 output ip3 1) (dbm) 27.5 27.5 28 .5 28.5 noise figure (db) 2.1 1.9 1.8 1.7 device voltage (v) 3.3 3.3 3.3 3.3 current (ma) 60 60 60 60 if 50 ~ 450 mhz +3.3 v 0 100 200 300 400 500 0 5 10 15 20 25 gain (db) frequency (mhz) 0 100 200 300 400 500 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 0 100 200 300 400 500 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz) c1=10 nf l1=180 nh c2=100 pf rf in rf out c3=100 pf c4=1 m f vs=3.3 v l2=180 nh ASW135
5 / 5 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 july 20 11 as w135 5 - 40 00 mhz mmic amplifier 0 500 1000 1500 2000 2500 3000 3500 0 5 10 15 20 25 gain (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 -25 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 1) oip3 is me asured with two tones at an output power of +5 dbm/tone separated by 1mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit frequency (mhz) 950 1600 2150 magnitude s21 (db) 18 17.3 16 magnitude s11 (db) - 8 - 1 3 - 1 7 magnitude s22 (db) - 9 - 1 4 - 12 output p1db (dbm) 16 1 8 1 8 output ip3 1) (dbm) 3 2 3 2 3 2 noise figure (db) 2.7 2. 2 2.4 device voltage (v) 3.3 3.3 3.3 current (ma) 60 60 60 smatv 950 ~ 2150 mhz +3.3 v


▲Up To Search▲   

 
Price & Availability of ASW135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X