Part Number Hot Search : 
2SB703 1R5GU41 144918 74HC670D M67729 SL2045 103M1 TCA705G
Product Description
Full Text Search
 

To Download ALC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  101 bhc and evox rifa electrolytic capacitors rohs compliant ALC12 series 85c ? compact size ? 2000 hours at 85 c (u r, i r applied) ? excellent surge voltage capability ? o ptimized designs available on request app lication b asic design spe cification s tandards iec 60384-4 long life grade 40/85/56, c apacitance range 150 C 8200 f c apacitance tolerance C20 to +20% r ated voltage u r 200 - 450 vdc s urge voltage u s 1.15 x u r (for u r < 250 vdc) 1.10 x u r (for u r > 350 vdc) s urge voltage u ss (s hort duration) l eakage current i l = 0.006 x c r x u r (a) or 6ma whichever is the smaller. note, c r is in f. o perational life time +85c, u r , i r +85c, u r shelf life 2000 hrs at 0v +85c, or 30000 hrs at 0v +40c t emperature range C40 to +85c (operating) -55c to +85c (storage) can diameter 30, 35, 40, 45, 50 2000 hrs end of life requirement: c/c < 10% esr < 2 x initial esr value i l < initial specified limit u r u ss 200 350 250 400 350 500 400 520 415 530 450 550 500 600 test condition: < 500ms surge, 100 cycles @ 20c test condition: < 30s surge, 1000 cycles @ 85c test condition: u r , 5mins., 20c designed for applications where high reliability and compact sizes are important such as switch mode power supplies and frequency converters. can diameter 30, 35, 40, 45, 50 9000 hrs the ALC12 (85c) is a high cv snap-in version of the alc10 range. both series are designed for applications where high reliability and compact sizes are important such as switch mode power supplies and frequency converters. not for new design. use peh506 or elh series.
l ?d style a = 6.3 1 style d = 4.0 1 2 0.1 10 0.1 + 2.0max 3.75 - ve 30 4holes ?20.1 on a ?22.5pcd + ve 30 + _ 2.0max 3.75 +ve - ve 30 30 30 5holes ?20.1 on a ?25.0pcd style f = 4.0 1 - + ?2 0.1 typ 3.3 0.1 ?2.5 min 4.75 0.1 10 0.1 + ve style c = 6.3 1 style e = 4.0 1 - ve 30 4holes ?20.1 on a ?22.5pcd + ve 30 ++ - + style g = 6.3 1 style h = 4.0 style j style k 1 +ve - ve 30 30 30 5holes ?20.1 on a ?25.0pcd description 2 pin 2 pin 3 pin 4 pin 4 pin 5 pin 5 pin 4 pin 5 pin pin length 6.31 4.01 4.01 6.31 4.01 6.31 4.01 5.75 5.75 code a d f c e g h j k dia. mm -0+1 spe cification t erminal style ALC12 85c 30 ? ? ? 35 ? ? ? ? ? ? 40 ? ? ? ? ? ? ? ? 45 ? ? ? ? 50 ? ? ? ? ? mounting these capacitors are designed to be mounted by their terminations alone, and may be used in any position. dummy pins must be isolated on 4 and 5 pin styles. 30 cb (35) cc (40) cd (45) ce (50) cf (55) 35 db (42) dc (50) dd (55) de (65) df (70) dg (75) dh (80) dl (105) 40 eb (49) ec (57) ed (65) ee (80) ef (82) eg (95) eh (98) el (131) ep (170) 45 fb (62) fc (72) fd (82) fe (92) ff (103) fg (113) fh (123) fl (164) fp (215) 50 kb (75) kc (88) kd (100) ke (113) kf (126) kg (138) kh (151) kl (201) kp (264) other sizes available upon request length mm 2 30 35 40 45 50 55 60 80 105 3 0 35 40 45 50 55 60 80 105 35 40 45 50 55 60 80 105 dia. mm -0+1 dia. mm -0+1 case cod e (component weight grams - nominal ) not for new design. use peh506 or elh series.
103 bhc and evox rifa electrolytic capacitors ALC12 85c a rticle table alc 12 (85c) cap (f) case size (mm) esr (m w) at 20 c 100h z (max) i mpedance (m w) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 200 vdc ( u r ) 250 vdc ( u r ) 350 vdc ( u r ) t ermination style a,c,d,e,f ,g,h,j or k * 560 30x30 342 224 1.75 2.81 ALC12a561cb200 680 30x35 278 181 2.06 3.36 ALC12a681cc200 1000 30x40 201 135 2.52 3.81 ALC12a102cd200 1000 35x35 218 151 2.58 3.63 ALC12a102dc200 1200 30x50 162 107 3.09 4.86 ALC12a122cf200 1200 35x40 181 125 2.96 4.18 ALC12a122dd200 1200 40x30 243 186 2.26 2.75 ALC12a122eb200 1500 40x35 190 145 2.73 3.35 ALC12a152ec200 1800 35x50 128 91 3.70 5.01 ALC12a182df200 1800 40x40 156 119 3.17 3.90 ALC12a182ed200 2200 35x60 107 76 4.21 5.65 ALC12a222dh200 2200 40x45 132 101 3.54 4.32 ALC12a222ee200 2700 35x80 93 68 4.99 6.90 ALC12a272dl200 2700 40x55 104 79 4.27 5.26 ALC12a272eg200 3300 40x60 96 75 4.48 5.33 ALC12a332eh200 3900 40x80 78 60 5.55 6.90 ALC12a392el200 5600 40x105 43 31 8.39 12.08 ALC12a562ep200 6800 45x105 38 28 8.85 12.05 ALC12g682fp200 8200 50x105 34 26 9.21 11.90 ALC12g822kp200 390 30x30 456 299 1.56 2.66 ALC12a391cb250 470 30x35 375 244 1.82 3.17 ALC12a471cc250 560 30x40 314 204 2.12 3.69 ALC12a561cd250 680 35x35 285 194 2.34 3.56 ALC12a681dc250 680 40x30 316 225 2.12 2.94 ALC12a681eb250 820 30x50 219 144 2.75 4.62 ALC12a821cf250 820 35x40 236 160 2.69 4.09 ALC12a821dd250 1000 40x35 232 170 2.58 3.41 ALC12a102ec250 1200 35x50 167 115 3.38 4.96 ALC12a122df250 1200 40x40 192 140 2.99 3.96 ALC12a122ed250 1500 35x60 136 95 3.87 5.58 ALC12a152dh250 1500 40x45 160 118 3.36 4.35 ALC12a152ee250 1800 40x55 128 93 4.02 5.32 ALC12a182eg250 2200 35x80 94 66 4.79 6.81 ALC12a222dl250 2200 40x60 115 86 4.28 5.43 ALC12a222eh250 2700 40x80 85 61 5.28 7.01 ALC12a272el250 3900 40x105 48 32 7.72 12.08 ALC12a392ep250 4700 45x105 42 29 8.22 12.11 ALC12g472fp250 5600 50x105 38 27 8.63 12.03 ALC12g562kp250 220 30x30 643 397 1.30 2.55 ALC12a221cb350 270 30x35 522 321 1.52 3.01 ALC12a271cc350 390 30x40 370 231 1.90 3.55 ALC12a391cd350 390 35x35 384 243 2.02 3.51 ALC12a391dc350 470 30x50 304 188 2.31 4.42 ALC12a471cf350 470 40x30 368 249 1.95 2.85 ALC12a471eb350 560 35x40 279 181 2.44 3.97 ALC12a561dd350 560 40x35 299 199 2.32 3.50 ALC12a561ec350 680 35x50 225 144 2.92 4.93 ALC12a681df350 680 40x40 246 164 2.68 4.04 ALC12a681ed350 820 40x45 207 139 3.02 4.50 ALC12a821ee350 1000 35x60 163 107 3.51 5.45 ALC12a102dh350 1000 40x50 175 118 3.39 4.92 ALC12a102ef350 1200 40x60 146 99 3.89 5.62 ALC12a122eh350 1500 35x80 111 73 4.37 6.64 ALC12a152dl350 1800 40x80 100 68 4.85 6.89 ALC12a182el350 2200 40x105 81 55 5.61 7.99 ALC12a222ep350 3300 45x105 49 32 7.53 11.79 ALC12g332fp350 3900 50x105 44 29 7.95 11.73 ALC12g392kp350 not for new design. use peh506 or elh series.
ALC12 85c a rticle table alc 12 (85c) cap (f) case size (mm) esr (m w) at 20 c 100h z (max) i mpedance (m w) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 400 vdc ( u r ) t ermination style a,c,d,e,f ,g,h,j or k * 180 30x30 794 509 1.21 2.38 ALC12a181cb400 220 30x35 648 414 1.42 2.82 ALC12a221cc400 270 30x40 529 339 1.66 3.28 ALC12a271cd400 330 35x35 457 299 1.91 3.35 ALC12a331dc400 330 40x30 485 326 1.79 2.86 ALC12a331eb400 390 30x50 370 238 2.16 4.17 ALC12a391cf400 390 35x40 385 252 2.18 3.85 ALC12a391dd400 470 40x35 352 240 2.21 3.38 ALC12a471ec400 560 35x50 270 178 2.75 4.72 ALC12a561df400 560 40x40 295 200 2.54 3.92 ALC12a561ed400 680 35x60 226 149 3.14 5.34 ALC12a681dh400 680 40x45 245 168 2.87 4.37 ALC12a681ee400 820 40x50 207 143 3.22 4.80 ALC12a821ef400 1000 35x80 155 102 3.90 6.52 ALC12a102dl400 1000 40x60 172 119 3.71 5.46 ALC12a102eh400 1500 40x80 115 80 4.64 6.71 ALC12a152el400 1800 40x105 82 53 6.11 11.06 ALC12a182ep400 2700 45x105 59 39 7.11 11.40 ALC12g272fp400 3300 50x105 51 35 7.60 11.38 ALC12g332kp400 150 30x30 861 548 1.15 2.34 ALC12a151cb450 220 30x35 596 382 1.45 2.83 ALC12a221cc450 270 30x40 486 312 1.70 3.30 ALC12a271cd450 270 35x35 500 324 1.82 3.30 ALC12a271dc450 330 30x50 395 252 2.08 4.10 ALC12a331cf450 330 35x40 410 266 2.10 3.79 ALC12a331dd450 330 40x30 460 313 1.79 2.74 ALC12a331eb450 390 40x35 379 255 2.13 3.35 ALC12a391ec450 470 35x50 292 190 2.64 4.66 ALC12a471df450 470 40x40 314 211 2.45 3.88 ALC12a471ed450 560 40x45 265 178 2.76 4.34 ALC12a561ee450 680 35x60 206 136 3.23 5.22 ALC12a681dh450 680 40x50 220 150 3.10 4.76 ALC12a681ef450 820 35x80 182 123 3.69 6.26 ALC12a821dl450 820 40x60 180 120 3.62 5.44 ALC12a821eh450 1000 40x80 156 107 4.21 6.69 ALC12a102el450 1500 40x105 96 63 5.77 10.51 ALC12a152ep450 1800 45x105 82 55 6.27 10.87 ALC12g182fp450 2200 50x105 70 47 6.81 11.12 ALC12g222kp450 450 vdc ( u r ) not for new design. use peh506 or elh series.
10 bhc and evox rifa electrolytic capacitors ALC12 85c ope rational data operational lifetime please see separate bhc application notes td003 for calculating operational life expectancy under customer specific conditions. the failure rate is derived from our periodic test results. the failure rate ( r ) is therefore only given at test temperature for life tests. an estimation is also given at 40c. the expected failure rate for this capacitor range is based on our periodic test results for capacitors with structural similarity. failure rate is frequently quoted in fit (failures in time) where 1 fit = 1 x 10 -9 failures per hour. t a failure rate per hour 85c 250 fit 40c 12 fit failure rate per hour for catastrophic plus parametric failures. reliability me chanical data m ounting position the capacitor can be mounted upright or inclined to a horizontal position. v ibration 10hz to 500hz at 0.75mm or 10g for 3x2hrs duration. 10hz to 55hz at 0.35mm or 5g for 3x0.5hrs duration (45/50mm diameter cans). i nsulating resistance > 100 mohms at 100v d.c., across insulating sleeve. v oltage proof > 2500v d.c., across insulating sleeve. s afety vent a safety vent for over pressure is featured on either the base (opposing end to the terminals) or on the the side of the can. this is in the form of a grooved section on the surface of the can which is a weakened area and is designed to relieve build up of internal pressure due to over stress or catastrophic failure. not for new design. use peh506 or elh series.


▲Up To Search▲   

 
Price & Availability of ALC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X