Part Number Hot Search : 
5920A 5920A PE8706 CY2210 2AX103V4 STV9302 0100A MA40B8R
Product Description
Full Text Search
 

To Download ADC217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  adc200 series vdc vdc % typ. % max. adc201 3.3 73 10 adc202 5 71 10 adc203 9 76 8 adc204 12 78 7 adc205 15 78 7 adc206 5 72 10 adc207 9 77 8 adc208 12 78 7 adc209 15 79 7 adc211 3.3 74 8 adc212 5 73 8 adc213 9 78 5 adc214 12 80 5 adc215 15 80 5 adc216 5 74 8 ADC217 9 79 5 adc218 12 81 5 adc219 15 81 5 adc221 3.3 73 8 adc222 5 71 8 adc223 9 76 5 adc224 12 78 5 adc225 15 79 5 adc226 5 72 8 adc227 9 76 5 adc228 12 79 5 adc229 15 80 5 pin singles duals 1 +vin +vin 2 -vin -vin 5 -vout -vout 6 no pin common 7 +vout +vout (0.77x0.24x0.40inch) (0.77x0.28x0.40inch) tolerance millimeters inches x.x0.25 x.xx0.01 t= 6.1 (0.24) for 5v & 12v input model s x.xx0.13 x.xxx0.005 t= 7.1 (0.28) for 24v input models pin 0.05 0.002 2463 208th street, ste. 205 http://www.mpsind.com torrance, ca 90501 e-mail: sales@mpsind.com 110 84 67 100 56 42 34 24 (21.6 ? 26.4) 84 67 100 56 42 34 260 200 1w, high isolation sip, single & dual output dc/dc converters 5v & 12v input ? 19.5x6.1x10.2mm case material ? 200 ma mps industries adc200 1w dc/dc's are specially designed to provide high levels of isolation 3000vdc in a miniature sip package. the series consists of 27 models with input voltages of 5v, 12v and 24vdc which offers standard output voltages of 3.3v, 5v, 9v, 12v, 15v, 5v, 9v, 12v and 15vdc for a wide choice. the adc200 series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipments, local power networks and battery backed systems. 24v input? 2.6g (0.09oz) case size ? pin connections 84 67 tel: (310) 533-1455 fax: (310) 533-1853 weight ? non-conductive black plastic mechanical dimensions 5v & 12v input ? 2.2g (0.08oz) 24v input ?19.5x7.1x10.2mm 5 (4.5 ? 5.5) 12 (10.8 ? 13.2) 260 200 110 56 42 34 260 110 100 key features ? efficiency up to 81% ? 3000vdc isolation ? mtbf > 2,000,000 hours ? low cost ? input 5, 12 and 24vdc ? output 3.3, 5, 9, 12, 15, 5, 9, 12 and 15vdc ? temperature performance -40c to +85c ? ul 94v-0 package material ? internal smd construction ? industry standard pinout selection guide model number input voltage output voltage efficiency load regulation output current 19.5 [0.77] 1 0 . 2 [ 0 . 4 0 ] 0 . 5 [ 0 . 0 2 ] 2.1 [0.08] 18.5 [0.73] t 1 . 3 [ 0 . 0 5 ] 12 7 56 3 . 2 [ 0 . 1 3 ] 2.54 [0.100] 0 . 2 5 [ 0 . 0 1 0 ] 0.50 [0.020]
adc200 series min. max. units parameter min. typ. max. units 5vdc input models -0.7 9 vdc isolation voltage 3000 --- --- vdc 12vdc input models -0.7 18 vdc isolation resistance 10 --- --- g ? 24vdc input models -0.7 30 vdc isolation capacitance --- 60 100 pf --- 260 c switching frequency 70 100 120 khz --- 450 mw parameter conditions min. max. units parameter min. typ. max. units operating temperature ambient -40 85 c line regulation --- 1.2 1.5 % operating temperature case -40 90 c load regulation % storage temperature -40 125 c ripple & noise --- 65 100 mv p-p humidity --- 95 % short circuit cooling units uf 2463 208th street, ste. 205 http://www.mpsind.com torrance, ca 90501 e-mail: sales@mpsind.com exceeding the unit absolute maximum ratings could cause damage. these are not continuous operating ratings. tel: (310) 533-1455 fax: (310) 533-1853 --- mhrs environmental characteristics free-air convection output characteristics see selection guide 0.5 second max. internal power dissipation general characteristics input surge voltage (1000ms) lead temperature (1.5mm from case for 10sec.) 1w, high isolation sip, single & dual output dc/dc converters absolute maximum ratings parameter conditions 100khz, 1v 20mhz bw 60 seconds 500vdc mtbf 2 maximum capacitive load mil-hdbk-217f @25c ground benign conditions for vin change of 1% io = 20% to 100% --- derating curve (other outputs) models by output voltage (each output on duals) notes: 1. specifications typical at ta=+25c, resistive load, nominal input voltage, rated output current unless otherwise noted. 2. these power converters require a minimum output load to maintain specified regulation. 3. operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 4. all dc/dc converters should be externally fused at the front end for protection. 5. other input and output voltage may be available, please contact factory. 6. all specifications subject to change without notice. 7. for detailed data sheet, please visit our website. singles duals 220 100 derating curve (3.3, 5 & 5v outputs) ?? ] ambient temperature output power (%) 0 20 40 60 80 100 -40 50 60 80 100 110 90 70 400lfm 200lfm 100lfm natural convection ?? ] ambient temperature output power (%) 0 20 40 60 80 100 -40 50 60 80 100 110 90 70 400lfm 200lfm 100lfm natural convection


▲Up To Search▲   

 
Price & Availability of ADC217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X