Part Number Hot Search : 
N74ACT 105K63 IRLZ34 1C102 MC145567 AT45DB04 L9803 IR6216
Product Description
Full Text Search
 

To Download A2100-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the a2100 gps modules enable fastest acquisition and tracking with the latest sirfstariv technology. with module versions supporting either 3.3v or 1.8v there is an appropriate solution for all telematics and power-sensitive mobile consumer application devices. in any case the module fully answers the demand for lowest power consumption with C amongst other features C sirfaware tm technology. the removal of jammers does not only facilitate designs of new products, but guarantees operation even in hostile environments. highest sensitivity, during acquisition or while tracking, allows for use in many different environments and under toughest conditions. sirfstariv gps module: the answer to all challenges A2100-A/b positioning products    features complete gps module direct passive antenna support jamming detection and removal flash-based design best acquisition sensitivity lowest tracking power consumption sirfaware tm for constant hot start benefits easy integration fastest design-in minimal bom configuration / firmware update ideally suited for all small battery powered gps applications gps receiver modules smart gps antenna modules telematics platforms
1) with best matched antenna 3) external current limiter suggested 2) all svs with -130 dbm copyright ?2010 vincotech-033-0210.2-e printed in germany a2100 power supply voltage power consumption fully tracking trickle power mode (1hz) sirfaware tm mode hibernate mode antenna supply via vant voltage range max. allowed current 3) mechanical dimensions l x w x h l x w x h weight environment temperature operating storage humidity 3.0 to 3.6 vdc [A2100-A] 1.7 to 1.9 vdc [a2100-b] (typical) 47 mw 8 mw 500 w 30 w up to 5.0 v 50 ma 15.2 x 15.2 x 2.4 mm 3 0.6 x 0.6 x 0.1 1.2 g / 0.04 oz. -40c to +85c -40c to +85c non condensing technical details A2100-A/b gga, rmc, gsa, gsv, vtg, gll, zda 4,800 (default) 1,200 to 115.2k tx (nmea output) rx (nmea input) protocol for sirfstar product family up to ssiii protocol extension for sirfstariv 57.6k (default) 1,200 to 115.2k tx (binary output) rx (binary input) up to 6.8 mhz do (nmea / binary output) di (nmea / binary input) spi clk (clock - input) spi cs (chip select - input) up to 400 kbps i2c dio (nmea / binary input / output) i2c clk (clock - input) performance channels correlators frequency sensitivity 1) tracking navigation acquisition (cold start) position accuracy 2) (horizontal) time to first fix hot start 2) warm start 2) cold start 2) high availability and coverage; improved ttff in weak signal environments keeps module in a state of readiness for rapid navigation (hot start) detects and removes up to 8 in-band jammers with minimal loss of sensitivity embedded extended ephemeris (sirfinstantfix1) and ephemeris push support prepared to use additional sensor information for improved navigation prepared to store configuration and calibration data and to allow firmware updates highlights sirfnav tm sirfaware tm jammer remover technology a-gps mems 12c interface flash-based design your partner communication uart - nmea (default) nmea message switchable baud rate switchable por ts uart - sirf specific ssb/osp sirfbinary protocol open socket protocol baud rate switchable por ts spi - nmea/sirf specific (in preparation for a/b) clock por ts i2c - nmea/sirf specific (in preparation for b) clock por ts 48 ~ 400,000 li C 1,575 mhz - 163 dbm - 160 dbm - 148 dbm < 2.5 m cep (autonomous) < 2.0 m cep sbas < 1 s < 32 s < 35 s vincotech gmbh biberger stra?e 93 82008 unterhaching/germany phone +49 (0)89 8780 67-0 e-mail gps@vincotech.com www.vincotech.com/a2100 gps solutions for many applications the information provided herein is believed to be reliable at press time. vincotech assumes no responsibility for inaccuracies or omission. vincotech assumes no responsibility for the use of this information, and all such information shall be entirely at the users own risk. prices and specifications are subject to change without notice. vincotech does not authorize or warrant any of its products for use in life support devices and/or systems. with the mission to support our customers in implementing gps functionality into their systems, vincotech is offering a distinct product portfolio to address a wide area of applications. these range from traditional telematics solutions to latest highly integrated consumer devices, all of them having their special requirements towards a gps module. based on sirfstariii and now also sirfstariv chip sets, vincotech gps module solutions address different specific needs and combine high performance, low power consumption, and simplified integration effort. our modules comply with the rohs standard and are 100% electrically and functionally tested prior to packaging, thereby assuring the guarantee of the highest quality products. gps receiver and antenna modules (shown in actual size) sirfstariv sirfstariii a1084 a1088-a a1035-h a1035-d telematics unit with a2100 inside a1091 a2100


▲Up To Search▲   

 
Price & Availability of A2100-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X