Part Number Hot Search : 
24C04W APTGT ES211 NJM2534L SNA31 1N957 11AA020 01005
Product Description
Full Text Search
 

To Download 31642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip line temp class 130c 1. inductance: @ 0.1 vrms, 10 khz, 1-3-2-4 = 900.6 to 995.4 h 2. leakage inductance: @ 0.1 vrms, 100 khz 1-3-2-4 w/ 10-8-9-7 shorted = 10 h max 3. iwc: 1-3-2-4 to 10-8-9-7 @ 100 khz, 0.1vrms = 25 pf max 4. turns ratio: 10-8 : 9-7 : 1-3 : 2-4 = 1:1:1.40:1.40 2% 5. dc resistance: ohms 1-3, 2-4 = 0.90 max 10-8, 9-7 = 0.70 max 6. longitudinal balance: @ 100 khz, 10-8-9-7, 100 ohm input = 60 db min @100khz,1-3-2-4, 196 ohm input = 60 db min 7. dielectric strength: 1500 vac, 1 minute (1800 vac, 1 second schott production test) 1-3-2-4 to 10-8-9-7 all windings to core 8. harmonic distortion: @ 100 khz, 10-8-9-7, 100 ohm input 15v p-p = -80 db max @ 100 khz, 1-3-2-4, 196 ohm input, 15v p-p = -80 db max transformer, adsl central office .010 .02 angle 3 place 2 place unless otherwise noted tolerances 31642 3 1 end page rev part number + - + - + - title specifications 1 3 2 4 9 7 8 10 wayzata, mn 55391 corporation schott 1000 parkers lake road schott 31642 yyww inches (mm) .560 max (14.22) .560 max (14.22) .475 max (12.07) .606 (15.39) .100 (2.54) 1 5 6 10 .100 (2.54) .035 (0.89) ref pwb layout .71 (18.03) .063 (1.60) pins: .016 x .028 (0.40 x 0.70) .680.010 (17.27) note: coplanarity of .004 across all leads


▲Up To Search▲   

 
Price & Availability of 31642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X