temp class 130c 1. inductance: @ 100 mvrms, 1 khz 1-3, 4-6, @ 0 dc = 3.8 to 4.2 mh @ 60 madc = 3.8 mh min 2. leakage inductance: @ 100 khz, 100 mvrms 1-3 tie 4-6 = 30 h max 3. iwc: @ 100 khz, 100 mvrms 1-4 = 100 pf max 4. dc resistance: ohms 1-3 = 4-6 = 4 max 1-3 = 4-6 within 2% 5. hipot: 850 vdc, 1 minute, (1000 vdc, 1 second, schott production test) 1 to 4 inductor, 4 mh pots low pass filter 31629 part number title specifications 1 3 6 4 nc2 wayzata, mn 55391 corporation schott 1000 parkers lake road 1 2 3 6 5 4 .60 max (15.24) .150 typ (3.81) .550 (13.97) .80 max (20.32) .41 max (10.4) .110 min (2.79) schott 31629 yyww label inches (mm) pins: .020 x .043 (0.51 x 1.1) ? 2000 schott corporation all statements and technical information contained herein are believed to be accurate, but the accuracy and completeness thereof is not guaranteed. ?schott? is a trade mark of schott corporation. all other trade marks and trade names are the property of their respective holders.
|