Part Number Hot Search : 
D6433 TP3006 A41181 MS8GE B2012 XC6216C 8L05A SI7392DP
Product Description
Full Text Search
 

To Download 300512T24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the 3000lp series is a family of compact 25w to 30w, high performance dc/dc converters. these converters are specifically designed to provide the flexibility, power density, and reliability required to fulfill local power needs in applications ranging from telecom switch systems to portable instrumentation. 24 models operate over 2:1 input ranges of 9 to 18, 18 to 36 or 36 to 72 vdc; providing single, dual or triple output combinations of 5, 12, 15, 5, 12, 15, 512 and 515 vdc. all models are packaged in compact, low profile 3.0 x 2.56 x 0.4 metal cases. d d e e s s c c r r i i p p t t i i o o n n s s 3000lp series ? ? 6 6 s s i i d d e e d d c c o o n n t t i i n n u u o o u u s s s s h h i i e e l l d d i i n n g g ? ? s s y y n n c c h h r r o o n n i i z z a a t t i i o o n n a a n n d d o o u u t t p p u u t t t t r r i i m m ? ? w w i i d d e e 2 2 : : 1 1 i i n n p p u u t t v v o o l l t t a a g g e e r r a a n n g g e e ? ? e e f f f f i i c c i i e e n n c c y y t t o o 8 8 2 2 % % ? ? u u l l 1 1 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? c c s s a a 2 2 2 2 . . 9 9 - - 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? v v d d e e / / e e n n 6 6 0 0 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? > > 6 6 0 0 0 0 , , 0 0 0 0 0 0 h h o o u u r r s s m m t t b b f f f f e e a a t t u u r r e e s s i i n n p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s o o u u t t p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments input voltage range 12 vdc input models vdc 24 vdc input models vdc 48 vdc input models vdc over voltage shutdown 12 vdc input models vdc 24 vdc input models vdc 48 vdc input models vdc remote on / off control supply on 5.5 vdc or open circuit supply off 0 vdc to 0.8 vdc logic referenced to negative input reverse polarity input current amp input filter pi filter input fuse rating see model selection guide unit/comments % 1 % 1 % 1 % 1 ; g case only %; equal output loads mv; equal output loads full load % 2 % 2 % 2 % 2 % 3 % 3 ; equal loads % 3 % 3 ; equal loads mv; p-p, nom.line fl, 20mhz b.w. using 1 f bypass capacitor % of vout continuous, auto- matic recovery s to within1% error band for 50% step load change % per o c min typ max 1.0 1.0 5.0 5.0 2.0 100 10% 0.5 1.0 0.2 5.0 0.5 1.0 1.0 2.0 75 1 100 0.01 single, dual, triple output dc/dc converter min 9 18 36 typ 12 24 48 20 40 74 max 18 36 72 12 g g e e n n e e r r a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments switching frequency khz isolation voltage vdc, 1 minute isolation resistance mohm, 500vdc isolation capacitance pf, 100khz, 1volt mtbf (mil-hbk-217f) single and dual outputs thousand hours, +25 o c, ground benign triple outputs thousand hours, +25 o c, ground benign min 100 1000 1000 685 570 typ 190 max output voltage accuracy single & dual outputs triple outputs - primary - auxiliaries output voltage adjustment voltage balance: dual outputs triple outputs (auxiliaries) minimum load line regulation single outputs dual outputs triple outputs - primary - auxiliaries load regulation single outputs dual outputs triple outputs - primary - auxiliaries ripple/noise 5v outputs 12v and 15v outputs short circuit protection transient recovery time temperature coefficient over voltage protection 1 = output voltage at nominal line & fl 2 = % output voltage measured from min. input line to maximum 3 = output voltage measured from fl to 10% load see model selection guide >> b-200 www.make-ps.com e-mail:info@make-ps.com
e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t l l i i n n e e d d r r a a w w i i n n g g p p h h y y s s i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments 2.56 x 3.0 x 0.4 inches (65.0 x 76.2 x 10.2 mm) coated metal with non- conductive base negative input positive input ul94v-0 142 grams case size case material shield connection 12v and 24v input models 48v input models flammability weight unit/comments o c; ambient o c; case temp. o c % humidity; non- condensing free-air convection operating temp. range thermal shutdown protection storage temp. range relative humidity cooling min -40 -40 typ +95 max +75 +125 95 notes: 1. unless otherwise specified dimensions are in inches (mm). tolerances inches mm x.xx = 0.02 x.x = 0.5 x.xxx= 0.010 x.xx = 0.25 2. mounting inserts: 4-40 x .10 (2.5) deep 0.50 (12.7) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 2.56 (65.0) 0.20 (5.1) 0.040.005 (1.01) dia. bottom 10 9 8 7 6 5 4 3 2 1 0.30 (7.6) 3.00 (76.2) side 0.70 (17.8) 0.40 (10.2) 1.00 (25.4) 0.40 (10.2) c c a a s s e e g g c c a a s s e e g g - - 1 1 p p i i n n o o u u t t c c h h a a r r t t ; ; c c a a s s e e g g pin 1 2 3 4 5 6 7 8 9 10 single remote on/off + vin - vin sync +sense/trim(down)* output trim - sense/trim (up)* + vout* - vout* no pin dual remote on/off + vin - vin sync + vout common - vout output trim no pin no pin triple remote on/off + vin - vin sync + vout (aux) common(aux) - vout + vout (primary) - vout (primary) output trim (primary) * connections for single output models without sensing or external trimming: for proper operation, externally connect pin 5 (+sense) to pin 8 (+vout) and pin 7 (-sense) to pin 9 (-vout) 0.30 (7.6) 0.30 (7.6) 1.25 (31.75) 0.72 (18.3) 0.40 (10.2) 0.60 (15.2) see note 2 0.02 min. (0.5) p p i i n n o o u u t t c c h h a a r r t t ; ; c c a a s s e e g g - - 1 1 pin 1 2 3 4 5 6 7 8 9 10 single remote on/off no pin input* input* nc nc nc - vout + vout output trim dual remote on/off no pin input* input* nc - vout output common output common + vout output trim triple remote on/off no pin input* input* nc - vout (aux) + vout (aux) output common + output (primary) output trim (primary) * for 12v and 24v input models, pin 3 is minus (-) and pin 4 is plus (+). for 48v models, pin 3 is (+) and pin 4 is minus (-). 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.48 (12.2) 6 7 8 9 10 5 4 3 2 1 0.50 (12.7) 0.50 (12.7) 3.00 (76.2) 1.25 (31.75) 0.40 (10.2) 0.02 min. (0.5) side 2.56 (65.0) bottom see note 2 0.040.005 (1.01) dia. 0.25 (6.35) 0.25 (6.4) 1.25 (31.75) 0.48 (12.2) all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. >> b-201 www.make-ps.com e-mail:info@make-ps.com
h h o o w w t t o o o o r r d d e e r r 30 xx d xx output voltage h h o o w w t t o o o o r r d d e e r r m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t model nominal input voltage (vdc) output voltage (vdc) full load output current (ma) no load input current (ma) full load input current (ma) output over voltage (vdc) fuse (a) efficiency @fl (%) output configuration (s=single, d=dual, t=triple) wattage nominal input voltage 3005s12 3012s12 3015s12 3005d12 3012d12 3015d12 3005s24 3012s24 3015s24 3005d24 3012d24 3015d24 3005s48 3012s48 3015s48 3005d48 3012d48 3015d48 3005/12t12 3005/15t12 3005/12t24 3005/15t24 3005/12t48 3005/15t48 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 12 12 24 24 48 48 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5, 12 5, 15 5, 12 5, 15 5, 12 5, 15 5000 2000 1650 2500 1000 830 6000 2500 2000 3000 1250 1000 6000 2500 2000 3000 1250 1000 2500, 500 2500, 400 3000, 625 3000, 500 3000, 625 3000, 500 55 55 55 55 55 50 50 50 50 50 50 50 50 40 40 40 40 40 60 60 55 55 45 45 2670 2560 2640 2770 2560 2670 1560 1560 1560 1560 1560 1560 762 762 762 762 762 760 2610 2610 1560 1560 770 762 6.5 15.0 18.0 6.5 15.0 18.0 6.5 15.0 18.0 6.5 15.0 18.0 6.5 15.0 18.0 6.5 15.0 18.0 6.5, 15.0 6.5, 18.0 6.5, 15.0 6.5, 18.0 6.5, 15.0 6.5, 18.0 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 1.5 1.5 1.5 1.5 1.5 1.5 5.0 5.0 3.0 3.0 1.5 1.5 78 78 78 75 78 78 80 80 80 80 80 80 82 82 82 82 82 82 78 78 80 80 81 82 >> b-202 www.make-ps.com e-mail:info@make-ps.com


▲Up To Search▲   

 
Price & Availability of 300512T24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X