Part Number Hot Search : 
TDL2A BA7757 5640B 072180 KRA117S ATC504L RC1585 TDL2A
Product Description
Full Text Search
 

To Download 2SK3377 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic www.kexin.com.cn 1 mosfet smd type 2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1gate 2drain 3source mos field effect transistor 2SK3377 features low on-resistance r ds(on)1 =44m max. (v gs =10v,i d =10a) r ds(on)2 =78m max. (v gs =4.0v,i d =10a) low c iss :c iss = 760 pf typ. built-in gate protection diode absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 60 v gate to source voltage v gss 20 v i d 20 a i dp * 50 a power dissipation t c =25 30 t a =25 1.0 channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10 s,duty cycle 1% drain current p d w electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds =60v,v gs =0 10 a gate leakage current i gss v gs = 20v,v ds =0 10 a gat cutoff voltage v gs(off) v ds =10v,i d =1ma 1.5 2.0 2.5 v forward transfer admittance y fs v ds =10v,i d =10a 5 10 s r ds(on)1 v gs =10v,i d =10a 35 44 m r ds(on)2 v gs =4.0v,i d =10a 54 78 m input capacitance c iss 760 pf output capacitance c oss 150 pf reverse transfer capacitance c rss 71 pf turn-on delay time t on 13 ns rise time t r 170 ns turn-off delay time t off 43 ns fall time tf 34 ns total gate charge q g 17 nc gate to source charge q gs 3.0 nc gate to drain charge q gd 4.7 nc v ds =10v,v gs =0,f=1mhz i d =10a,v gs(on) =10v,r g =10 ,v dd =30v drain to source on-state resistance i d =20 a, v dd =48v,v gs =10v


▲Up To Search▲   

 
Price & Availability of 2SK3377

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X